Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLC417AJP Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC417AJP
Description  Dual Low-Power, Programmable Gain Buffer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC417AJP Datasheet(HTML) 4 Page - National Semiconductor (TI)

  CLC417AJP Datasheet HTML 1Page - National Semiconductor (TI) CLC417AJP Datasheet HTML 2Page - National Semiconductor (TI) CLC417AJP Datasheet HTML 3Page - National Semiconductor (TI) CLC417AJP Datasheet HTML 4Page - National Semiconductor (TI) CLC417AJP Datasheet HTML 5Page - National Semiconductor (TI) CLC417AJP Datasheet HTML 6Page - National Semiconductor (TI) CLC417AJP Datasheet HTML 7Page - National Semiconductor (TI) CLC417AJP Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
http://www.national.com
4
CLC417 Typical Performance Characteristics (Vcc = ±5V, Av = +2, R
L = 100Ω
Ω; unless specified)
CLC417 OPERATION
Description
The CLC417 is a dual current feedback buffer with the
following features:
s
Gains of +1, -1, and 2 are achievable without
external resistors
s
Differential gain and phase errors of 0.01%
and 0.03° into a 150
Ω load
s
Low, 3.9mA, supply current per amplifier
The convenient 8-pin package and internal resistors
make common applications, like that seen on the front
page, easily feasible in a limited amount of space. The
professional video quality differential gain and phase
errors and low power capabilities of the CLC417 make
this product a good choice for video applications.
If gains other than +1, -1, or +2V/V are required, then the
CLC416 can be used.
The CLC416 is a dual current
feedback amplifier with near identical performance, and
allows for external feedback and gain resistors.
Closed Loop Gain Selection
Gains of +1, +2, and -1V/V can be achieved by both of
the CLC417’s amplifiers. Implement the gain selection
by connecting the inverting (-IN) and non-inverting (+IN)
pins as described in the table below.
The gain accuracy of the CLC417 is excellent and
stable over temperature. The internal feedback and gain
setting resistors, Rf and Rg, are diffused silicon resistors.
Rf and Rg have a process variation of ±20% and a
temperature coefficient of ~ 2000ppm/°C. Although the
absolute values of Rf and Rg change with processing and
temperature, their ratio (Rf/Rg) remains constant. If an
external resistor is used in series with Rg, gain accuracy
over temperature will be impacted by temperature coeffi-
cient differences between internal and external resistors.
Non-Inverting Unity Gain Considerations
Gains of +1V/V are obtained by removing all resistive
and capacitive connections between the inverting
pins and ground on the CLC417 amplifiers. Too much
capacitive coupling between the inverting pin and ground
may cause stability problems. Minimize this capacitive
coupling by removing the ground plane near the
input and output pins. The response labeled
open in
Figure 1 is the result of the inverting pin left open and all
capacitive coupling removed. A flatter response can be
obtained
by
inserting
a
resistor
between
the
inverting and non-inverting pins as shown in Figure 2.
The two remaining plots in Figure 1 illustrate a 300
resistor and a short connected between pins 2 and 3 of
the CLC417.
Figure 1: Frequency Response vs.
Unity Gain Configuration
Figure 2: Optional Unity Gain Configuration
PSRR and CMRR
10k
100k
1M
Frequency (Hz)
10M
100M
60
50
40
30
20
10
PSRR
CMRR
Typical DC Errors vs. Temperature
Temperature (
°C)
6
5
4
1
-50
0
100
3
2
IBN
1
0
-1
-2
-3
50
IBI
VIO
Power Derating Curves
Ambient Temperature (
°C)
0.8
1.0
0.6
0
0
20
40
60
80
100
120 140
160 180
0.4
0.2
AJE
AJP
Frequency (MHz)
1
100
Short
10
Open
R = 300
250
250
250
250
SMA
Input1
Rin
50
R
SMA
Output1
Rout
50
NOTE: The same technique can also
be applied to Channel B. Bypass
capacitors not shown.
Gain
Input Connections
Av
+IN
-IN
-1V/V
ground
input signal
+1V/V
input signal
NC (open)
+2V/V
input signal
ground


Similar Part No. - CLC417AJP

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC410 NSC-CLC410 Datasheet
519Kb / 8P
   Fast Settling, Video Op Amp with Disable
logo
Texas Instruments
CLC410 TI1-CLC410 Datasheet
559Kb / 16P
[Old version datasheet]   Fast Settling, Video Op Amp
logo
National Semiconductor ...
CLC411 NSC-CLC411 Datasheet
640Kb / 8P
   High-Speed Video Op Amp with Disable
logo
Texas Instruments
CLC411 TI1-CLC411 Datasheet
620Kb / 14P
[Old version datasheet]   High Speed Video Op Amp with Disable
logo
National Semiconductor ...
CLC411A8B NSC-CLC411A8B Datasheet
640Kb / 8P
   High-Speed Video Op Amp with Disable
More results

Similar Description - CLC417AJP

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC5632 NSC-CLC5632 Datasheet
202Kb / 19P
   Dual, High Output, Programmable Gain Buffer
CLC5612 NSC-CLC5612 Datasheet
304Kb / 18P
   Dual, High Output, Programmable Gain Buffer
LMH6718 NSC-LMH6718 Datasheet
846Kb / 16P
   Dual, High Output, Programmable Gain Buffer
logo
Renesas Technology Corp
HFA1412 RENESAS-HFA1412 Datasheet
738Kb / 13P
   Quad, 350MHz, Low Power, Programmable Gain Buffer Amplifier
January 23, 2006
logo
National Semiconductor ...
CLC407 NSC-CLC407 Datasheet
328Kb / 8P
   Low-Cost, Low-Power Programmable Gain Buffer with Disable
logo
Intersil Corporation
HFA1412 INTERSIL-HFA1412_06 Datasheet
330Kb / 13P
   Quad, 350MHz, Low Power, Programmable Gain Buffer Amplifier
logo
Renesas Technology Corp
HFA1112 RENESAS-HFA1112 Datasheet
814Kb / 14P
   850MHz, Low Distortion Programmable Gain Buffer Amplifiers
logo
Intersil Corporation
HFA1112 INTERSIL-HFA1112 Datasheet
243Kb / 14P
   850MHz, Low Distortion Programmable Gain Buffer Amplifiers
HFA1112IPZ INTERSIL-HFA1112IPZ Datasheet
488Kb / 14P
   850MHz, Low Distortion Programmable Gain Buffer Amplifiers
HFA1112 INTERSIL-HFA1112_05 Datasheet
481Kb / 14P
   850MHz, Low Distortion Programmable Gain Buffer Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com