Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

03450621H Datasheet(PDF) 3 Page - Littelfuse

Part # 03450621H
Description  345 HV Series Panel Mount Enclosed Fuse Holders
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

03450621H Datasheet(HTML) 3 Page - Littelfuse

  03450621H Datasheet HTML 1Page - Littelfuse 03450621H Datasheet HTML 2Page - Littelfuse 03450621H Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
© 2017 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 12/19/17
Enclosed Fuseholders > Panel Mounted > Circuit Board Mounted
Cartridge Fuse Holders
Ordering Information
RoHS
Pb
Ordering
Part Number
Catalog
Number
Fuse Size
Packing
03450101H
345 101
¼” × 1¼” Fuses
Bulk (100 pieces)
03450121H
345 121
5 × 20mm Fuses
Bulk (100 pieces)
Body only:
03450101HX010
Knob only:
03450101HX020 (¼” × 1¼”) Grey;
03450121HX020 (5 × 20mm) Black.
Dimensions
1.77"
[45.0]
.49"
[12.5]
.040"
[1.0]
.056" [1.4]
DIA.
.48" [12.2]
.12" [3.1]
.68"
[17.3]
.44" [11.2]
.20" [5.1]
.24" [6.1]
.598"
[15.2]
.602"
[15.3]
.698"
[17.7]
.702"
[17.8]
.242" [6.2]
.246" [6.3]
Compatible Fuse
Types
3AG
3AB
5×20mm
Description
Similar to our Shock-Safe panel mount fuseholders, this
series is designed per IEC Standards 60127-6. Two different
knob styles available are available for use with 3AG and 3AB
(¼” × 1¼”) or 5 × 20mm fuses.
Electrical
Insulation Resistance: 10,000 megohm minimum at 500 VDC.
Contact Resistance: Less than .005 ohm average at a current
of one ampere.
Dielectric Strength
4000 volts minimum.
Mounting: Intended for soldering to printed circuit boards.
Molded Parts
Body Material: Black glass-filled thermoplastic (UL 94V0).
Knob
Screwdriver slot, fuse extractor type with nickel-plated, copper
alloy insert. Spring-loaded, bayonet style.
Knob Material: Grey or Black glass-filled thermoplastic (UL94
V-0)
Terminals
Brass. Tin-plated.
Ambient Temperature –40ºC to +85ºC.
Product Characteristics
* Please refer to Fuseology section for information on proper fuseholder re-rating.
345 HV Series Shock Safe Circuit Board Mount Enclosed Fuse Holders
Agency
Agency File Number
E14721
7316
133923
Agency Approvals
Application testing is strongly recommended.


Similar Part No. - 03450621H

ManufacturerPart #DatasheetDescription
logo
Littelfuse
03450621H LITTELFUSE-03450621H Datasheet
719Kb / 3P
   345 HV Series Panel Mount Enclosed Fuse Holders/345 HV Series Shock Safe Circuit Board Mount Enclosed Fuse Holders
Revised: 12/10/19
More results

Similar Description - 03450621H

ManufacturerPart #DatasheetDescription
logo
Littelfuse
03450601H LITTELFUSE-03450601H_V01 Datasheet
719Kb / 3P
   345 HV Series Panel Mount Enclosed Fuse Holders/345 HV Series Shock Safe Circuit Board Mount Enclosed Fuse Holders
Revised: 12/10/19
345 LITTELFUSE-345 Datasheet
779Kb / 3P
   345 Series Shock-Safe Panel Mount Enclosed Fuse Holders
03453LS7HXLNP LITTELFUSE-03453LS7HXLNP_V01 Datasheet
658Kb / 3P
   345 Series Shock-Safe Panel Mount Enclosed Fuse Holders
Revised: 01/31/20
80000000005 LITTELFUSE-80000000005 Datasheet
929Kb / 2P
   800/801/802/803 Series Panel Mount Enclosed Fuse Holders
Revised: 12/16/19
logo
Eaton All Rights Reserv...
HKP EATON-HKP Datasheet
184Kb / 2P
   Panel-mount fuse holders
logo
Littelfuse
05710027L LITTELFUSE-05710027L_V01 Datasheet
286Kb / 1P
   571 & 572 SERIES PANEL-MOUNT FUSE HOLDERS
Rev: 032122
83000000005 LITTELFUSE-83000000005 Datasheet
868Kb / 2P
   830/831/834 Series Circuit Board Mount Enclosed Fuse Holders
Revised: 02/13/18
652 LITTELFUSE-652_V01 Datasheet
514Kb / 1P
   652 Series Circuit Board Mount Enclosed Fuse Holders for 5횞20mm Fuses
Revised: 12/19/13
58300000005 LITTELFUSE-58300000005 Datasheet
615Kb / 1P
   596/583 Series Circuit Board Mount Enclosed Fuse Holders for 5횞20mm Fuses
Revised: 06/04/15
logo
Cooper Bussmann, Inc.
HBH-I COOPER-HBH-I Datasheet
258Kb / 2P
   Fuse Holders
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com