Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CEM8206 Datasheet(PDF) 4 Page - Chino-Excel Technology

Part No. CEM8206
Description  Dual N-Channel Enhancement Mode Field Effect Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CET [Chino-Excel Technology]
Homepage  http://www.cetsemi.com
Logo 

CEM8206 Datasheet(HTML) 4 Page - Chino-Excel Technology

   
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Figure 5. Gate Threshold Variation
with Temperature
Figure 6. Breakdown Voltage Variation
with Temperature
Figure 7. Transconductance Variation
with Drain Current
IDS, Drain-Source Current (A)
Figure 9. Gate Charge
Qg, Total Gate Charge (nC)
Figure 10. Maximum Safe
Operating Area
VDS, Drain-Source Voltage (V)
Figure 8. Body Diode Forward Voltage
Variation with Source Current
VSD, Body Diode Forward Voltage (V)
Tj, Junction Temperature ( C)
Tj, Junction Temperature ( C)
5-76
5
CEM8206
1.60
1.40
1.20
1.00
0.60
0.80
0.40
-50 -25
0
25
50
75
100 125 150
VDS=VGS
ID=250 A
-50 -25
0
25
50
75 100 125 150
1.15
1.10
1.05
1.00
0.95
0.90
0.85
ID=250 A
4
5
3
2
1
0
02
46
8
10
12
14
16
VDS=4.5V
ID=6A
25
20
15
10
30
0
0
3
6
9
12
15
5
VDS=10V
10
10
-1
10
10
1
0
1
10
-2
10
0
10
1
10
-1
10s
1ms
TA=25 C
Single Pulse
Tj=150 C
RDS(ON
)L
im
it
D
C
100ms
1s
10
ms
50
10
1
0.1
0.4
0.6
0.8
1.0
1.2


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn