Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CEM8206 Datasheet(PDF) 2 Page - Chino-Excel Technology

Part No. CEM8206
Description  Dual N-Channel Enhancement Mode Field Effect Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CET [Chino-Excel Technology]
Homepage  http://www.cetsemi.com
Logo 

CEM8206 Datasheet(HTML) 2 Page - Chino-Excel Technology

   
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
CEM8206
ELECTRICAL CHARACTERISTICS (TA=25 C unless otherwise noted)
Parameter
Symbol
Condition
Min Typ Max Unit
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS =0V, ID =250
µA
20
V
Zero Gate Voltage Drain Current
IDSS
VDS = 20V, VGS =0V
1
µA
Gate-Body Leakage
IGSS
VGS = 12V, VDS =0V
100
ON CHARACTERISTICS
b
Gate Threshold Voltage
VGS(th)
VDS =VGS,ID = 250
µA
0.5
1.5
V
Drain-Source On-State Resistance
RDS(ON)
VGS =4.5V, ID =6.0A
17
20
m
VGS = 2.5V, ID = 5.2A
23
30
m
On-State Drain Current
ID(ON)
VDS =5V, VGS = 4.5V
10
16
7
A
S
Forward Transconductance
FS
g
VDS =10V, ID =6.0A
DYNAMIC CHARACTERISTICS
c
Input Capacitance
CISS
CRSS
COSS
Output Capacitance
Reverse Transfer Capacitance
VDS =8V, VGS =0V
f =1.0MHZ
950
P
F
450
P
F
P
F
135
SWITCHING CHARACTERISTICS
c
Turn-On Delay Time
Rise Time
Turn-Off Delay Time
tD(ON)
tr
tD(OFF)
tf
VDD =10V,
ID =1A,
VGS = 4.5V,
RGEN =6
20
40
ns
ns
ns
ns
20
40
72
130
20
40
Total Gate Charge
Gate-Source Charge
Gate-Drain Charge
Qg
Qgs
Qgd
VDS =10V, ID = 6A,
VGS =4.5V
15
20
nC
nC
nC
3.4
1.2
C
Fall Time
5-74
5
nA


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn