Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JFCW48D15-10GH Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # JFCW48D15-10GH
Description  10 Watt DC/DC Power Converters
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

JFCW48D15-10GH Datasheet(HTML) 2 Page - Wall Industries,Inc.

  JFCW48D15-10GH Datasheet HTML 1Page - Wall Industries,Inc. JFCW48D15-10GH Datasheet HTML 2Page - Wall Industries,Inc. JFCW48D15-10GH Datasheet HTML 3Page - Wall Industries,Inc. JFCW48D15-10GH Datasheet HTML 4Page - Wall Industries,Inc. JFCW48D15-10GH Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Rev B
JFCW10 SERIES
10 Watt DC/DC Power Converters
10/31/2014
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 2 of 5
TECHNICAL SPECIFICATIONS: JFCW10 SERIES
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
INPUT SPECIFICATIONS
Input Voltage Range
24VDC nominal input models
9
24
36
VDC
48VDC nominal input models
18
48
75
Start-Up Voltage
24VDC nominal input models
9
VDC
48VDC nominal input models
18
Shutdown Voltage
24VDC nominal input models
8
VDC
48VDC nominal input models
16
Input Surge Voltage (1sec, max.)
24VDC nominal input models
50
VDC
48VDC nominal input models
100
Input Reflected Ripple Current
30
mAp-p
Input Current
No Load
See Table
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Voltage Accuracy
-1.0
+1.0
%
Line Regulation
Low line to high line at full load
Single Output Models
-0.2
+0.2
%
Dual Output Models
-0.5
+0.5
Load Regulation
No load to full load
Single Output Models
-0.2
+0.2
%
Dual Output Models
-1.0
+1.0
10% load to 90% load
Single Output Models
-0.1
+0.1
%
Dual Output Models
-0.8
+0.8
Cross Regulation (Dual Output Models)
Asymmetrical load 25% / 100% FL
-5.0
+5.0
%
Voltage Adjustability (See Note 1)
Single Output Models
3.3V & 12V Output Models
-10
+10
%
Others
-10
+20
Output Power
Rated
10
W
With Trim up 10%
11
With Trim up 20%
12
Output Current
See Table
Minimum Load
0
%
Maximum Capacitive Load
Minimum input and constant resistive load
See Table
Ripple & Noise (20MHz BW)
With 10µF/25V X7R 1206 MLCC
3.3V & 5V Output Models
40
mVp-p
With 10µF/25V X7R 1206 MLCC
12V & 15V Output Models
60
With 1µF/50V X7R 1206 MLCC
24V Output Models
60
With 10µF/25V X7R 1206 MLCC for each output ±5V Output Models
40
With 10µF/25V X7R 1206 MLCC for each output ±12V & ±15V Output Models
60
Transient Response Recovery Time
25% load step change
250
µs
Start-Up Time
Nom. input and constant resistive load
Power Up
30
ms
Remote ON/OFF
30
Temperature Coefficient
-0.02
+0.02
%/°C
PROTECTION
Short Circuit Protection
continuous, automatic recovery
Over Load Protection
% of rated full load at nominal input
150
%
Over Voltage Protection
Zener diode clamp
3.3V Output Models
3.7
5.4
VDC
5V Output Models
6.3
7.4
12V Output Models
13.5
19.6
15V Output Models
18.3
22.0
24V Output Models
29.1
32.5
GENERAL SPECIFICATIONS
Efficiency
Nominal input voltage and full load
See Table
Switching Frequency
3.3V & 5V Output Models
297
330
363
kHz
Isolation Voltage
1 minute
Input to Output
1600
VDC
Input to Case
1000
Output to Case
1000
Isolation Resistance
500VDC
1
Isolation Capacitance
1500
pF


Similar Part No. - JFCW48D15-10GH

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JFCW48D15-1000D WALL-JFCW48D15-1000D Datasheet
863Kb / 11P
   Up to 15 Watts DC/DC Converter Single Output
JFCW48D15-1000F WALL-JFCW48D15-1000F Datasheet
863Kb / 11P
   Up to 15 Watts DC/DC Converter Single Output
JFCW48D15-1000G WALL-JFCW48D15-1000G Datasheet
863Kb / 11P
   Up to 15 Watts DC/DC Converter Single Output
JFCW48D15-1000HS WALL-JFCW48D15-1000HS Datasheet
863Kb / 11P
   Up to 15 Watts DC/DC Converter Single Output
JFCW48D15-1000R WALL-JFCW48D15-1000R Datasheet
863Kb / 11P
   Up to 15 Watts DC/DC Converter Single Output
More results

Similar Description - JFCW48D15-10GH

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCHUB10H WALL-DCHUB10H Datasheet
350Kb / 4P
   10 Watt DC/DC Power Converters
DCMJU10 WALL-DCMJU10 Datasheet
157Kb / 6P
   10 Watt DC/DC Power Converters
JFC10 WALL-JFC10 Datasheet
160Kb / 5P
   10 Watt DC/DC Power Converters
JRW WALL-JRW Datasheet
347Kb / 5P
   10 Watt DC/DC Power Converters
DCMJU10 WALL-DCMJU10_18 Datasheet
893Kb / 6P
   10 Watt DC/DC Power Converters
JFC10 WALL-JFC10_16 Datasheet
469Kb / 5P
   10 Watt DC/DC Power Converters
JFCW10 WALL-JFCW10 Datasheet
762Kb / 5P
   10 Watt DC/DC Power Converters
DCHUB10H WALL-DCHUB10H_16 Datasheet
449Kb / 4P
   10 Watt DC/DC Power Converters
JR WALL-JR Datasheet
348Kb / 5P
   10 Watt DC/DC Power Converters
logo
AIMTEC
AM10EW-C AIMTEC-AM10EW-C Datasheet
288Kb / 2P
   10 watt dc-dc converters
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com