Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LANCY3-15D24 Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # LANCY3-15D24
Description  3 Watts DC/DC Converter Single and Dual Output
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

LANCY3-15D24 Datasheet(HTML) 3 Page - Wall Industries,Inc.

  LANCY3-15D24 Datasheet HTML 1Page - Wall Industries,Inc. LANCY3-15D24 Datasheet HTML 2Page - Wall Industries,Inc. LANCY3-15D24 Datasheet HTML 3Page - Wall Industries,Inc. LANCY3-15D24 Datasheet HTML 4Page - Wall Industries,Inc. LANCY3-15D24 Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Rev A
LANCY3 SERIES
3 Watts
DC/DC Converter
Single and Dual Output
4/2/2018
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 3 of 5
SPECIFICATIONS
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature
-40
+85
ºC
Humidity
Non Condensing
95
%
Cooling
Free Air Convection
MTBF
MIL-HDBK-217F@25ºC
1,500,000
Hours
GENERAL SPECIFICATIONS
Efficiency
See Table
Switching Frequency
Full Load, Nominal Input
100
KHz
Isolation Resistance
500VDC
1000
M
PHYSICAL SPECIFICATIONS
Weight
0.57oz (16.2g)
Dimensions (L x W x H)
1.24in x 0.79in x 0.43in
(31.6mm x 20.1mm x 11mm)
Case Material
Nickel Coated Copper with Non-Conductive
Base
NOTES
1.
As the input voltage increases, there will be an increase in efficiency.
*Due to advances in technology, specifications subject to change without notice.
DERATING CURVES
Temperature Derating Graph


Similar Part No. - LANCY3-15D24

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
LANCY WALL-LANCY Datasheet
355Kb / 6P
   Wide Input Voltage Ranges
LANCY-05D05 WALL-LANCY-05D05 Datasheet
355Kb / 6P
   Wide Input Voltage Ranges
LANCY-05D09 WALL-LANCY-05D09 Datasheet
355Kb / 6P
   Wide Input Voltage Ranges
LANCY-05D12 WALL-LANCY-05D12 Datasheet
355Kb / 6P
   Wide Input Voltage Ranges
LANCY-05D12R WALL-LANCY-05D12R Datasheet
355Kb / 6P
   Wide Input Voltage Ranges
More results

Similar Description - LANCY3-15D24

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCMFW03 WALL-DCMFW03 Datasheet
296Kb / 5P
   3 Watts DC/DC Converter Single and Dual Output
DCMIE03-HI WALL-DCMIE03-HI Datasheet
336Kb / 6P
   3 Watts DC/DC Converter Single and Dual Output
DCMID03 WALL-DCMID03 Datasheet
319Kb / 5P
   3 Watts DC/DC Converter Single and Dual Output
DCSDW03 WALL-DCSDW03 Datasheet
314Kb / 5P
   Up to 3 Watts DC/DC Converter Single and Dual Output
LANE2 WALL-LANE2 Datasheet
448Kb / 4P
   2 Watts DC/DC Converter Single and Dual Output
DCMIE06-HI WALL-DCMIE06-HI Datasheet
392Kb / 6P
   6 Watts DC/DC Converter Single and Dual Output
DCMD20W WALL-DCMD20W Datasheet
343Kb / 5P
   20 Watts DC/DC Converter Single and Dual Output
MDW WALL-MDW_18 Datasheet
423Kb / 8P
   20 Watts DC/DC Converter Single and Dual Output
RDW15 WALL-RDW15 Datasheet
606Kb / 9P
   15 Watts DC/DC Converter Single and Dual Output
DCMFW02 WALL-DCMFW02 Datasheet
296Kb / 5P
   2 Watts DC/DC Converter Single and Dual Output
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com