Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LANC24-D24W-LNCS Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # LANC24-D24W-LNCS
Description  Up to 5 Watts DC-DC Converter Single and Dual Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

LANC24-D24W-LNCS Datasheet(HTML) 3 Page - Wall Industries,Inc.

  LANC24-D24W-LNCS Datasheet HTML 1Page - Wall Industries,Inc. LANC24-D24W-LNCS Datasheet HTML 2Page - Wall Industries,Inc. LANC24-D24W-LNCS Datasheet HTML 3Page - Wall Industries,Inc. LANC24-D24W-LNCS Datasheet HTML 4Page - Wall Industries,Inc. LANC24-D24W-LNCS Datasheet HTML 5Page - Wall Industries,Inc. LANC24-D24W-LNCS Datasheet HTML 6Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Rev B
LANC-LN SERIES
Up to 5 Watts
DC-DC Converter
Single and Dual Output
11/21/2016
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 3 of 6
SPECIFICATIONS
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
GENERAL SPECIFICATIONS
Efficiency
See Table
Switching Frequency
300
kHz
Isolation Voltage
1 Minute
Input to Output
1600
VDC
Input (Output) to Case
1600
Vout 1 to Vout 2; Only Dual with Output Isolation Models
500
Isolation Resistance
500VDc
1
G
Ω
Isolation Capacitance
1200
pF
PHYSICAL SPECIFICATIONS
Weight
0.52oz (14.8g)
Dimensions (L x W x H)
1.25in x 0.80in x 0.40in
(31.75mm x 20.32mm x 10.16mm)
Case Material
Copper
Base Material
FR4 PCB
Potting Material
Epoxy (UL94 V-0)
Shielding
Six-Sided
SAFETY & EMC CHARACTERISTICS
Safety Approvals
UL60950-1
EN60950-1
IEC60905-1
EMI(2)
EN55022
Class A, Class B
ESD
EN61000-4-2
Air ±8kV and Contact ±6kV
Perf. Criteria A
Radiated Immunity
EN61000-4-3
20 V/m
Perf. Criteria A
Fast Transient(3)
EN61000-4-4
±2kV
Perf. Criteria A
Surge(3)
EN61000-4-5
±2kV
Perf. Criteria A
Conducted Immunity
EN61000-4-6
10 Vr.m.s
Perf. Criteria A
Power Frequency Magnetic Field
EN61000-4-8
100 A/m continuous; 1000A/m 1 second
Perf. Criteria A
NOTES
(1)
Remote ON/OFF referred to as –Vin pin
(2)
The standard modules meet EN55022 Class A without external components.
The standard modules meet EN55022 Class B as follows:
-LANC24xxxW-LN Models: Do not need any external components.
-LANC48xxxW-LN Models: Connect two 4.7µF/100V MLCCs in parallel to input pins.
(3)
An external input filter capacitor is required if the module has to meet EN61000-4-4, EN61000-4-5.
-LANC24xxxW-LN models are recommended to use an aluminum electrolytic capacitor (Nippon chemi-con KY series, 220µF/100V) and a TVS
(SMDJ70A, 70V, 3000 Watt peak pulse power) to connect in parallel.
-LANC48xxxW-LN Models are recommended to use an aluminum electrolytic capacitor (Nippon chemi-con KY series, 220µF/100V) and a TVS
(SMDJ120A, 120V, 3000 Watt peak pulse power) to connect in parallel.
CAUTION: This power module is not internally fused. An input line fuse must always be used.


Similar Part No. - LANC24-D24W-LNCS

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
LANC2405DUW12 WALL-LANC2405DUW12 Datasheet
243Kb / 3P
   Single and Dual Output 12 Watt DC/DC Converter 4:1 Ultra Wide Input Voltage
LANC2405DUW15 WALL-LANC2405DUW15 Datasheet
177Kb / 5P
   15 Watt DC/DC Power Converters
LANC2405DUW15 WALL-LANC2405DUW15 Datasheet
232Kb / 5P
   Single and Dual Outputs
LANC2405DUW8 WALL-LANC2405DUW8 Datasheet
244Kb / 3P
   Single and Dual Output 8 Watt DC/DC Converter 4:1 Ultra Wide Input Voltage
LANC2405DUW8 WALL-LANC2405DUW8 Datasheet
388Kb / 5P
   8 Watt DC/DC Power Converters
More results

Similar Description - LANC24-D24W-LNCS

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCSDW01 WALL-DCSDW01 Datasheet
433Kb / 6P
   Up to 1.08 Watts DC/DC Converter Single and Dual Output
LANE WALL-LANE Datasheet
140Kb / 4P
   Up to 2 Watts DC/DC Converter Single and Dual Output
LANF WALL-LANF Datasheet
126Kb / 3P
   Up to 1.8 Watts DC/DC Converter Single and Dual Output
DCSDW05 WALL-DCSDW05 Datasheet
306Kb / 5P
   Up to 5.04 Watts DC/DC Converter Single and Dual Output
DCSDW03 WALL-DCSDW03 Datasheet
314Kb / 5P
   Up to 3 Watts DC/DC Converter Single and Dual Output
DCLSR01 WALL-DCLSR01 Datasheet
336Kb / 5P
   Up to 15 Watts DC/DC Converter Single Output
JFCW WALL-JFCW Datasheet
863Kb / 11P
   Up to 15 Watts DC/DC Converter Single Output
DCPDL09 WALL-DCPDL09 Datasheet
555Kb / 6P
   Up to 9 Watts DC DC Converter Single and Dual Outputs
DCPDLW09 WALL-DCPDLW09 Datasheet
538Kb / 6P
   Up to 9 Watts DC DC Converter Single and Dual Outputs
DCSDW02 WALL-DCSDW02 Datasheet
310Kb / 5P
   Up to 2.01 Watts DC/DC Converter Single and Dual Outputs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com