Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JFCW48D15-10DH Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # JFCW48D15-10DH
Description  10 Watt DC/DC Power Converters
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

JFCW48D15-10DH Datasheet(HTML) 3 Page - Wall Industries,Inc.

  JFCW48D15-10DH Datasheet HTML 1Page - Wall Industries,Inc. JFCW48D15-10DH Datasheet HTML 2Page - Wall Industries,Inc. JFCW48D15-10DH Datasheet HTML 3Page - Wall Industries,Inc. JFCW48D15-10DH Datasheet HTML 4Page - Wall Industries,Inc. JFCW48D15-10DH Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Rev B
JFCW10 SERIES
10 Watt DC/DC Power Converters
10/31/2014
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 3 of 5
TECHNICAL SPECIFICATIONS: JFCW10 SERIES
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
REMOTE ON/OFF (See Note 4)
Positive Logic (standard)
The CTRL pin is referenced to –Input pin
DC/DC ON
Open or 3V < Vr < 15 VDC
DC/DC OFF
Short or 0V < Vr < 1.2 VDC
Negative Logic (optional)
The CTRL pin is referenced to –Input pin
DC/DC ON
Short or 0V <Vr < 1.2 VDC
DC/DC OFF
Open or 3V < Vr < 15 VDC
Input Current of Remote Control Pin
Nominal Vin
-0.5
1.0
mA
Remote OFF State Input Current
Nominal Vin
2.5
mA
ENVIRONMENTAL SPECIFICATIONS
Operating Ambient Temperature
With derating
-40
+85
°C
Maximum Case Temperature
+105
°C
Storage Temperature
-55
+125
°C
Thermal Impedance (See Note 6)
Natural Convection
Without Heatsink
16.18
°C/W
With Heatsink
15.13
Relative Humidity
5
95
% RH
Thermal Shock
MIL-STD-810F
Vibration
MIL-STD-810F
MTBF
MIL-HDBK-217F Ta=25°C, full load
3,376,000 hours
PHYSICAL SPECIFICATIONS
Weight
0.58oz (16.5g)
Dimensions (L x W x H)
1.00x1.00x0.39 inch (25.4x25.4x9.9 mm)
Case Material
Copper
Base Material
FR4 PCB
Potting Material
Silicon (UL94-V0)
Shielding
Six-sided
SAFETY & EMC CHARACTERISTICS
Safety Approvals
UL60950-1, IEC60950-1, EN60950-1
EMI (See Note 3)
EN55022
Class A, Class B
ESD
EN61000-4-2
Air ±8kV
Contact ±6kV
Perf. Criteria A
Radiated Immunity
EN61000-4-3
10 V/m
Perf. Criteria A
Fast Transient (See Note 2)
EN61000-4-4
±2kV
Perf. Criteria A
Surge (See Note 2)
EN61000-4-5
±1kV
Perf. Criteria A
Conducted Immunity
EN61000-4-6
3 Vrms
Perf. Criteria A
MECHANICAL DRAWING
PIN CONNECTIONS
PRODUCT OPTIONS
PIN
SINGLE
DUAL
OPTION
SUFFIX
1
+INPUT
+INPUT
Positive Logic Remote On/Off
None
2
-INPUT
-INPUT
Negative Logic Remote On/Off
R
3
CTRL
CTRL
Without CTRL Pin
D
4
+OUTPUT
+OUTPUT
Without CTRL and TRIM Pins
G
5
TRIM
COMMON
Positive Logic without TRIM Pin
F
6
-OUTPUT
-OUTPUT
Negative Logic without TRIM Pin
RF
Heatsink
HC
EXTERNAL OUTPUT TRIMMING
Output can be externally trimmed by using the
method shown below
NOTES
1. Unit: inches (mm)
2. Tolerance: X.XX±0.02 (X.X±0.5)
X.XXX±0.01 (X.XX±0.25)
3. Pin Pitch Tolerance: ±0.01 (±0.25)
4. Pin Dimension Tolerance: ±0.004 (±0.1)
5. All dimensions are for reference only


Similar Part No. - JFCW48D15-10DH

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JFCW48D15-1000D WALL-JFCW48D15-1000D Datasheet
863Kb / 11P
   Up to 15 Watts DC/DC Converter Single Output
JFCW48D15-1000F WALL-JFCW48D15-1000F Datasheet
863Kb / 11P
   Up to 15 Watts DC/DC Converter Single Output
JFCW48D15-1000G WALL-JFCW48D15-1000G Datasheet
863Kb / 11P
   Up to 15 Watts DC/DC Converter Single Output
JFCW48D15-1000HS WALL-JFCW48D15-1000HS Datasheet
863Kb / 11P
   Up to 15 Watts DC/DC Converter Single Output
JFCW48D15-1000R WALL-JFCW48D15-1000R Datasheet
863Kb / 11P
   Up to 15 Watts DC/DC Converter Single Output
More results

Similar Description - JFCW48D15-10DH

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCHUB10H WALL-DCHUB10H Datasheet
350Kb / 4P
   10 Watt DC/DC Power Converters
DCMJU10 WALL-DCMJU10 Datasheet
157Kb / 6P
   10 Watt DC/DC Power Converters
JFC10 WALL-JFC10 Datasheet
160Kb / 5P
   10 Watt DC/DC Power Converters
JRW WALL-JRW Datasheet
347Kb / 5P
   10 Watt DC/DC Power Converters
DCMJU10 WALL-DCMJU10_18 Datasheet
893Kb / 6P
   10 Watt DC/DC Power Converters
JFC10 WALL-JFC10_16 Datasheet
469Kb / 5P
   10 Watt DC/DC Power Converters
JFCW10 WALL-JFCW10 Datasheet
762Kb / 5P
   10 Watt DC/DC Power Converters
DCHUB10H WALL-DCHUB10H_16 Datasheet
449Kb / 4P
   10 Watt DC/DC Power Converters
JR WALL-JR Datasheet
348Kb / 5P
   10 Watt DC/DC Power Converters
logo
AIMTEC
AM10EW-C AIMTEC-AM10EW-C Datasheet
288Kb / 2P
   10 watt dc-dc converters
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com