Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LANC24-D15W-LNCS Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # LANC24-D15W-LNCS
Description  Up to 5 Watts DC-DC Converter Single and Dual Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

LANC24-D15W-LNCS Datasheet(HTML) 1 Page - Wall Industries,Inc.

  LANC24-D15W-LNCS Datasheet HTML 1Page - Wall Industries,Inc. LANC24-D15W-LNCS Datasheet HTML 2Page - Wall Industries,Inc. LANC24-D15W-LNCS Datasheet HTML 3Page - Wall Industries,Inc. LANC24-D15W-LNCS Datasheet HTML 4Page - Wall Industries,Inc. LANC24-D15W-LNCS Datasheet HTML 5Page - Wall Industries,Inc. LANC24-D15W-LNCS Datasheet HTML 6Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Rev B
LANC-LN SERIES
Up to 5 Watts
DC-DC Converter
Single and Dual Output
11/21/2016
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 1 of 6
Size: 1.25in x 0.80in x 0.40 in
(31.75mm x 20.32mm x 10.16mm)
OPTIONS
FEATURES
Input Voltage
Output Quantity
Output Voltage
4:1 Ultra Wide Input Range
Output Power Up to 5
Watts
Ultra Low Ripple and Noise
CE Marked
RoHS II & REACH
Compliant
Low Standby Power
Standard 1.25” x 0.80” x 0.40”
Package
Built-In EN55022 Class B Filter
Six Side Shielding
1600VDC Input to Output Isolation
Safety Meets UL60950-1,
EN60950-1, and IEC60950-1
Over Voltage, Over Load, and
Short Circuit Protection
APPLICATIONS
DESCRIPTION
Wireless Network
Telecom/Datacom
Industry Control
System
Measurement
Equipment
Semiconductor
Equipment
The LANC-LN series of DC DC converters provides up to 5 watts
of output power in a compact 1.25” x 0.80” x 0.40” package. This
series consists of single and dual output models with a 4:1 ultra
wide input range. Each model in this series has over voltage, over
load, and short circuit protection and is compliant to RoHS and
REACH. This series has ultra-low ripple and noise as well as low
standby power. The safety of this series meets UL60950-1,
EN60950-1, and IEC60950-1. Please call factory for order details.
MODEL SELECTION TABLE
Single Output Models
Model Number
Input Voltage
Range
Output Voltage
Output Current
@Full Load
Ripple & Noise
No Load
Input Current
Output
Power
Maximum
Capacitive Load
Efficiency
LANC24S3P3W-LN
24VDC
(9~36VDC)
3.3VDC
1515mA
10mVp-p
6mA
Up to 5W
2200µF
81%
LANC24S05W-LN
5VDC
1000mA
6mA
1000µF
83%
LANC24S12W-LN
12VDC
416mA
9mA
220µF
88%
LANC24S15W-LN
15VDC
333mA
10mA
150µF
88%
LANC24S24W-LN
24VDC
208mA
10mA
100µF
89%
LANC48S3P3W-LN
48VDC
(18~75VDC)
3.3VDC
1515mA
10mVp-p
4mA
Up to 5W
2200µF
80%
LANC48S05W-LN
5VDC
1000mA
4mA
1000µF
83%
LANC48S12W-LN
12VDC
416mA
4mA
220µF
86%
LANC48S15W-LN
15VDC
333mA
4mA
150µF
87%
LANC48S24W-LN
24VDC
208mA
6mA
100µF
88%
MODEL SELECTION TABLE
Dual Output Models
Model Number
Input Voltage
Range
Output Voltage
Output Current
Ripple & Noise
No Load
Input Current
Output
Power
Maximum
Capacitive Load
Efficiency
LANC24D05W-LN
24VDC
(9~36VDC)
±5VDC
±500mA
10mVp-p
6mA
Up to 5W
±680µF
84%
LANC24D12W-LN
±12VDC
±208mA
9mA
±150µF
85%
LANC24D15W-LN
±15VDC
±166mA
10mA
±150µF
86%
LANC24D24W-LN
±24VDC
±104mA
10mA
±100µF
87%
LANC24DS05W-LN
Vout1: 5VDC
500mA
6mA
680µF
84%
Vout2: 5VDC
500mA
680µF
LANC24DS12W-LN
Vout1: 12VDC
208mA
9mA
150µF
85%
Vout2: 12VDC
208mA
150µF
LANC24DS15W-LN
Vout1: 15VDC
166mA
10mA
150µF
86%
Vout2: 15VDC
166mA
150µF
LANC24DS24W-LN
Vout1: 24VDC
104mA
10mA
100µF
86%
Vout2: 24VDC
104mA
100µF
LANC48D05W-LN
48VDC
(18~75VDC)
±5VDC
±500mA
10mVp-p
6mA
Up to 5W
±680µF
83%
LANC48D12W-LN
±12VDC
±208mA
4mA
±150µF
85%
LANC48D15W-LN
±15VDC
±166mA
5mA
±150µF
86%
LANC48D24W-LN
±24VDC
±104mA
6mA
±100µF
87%
LANC48DS05W-LN
Vout1: 5VDC
500mA
6mA
680µF
83%
Vout2: 5VDC
500mA
680µF
LANC48DS12W-LN
Vout1: 12VDC
208mA
4mA
150µF
85%
Vout2: 12VDC
208mA
150µF
LANC48DS15W-LN
Vout1: 15VDC
166mA
5mA
150µF
86%
Vout2: 15VDC
166mA
150µF
LANC48DS24W-LN
Vout1: 24VDC
104mA
6mA
100µF
86%
Vout2: 24VDC
104mA
100µF


Similar Part No. - LANC24-D15W-LNCS

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
LANC2405DUW12 WALL-LANC2405DUW12 Datasheet
243Kb / 3P
   Single and Dual Output 12 Watt DC/DC Converter 4:1 Ultra Wide Input Voltage
LANC2405DUW15 WALL-LANC2405DUW15 Datasheet
177Kb / 5P
   15 Watt DC/DC Power Converters
LANC2405DUW15 WALL-LANC2405DUW15 Datasheet
232Kb / 5P
   Single and Dual Outputs
LANC2405DUW8 WALL-LANC2405DUW8 Datasheet
244Kb / 3P
   Single and Dual Output 8 Watt DC/DC Converter 4:1 Ultra Wide Input Voltage
LANC2405DUW8 WALL-LANC2405DUW8 Datasheet
388Kb / 5P
   8 Watt DC/DC Power Converters
More results

Similar Description - LANC24-D15W-LNCS

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCSDW01 WALL-DCSDW01 Datasheet
433Kb / 6P
   Up to 1.08 Watts DC/DC Converter Single and Dual Output
LANE WALL-LANE Datasheet
140Kb / 4P
   Up to 2 Watts DC/DC Converter Single and Dual Output
LANF WALL-LANF Datasheet
126Kb / 3P
   Up to 1.8 Watts DC/DC Converter Single and Dual Output
DCSDW05 WALL-DCSDW05 Datasheet
306Kb / 5P
   Up to 5.04 Watts DC/DC Converter Single and Dual Output
DCSDW03 WALL-DCSDW03 Datasheet
314Kb / 5P
   Up to 3 Watts DC/DC Converter Single and Dual Output
DCLSR01 WALL-DCLSR01 Datasheet
336Kb / 5P
   Up to 15 Watts DC/DC Converter Single Output
JFCW WALL-JFCW Datasheet
863Kb / 11P
   Up to 15 Watts DC/DC Converter Single Output
DCPDL09 WALL-DCPDL09 Datasheet
555Kb / 6P
   Up to 9 Watts DC DC Converter Single and Dual Outputs
DCPDLW09 WALL-DCPDLW09 Datasheet
538Kb / 6P
   Up to 9 Watts DC DC Converter Single and Dual Outputs
DCSDW02 WALL-DCSDW02 Datasheet
310Kb / 5P
   Up to 2.01 Watts DC/DC Converter Single and Dual Outputs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com