Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LANEUW12xxx Datasheet(PDF) 4 Page - Wall Industries,Inc.

Part # LANEUW12xxx
Description  3 Watts Maximum Output Power
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

LANEUW12xxx Datasheet(HTML) 4 Page - Wall Industries,Inc.

  LANEUW12xxx Datasheet HTML 1Page - Wall Industries,Inc. LANEUW12xxx Datasheet HTML 2Page - Wall Industries,Inc. LANEUW12xxx Datasheet HTML 3Page - Wall Industries,Inc. LANEUW12xxx Datasheet HTML 4Page - Wall Industries,Inc. LANEUW12xxx Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Rev. C
LANEUW3 Series
Single & Dual Outputs
4:1 Input Voltage Range
3 Watt DC/DC Power Converters
Wall Industries, Inc. 37 Industrial Drive Exeter, NH 03833
11/10/2010
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 4 of 5
REMOTE ON/OFF APPLICATION CIRCUITS
+Input
-Input
3mA current
Source
Ctrl
1K
DC-DC ON
+Input
-Input
3mA current
Source
Ctrl
1K
DC-DC OFF
CHARACTERISTICS
LANEUW2405R3 Derating Curve
LANEUW2405R3 Efficiency vs Input Voltage
LANEUW2405R3 Efficiency vs Output Load
Recommended Filter for EN55022 Class B Compliance
Recommended EN55022 Class B Filter Circuit Layout
+Vin
-Vin
+Vout
-Vout
C1
L1
D/D Converter
+INPUT
-INPUT
LOAD
The components used in the figure above are as follows
C1
L1
LANEUW12xxx
10μF/25V
1812 MLCC
2.2μH 0504 SMD Inductor
PMT-059
LANEUW24xxx
6.8μF/50V
1812 MLCC
18μH 0504 SMD Inductor
PMT-046
LANEUW48xxx
2.2μF/100V
1812 MLCC
18μH 0504 SMD Inductor
PMT-046


Similar Part No. - LANEUW12xxx

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
LANEUW WALL-LANEUW Datasheet
262Kb / 9P
   Single and Dual Output 2 Watt DC/DC Converter 4:1 Ultra Wide Input Range
LANEUW WALL-LANEUW Datasheet
523Kb / 7P
   RoHS Compliant
LANEUW2405R WALL-LANEUW2405R Datasheet
262Kb / 9P
   Single and Dual Output 2 Watt DC/DC Converter 4:1 Ultra Wide Input Range
LANEUW2405R WALL-LANEUW2405R Datasheet
523Kb / 7P
   RoHS Compliant
LANEUW2405R2H WALL-LANEUW2405R2H Datasheet
208Kb / 4P
   2 Watts Maximum Output Power
More results

Similar Description - LANEUW12xxx

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
TEM03-05S33 P-DUKE-TEM03-05S33 Datasheet
280Kb / 3P
   3 WATTS MAXIMUM OUTPUT POWER
PDL03-05S3P3 P-DUKE-PDL03-05S3P3 Datasheet
299Kb / 3P
   3 WATTS MAXIMUM OUTPUT POWER
PDL03-12S3P3W P-DUKE-PDL03-12S3P3W Datasheet
234Kb / 3P
   3 WATTS MAXIMUM OUTPUT POWER
LED15-24S3P3 P-DUKE-LED15-24S3P3 Datasheet
328Kb / 3P
   15 WATTS MAXIMUM OUTPUT POWER
PDL02-05S33 P-DUKE-PDL02-05S33 Datasheet
309Kb / 3P
   2 WATTS MAXIMUM OUTPUT POWER
TEN06-05S33 P-DUKE-TEN06-05S33 Datasheet
306Kb / 3P
   6 WATTS MAXIMUM OUTPUT POWER
logo
Volgen Kaga Electronics...
MT20E-2433SI-W VOLGEN-MT20E-2433SI-W Datasheet
2Mb / 3P
   20 WATTS MAXIMUM OUTPUT POWER
logo
Power Mate Technology C...
FEC30-12S1P5 P-DUKE-FEC30-12S1P5 Datasheet
343Kb / 3P
   30 WATTS MAXIMUM OUTPUT POWER
QEB125-24S3P3 P-DUKE-QEB125-24S3P3 Datasheet
312Kb / 4P
   125 WATTS MAXIMUM OUTPUT POWER
TEA1P5-05S33 P-DUKE-TEA1P5-05S33 Datasheet
253Kb / 3P
   1.5 WATTS MAXIMUM OUTPUT POWER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com