Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LANK1215DW3 Datasheet(PDF) 5 Page - Wall Industries,Inc.

Part # LANK1215DW3
Description  2~4 Watts DC/DC Converter Single and Dual Output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

LANK1215DW3 Datasheet(HTML) 5 Page - Wall Industries,Inc.

  LANK1215DW3 Datasheet HTML 1Page - Wall Industries,Inc. LANK1215DW3 Datasheet HTML 2Page - Wall Industries,Inc. LANK1215DW3 Datasheet HTML 3Page - Wall Industries,Inc. LANK1215DW3 Datasheet HTML 4Page - Wall Industries,Inc. LANK1215DW3 Datasheet HTML 5Page - Wall Industries,Inc. LANK1215DW3 Datasheet HTML 6Page - Wall Industries,Inc. LANK1215DW3 Datasheet HTML 7Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Rev E
LAN K SERIES
2~4 Watts
DC/DC Converter
Single and Dual Output
1/9/2018
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 5 of 7
MECHANICAL DRAWINGS
Pin
Single Output
Dual Output
2
-Vin
-Vin
3
-Vin
-Vin
9
No Pin
Common
11
NC
-Vout
14
+Vout
+Vout
16
-Vout
Common
22
+Vin
+Vin
23
+Vin
+Vin
1.
Tolerance: X.XX±0.01 (X.X±0.25)
X.XXX±0.005 (X.XX±0.13)
2.
Pin Tolerance: ±0.002 (±0.05)
DESIGN & FEATURE CONSIDERATIONS
Input Source Impedance
The power module should be connected to a low ac-impedance input source. Highly inductive source impedances can affect the
stability of the power module.
In applications where power is supplied over long lines and output loading is high, it may be necessary to use a capacitor at the input to
ensure startup.
Capacitor mounted close to the power module helps ensure stability of the unit, it is recommended to use a good quality low Equivalent
Series Resistance (ESR <1.0Ω at 100 KHz) capacitor of 8.2µF for the 5V input devices, a 3.3µF for the 12V input devices, and a 1.5µF
for the 24V and 48V devices.
+
+Out
-Out
+Vin
-Vin
DC / DC
Converter
Load
DC Power
Source
+
-
Cin
Maximum Capacitive Load
The LAN K series has a limitation of maximum connected capacitance at the output. The power module may be operated in current
limiting mode during start-up, affecting the ramp-up and the startup time.
For optimum performance we recommend 1000µF maximum capacitive load for dual outputs and 4000µF capacitive load for single
outputs.
Over Current Protection
To provide protection in a fault (output over load) condition, the unit is equipped with internal current limiting circuitry and can endure
current limiting for an unlimited duration. At the point of current-limit inception, the shifts from voltage control to current control. The unit
operates normally once the output current is brought back into its specific range.


Similar Part No. - LANK1215DW3

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
LANK1215DW3 WALL-LANK1215DW3 Datasheet
95Kb / 2P
   UP TO 4 WATTS
LANK1215DW3H WALL-LANK1215DW3H Datasheet
203Kb / 3P
   3000VDC I/O Isolation Single and Dual Output 3 Watt DC/DC Converter 24 Pin DIP & SMT Package 2:1 Wide Input Voltage Range
More results

Similar Description - LANK1215DW3

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
LANE2 WALL-LANE2 Datasheet
448Kb / 4P
   2 Watts DC/DC Converter Single and Dual Output
DCMFW02 WALL-DCMFW02 Datasheet
296Kb / 5P
   2 Watts DC/DC Converter Single and Dual Output
DCMSE02-HI WALL-DCMSE02-HI Datasheet
306Kb / 5P
   2 Watts DC/DC Converter Single and Dual Output
LANE WALL-LANE Datasheet
140Kb / 4P
   Up to 2 Watts DC/DC Converter Single and Dual Output
DCMIE03-HI WALL-DCMIE03-HI Datasheet
336Kb / 6P
   3 Watts DC/DC Converter Single and Dual Output
DCMIE06-HI WALL-DCMIE06-HI Datasheet
392Kb / 6P
   6 Watts DC/DC Converter Single and Dual Output
DCMD20W WALL-DCMD20W Datasheet
343Kb / 5P
   20 Watts DC/DC Converter Single and Dual Output
MDW WALL-MDW_18 Datasheet
423Kb / 8P
   20 Watts DC/DC Converter Single and Dual Output
DCMFW03 WALL-DCMFW03 Datasheet
296Kb / 5P
   3 Watts DC/DC Converter Single and Dual Output
RDW15 WALL-RDW15 Datasheet
606Kb / 9P
   15 Watts DC/DC Converter Single and Dual Output
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com