Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LANEW1215RD3H Datasheet(PDF) 4 Page - Wall Industries,Inc.

Part # LANEW1215RD3H
Description  Low Ripple & Noise
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

LANEW1215RD3H Datasheet(HTML) 4 Page - Wall Industries,Inc.

  LANEW1215RD3H Datasheet HTML 1Page - Wall Industries,Inc. LANEW1215RD3H Datasheet HTML 2Page - Wall Industries,Inc. LANEW1215RD3H Datasheet HTML 3Page - Wall Industries,Inc. LANEW1215RD3H Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Wall Industries, Inc. 37 Industrial Drive Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
LANEW3 “H” Series
3KVDC I/O Isolation
3 Watt DC/DC Converter
Single and Dual Outputs
2:1 Wide Input Voltage Range
Rev. C
MECHANICAL DRAWING
Recommended Filter for EN55022 Class B Compliance
Recommended EN55022 Class B Filter Circuit Layout
The components used in the figure above are as follows
C1
L1
LANEW5xxxH
10
μF/10V
1206 MLCC
3.3μH 0504 SMD Inductor
PMT-044
LANEW12xxxH
2.2μF/25V
1206 MLCC
18μH 0504 SMD Inductor
PMT-046
LANEW24xxxH
6.8μF/50V
1812 MLCC
18μH 0504 SMD Inductor
PMT-046
LANEW48xxxH
2.2μF/100V
1812 MLCC
56μH 0504 SMD Inductor
PMT-045
Unit: inches (mm)
Tolerance: X.XX±0.02 (X.X±0.5)
X.XXX±0.01 (X.XX±0.25)
Pin pitch tolerance: ±0.01 (0.25)
Pin dimension tolerance: ±0.004 (0.1)
Pin Connection (3000VDC Isolation Models)
Pin
Single Output
Dual Output
1
-INPUT
-INPUT
2
+INPUT
+INPUT
3
CTRL
CTRL
5
NO PIN
NO PIN
6
+OUTPUT
+OUTPUT
7
-OUTPUT
COMMON
8
NC
-OUTPUT


Similar Part No. - LANEW1215RD3H

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
LANEW1215RD3 WALL-LANEW1215RD3 Datasheet
178Kb / 4P
   3 Watt DC/DC Converter Single and Dual Outputs 2:1 Wide Input Voltage Range
LANEW1215RD3 WALL-LANEW1215RD3 Datasheet
172Kb / 4P
   3 Watt DC/DC Converter
More results

Similar Description - LANEW1215RD3H

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
AV050 ARTESYN-AV050 Datasheet
1,003Kb / 3P
   Low ripple and noise
logo
PEAK electronics GmbH
P6LG-053R3ELF PEAK-P6LG-053R3ELF Datasheet
137Kb / 3P
   Low Ripple and Noise
logo
Artesyn Technologies
AVO100 ARTESYN-AVO100 Datasheet
548Kb / 3P
   Low ripple and noise
logo
Sparkle Power Inc.
FSP200-62DL24V SPI-FSP200-62DL24V Datasheet
48Kb / 1P
   Low noise and ripple
logo
PEAK electronics GmbH
P6CUIDUI-05053R3ZLF PEAK-P6CUIDUI-05053R3ZLF Datasheet
425Kb / 3P
   Low Ripple and Noise
logo
Artesyn Technologies
AVE600 ARTESYN-AVE600 Datasheet
1Mb / 3P
   Low ripple and noise
logo
Emerson Network Power
AVO100B-48S3V3 EMERSON-NETWORKPOWER-AVO100B-48S3V3 Datasheet
174Kb / 2P
   Low ripple and noise
logo
Advanced Monolithic Sys...
AMS1309 AMS-AMS1309 Datasheet
2Mb / 11P
   Low ripple and low noise
logo
Sparkle Power Inc.
FSP065-RAC SPI-FSP065-RAC Datasheet
52Kb / 1P
   Low noise and ripple
logo
Minmax Technology Co., ...
M78A MINMAX-M78A Datasheet
952Kb / 3P
   Low Ripple and Noise
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com