Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LYE65F-DBFA-46-3B5A Datasheet(PDF) 4 Page - OSRAM GmbH

Part # LYE65F-DBFA-46-3B5A
Description  Automotive Lighting Interior and Exterior
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LYE65F-DBFA-46-3B5A Datasheet(HTML) 4 Page - OSRAM GmbH

  LYE65F-DBFA-46-3B5A Datasheet HTML 1Page - OSRAM GmbH LYE65F-DBFA-46-3B5A Datasheet HTML 2Page - OSRAM GmbH LYE65F-DBFA-46-3B5A Datasheet HTML 3Page - OSRAM GmbH LYE65F-DBFA-46-3B5A Datasheet HTML 4Page - OSRAM GmbH LYE65F-DBFA-46-3B5A Datasheet HTML 5Page - OSRAM GmbH LYE65F-DBFA-46-3B5A Datasheet HTML 6Page - OSRAM GmbH LYE65F-DBFA-46-3B5A Datasheet HTML 7Page - OSRAM GmbH LYE65F-DBFA-46-3B5A Datasheet HTML 8Page - OSRAM GmbH LYE65F-DBFA-46-3B5A Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
2017-03-13
4
Version 1.4
LY E65F
Characteristics (TS = 25 °C; IF = 50 mA)
Kennwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Wavelength at peak emission
Wellenlänge d. emittierten Lichtes
(typ.)
λ
peak
597
nm
Dominant Wavelength
3) page 20
Dominantwellenlänge
3) Seite 20
(typ.)
λdom
590
nm
Spectral bandwidth at 50% Irel max
Spektrale Bandbreite b. 50% Irel max
(typ.)
∆λ
18
nm
Viewing angle at 50 % I
V
Abstrahlwinkel bei 50 % I
V
(typ.)
60 (horizontal)
60 (vertical)
°
Forward voltage 4) page 20
Durchlassspannung
4) Seite 20
(min.)
(typ.)
(max.)
V
F
VF
VF
2.05
2.15
2.65
V
V
V
Reverse current
Sperrstrom
(V
R = 12 V)
(typ.)
(max.)
IR
IR
0.2
10
µA
µA
Temperature coefficient of λ
peak
Temperaturkoeffizient von λ
peak
(typ.)
TC
λpeak
0.12
nm/K
Temperature coefficient of λ
dom
Temperaturkoeffizient von λdom
(typ.)
TC
λdom
0.1
nm/K
Real thermal resistance junction / ambient
5) page 20 ,
6) page 20
Realer Wärmewiderstand Sperrschicht / Umgebung
5) Seite 20 , 6) Seite 20
(max.)
Rth JA real
300
K/W
Real thermal resistance junction / solder point
6) page 20
Realer Wärmewiderstand Sperrschicht / Lötpad
6) Seite 20
(max.)
R
th JS real
130
K/W
Note:
Individual forward voltage groups see next page
Anm.:
Durchlassspannungsgruppen siehe nächste Seite


Similar Part No. - LYE65F-DBFA-46-3B5A

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LYE65F-DAEB-46-1 OSRAM-LYE65F-DAEB-46-1 Datasheet
344Kb / 19P
   Power TOPLED With Lens Enhanced Thin Film LED
More results

Similar Description - LYE65F-DBFA-46-3B5A

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LYETSF OSRAM-LYETSF Datasheet
614Kb / 21P
   Automotive Lighting Interior and Exterior
LSE63F OSRAM-LSE63F Datasheet
378Kb / 22P
   Automotive Lighting Interior and Exterior
LUWW5SM OSRAM-LUWW5SM Datasheet
717Kb / 22P
   Automotive Lighting Interior and Exterior
LWE67C OSRAM-LWE67C_15 Datasheet
614Kb / 22P
   Automotive Lighting Interior and Exterior
LWE6SG OSRAM-LWE6SG Datasheet
477Kb / 23P
   Automotive Lighting Interior and Exterior
LRW5SM-HZJZ-1-1 OSRAM-LRW5SM-HZJZ-1-1 Datasheet
611Kb / 21P
   Automotive Lighting Interior and Exterior
LOT67F OSRAM-LOT67F Datasheet
493Kb / 20P
   Automotive Lighting Interior and Exterior
LYT67F OSRAM-LYT67F Datasheet
494Kb / 20P
   Automotive Lighting Interior and Exterior
LRE6SF OSRAM-LRE6SF Datasheet
493Kb / 21P
   Automotive Lighting Interior and Exterior
LWW5SM OSRAM-LWW5SM Datasheet
732Kb / 23P
   Automotive Lighting Interior and Exterior
LWT6SG OSRAM-LWT6SG Datasheet
697Kb / 24P
   Automotive Lighting Interior and Exterior
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com