Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LYE65F Datasheet(PDF) 3 Page - OSRAM GmbH

Part # LYE65F
Description  Automotive Lighting Interior and Exterior
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LYE65F Datasheet(HTML) 3 Page - OSRAM GmbH

  LYE65F Datasheet HTML 1Page - OSRAM GmbH LYE65F Datasheet HTML 2Page - OSRAM GmbH LYE65F Datasheet HTML 3Page - OSRAM GmbH LYE65F Datasheet HTML 4Page - OSRAM GmbH LYE65F Datasheet HTML 5Page - OSRAM GmbH LYE65F Datasheet HTML 6Page - OSRAM GmbH LYE65F Datasheet HTML 7Page - OSRAM GmbH LYE65F Datasheet HTML 8Page - OSRAM GmbH LYE65F Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
Version 1.4
LY E65F
2017-03-13
3
Maximum Ratings
Grenzwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Operating temperature range
Betriebstemperatur
T
op
-40 ... 100
°C
Storage temperature range
Lagertemperatur
Tstg
-40 ... 100
°C
Junction temperature
Sperrschichttemperatur
Tj
125
°C
Forward current
Durchlassstrom
(T
S = 25 °C)
I
F
70
mA
Surge current
Stoßstrom
(t ≤ 10 µs; D = 0.005; TS = 25 °C)
IFM
100
mA
Reverse voltage 2) page 20
Sperrspannung 2) Seite 20
(T
S = 25 °C)
VR
12
V
ESD withstand voltage
ESD Festigkeit
(acc. to ANSI/ESDA/JEDEC JS-001 - HBM, Class 2)
V
ESD
2
kV


Similar Part No. - LYE65F

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LYE65F-CBDB-35-1 OSRAM-LYE65F-CBDB-35-1 Datasheet
344Kb / 19P
   Power TOPLED With Lens Enhanced Thin Film LED
LYE65F-DAEB-46-1 OSRAM-LYE65F-DAEB-46-1 Datasheet
344Kb / 19P
   Power TOPLED With Lens Enhanced Thin Film LED
More results

Similar Description - LYE65F

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LYETSF OSRAM-LYETSF Datasheet
614Kb / 21P
   Automotive Lighting Interior and Exterior
LSE63F OSRAM-LSE63F Datasheet
378Kb / 22P
   Automotive Lighting Interior and Exterior
LUWW5SM OSRAM-LUWW5SM Datasheet
717Kb / 22P
   Automotive Lighting Interior and Exterior
LWE67C OSRAM-LWE67C_15 Datasheet
614Kb / 22P
   Automotive Lighting Interior and Exterior
LWE6SG OSRAM-LWE6SG Datasheet
477Kb / 23P
   Automotive Lighting Interior and Exterior
LRW5SM-HZJZ-1-1 OSRAM-LRW5SM-HZJZ-1-1 Datasheet
611Kb / 21P
   Automotive Lighting Interior and Exterior
LOT67F OSRAM-LOT67F Datasheet
493Kb / 20P
   Automotive Lighting Interior and Exterior
LYT67F OSRAM-LYT67F Datasheet
494Kb / 20P
   Automotive Lighting Interior and Exterior
LRE6SF OSRAM-LRE6SF Datasheet
493Kb / 21P
   Automotive Lighting Interior and Exterior
LWW5SM OSRAM-LWW5SM Datasheet
732Kb / 23P
   Automotive Lighting Interior and Exterior
LWT6SG OSRAM-LWT6SG Datasheet
697Kb / 24P
   Automotive Lighting Interior and Exterior
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com