Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LANCY3-12S15 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # LANCY3-12S15
Description  3 Watts DC/DC Converter Single and Dual Output
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

LANCY3-12S15 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  LANCY3-12S15 Datasheet HTML 1Page - Wall Industries,Inc. LANCY3-12S15 Datasheet HTML 2Page - Wall Industries,Inc. LANCY3-12S15 Datasheet HTML 3Page - Wall Industries,Inc. LANCY3-12S15 Datasheet HTML 4Page - Wall Industries,Inc. LANCY3-12S15 Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Rev A
LANCY3 SERIES
3 Watts
DC/DC Converter
Single and Dual Output
4/2/2018
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 2 of 5
MODEL SELECTION TABLE
Dual Output Models
Model Number
Input Voltage Range
Output Voltage
Output Current
Efficiency
Output Power
LANCY3-05D05
5VDC
±5VDC
±300mA
65%
3W
LANCY3-05D09
±9VDC
±167mA
70%
LANCY3-05D12
±12VDC
±125mA
75%
LANCY3-05D15
±15VDC
±100mA
80%
LANCY3-05D24
±24VDC
±63mA
80%
LANCY3-09D05
9VDC
±5VDC
±300mA
65%
3W
LANCY3-09D09
±9VDC
±167mA
70%
LANCY3-09D12
±12VDC
±125mA
75%
LANCY3-09D15
±15VDC
±100mA
80%
LANCY3-09D24
±24VDC
±63mA
80%
LANCY3-12D05
12VDC
±5VDC
±300mA
65%
3W
LANCY3-12D09
±9VDC
±167mA
70%
LANCY3-12D12
±12VDC
±125mA
75%
LANCY3-12D15
±15VDC
±100mA
80%
LANCY3-12D24
±24VDC
±63mA
80%
LANCY3-15D05
15VDC
±5VDC
±300mA
65%
3W
LANCY3-15D09
±9VDC
±167mA
70%
LANCY3-15D12
±12VDC
±125mA
75%
LANCY3-15D15
±15VDC
±100mA
80%
LANCY3-15D24
±24VDC
±63mA
80%
LANCY3-24D05
24VDC
±5VDC
±300mA
65%
3W
LANCY3-24D09
±9VDC
±167mA
70%
LANCY3-24D12
±12VDC
±125mA
75%
LANCY3-24D15
±15VDC
±100mA
80%
LANCY3-24D24
±24VDC
±63mA
80%
LANCY3-48D05
48VDC
±5VDC
±300mA
65%
3W
LANCY3-48D09
±9VDC
±167mA
70%
LANCY3-48D12
±12VDC
±125mA
75%
LANCY3-48D15
±15VDC
±100mA
80%
LANCY3-48D24
±24VDC
±63mA
80%
SPECIFICATIONS
All specifications are based on 25°C, Nominal Input Voltage, and Rated Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
INPUT SPECIFICATIONS
Input Voltage
See Table
Voltage Tolerance
Vo, Io Nom
±10
%
Input Filter
Capacitor
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Voltage Tolerance
100% Full Load
±3
%
Line Regulation
Regulated
±0.5
%
Load Regulation
Regulated
±0.8
%
Output Power
See Table
Output Current
See Table
Ripple & Noise
BW=DC to 20MHz
5-9V Outputs
100
mVp-p
12-24V Outputs
1% of Vout
Transient Response Setting Time
50% Load Step Change
350
us
PROTECTION
Short Circuit Protection
Continuous


Similar Part No. - LANCY3-12S15

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
LANCY WALL-LANCY Datasheet
355Kb / 6P
   Wide Input Voltage Ranges
LANCY-05D05 WALL-LANCY-05D05 Datasheet
355Kb / 6P
   Wide Input Voltage Ranges
LANCY-05D09 WALL-LANCY-05D09 Datasheet
355Kb / 6P
   Wide Input Voltage Ranges
LANCY-05D12 WALL-LANCY-05D12 Datasheet
355Kb / 6P
   Wide Input Voltage Ranges
LANCY-05D12R WALL-LANCY-05D12R Datasheet
355Kb / 6P
   Wide Input Voltage Ranges
More results

Similar Description - LANCY3-12S15

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCMFW03 WALL-DCMFW03 Datasheet
296Kb / 5P
   3 Watts DC/DC Converter Single and Dual Output
DCMIE03-HI WALL-DCMIE03-HI Datasheet
336Kb / 6P
   3 Watts DC/DC Converter Single and Dual Output
DCMID03 WALL-DCMID03 Datasheet
319Kb / 5P
   3 Watts DC/DC Converter Single and Dual Output
DCSDW03 WALL-DCSDW03 Datasheet
314Kb / 5P
   Up to 3 Watts DC/DC Converter Single and Dual Output
LANE2 WALL-LANE2 Datasheet
448Kb / 4P
   2 Watts DC/DC Converter Single and Dual Output
DCMIE06-HI WALL-DCMIE06-HI Datasheet
392Kb / 6P
   6 Watts DC/DC Converter Single and Dual Output
DCMD20W WALL-DCMD20W Datasheet
343Kb / 5P
   20 Watts DC/DC Converter Single and Dual Output
MDW WALL-MDW_18 Datasheet
423Kb / 8P
   20 Watts DC/DC Converter Single and Dual Output
RDW15 WALL-RDW15 Datasheet
606Kb / 9P
   15 Watts DC/DC Converter Single and Dual Output
DCMFW02 WALL-DCMFW02 Datasheet
296Kb / 5P
   2 Watts DC/DC Converter Single and Dual Output
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com