Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LANC2415DUW8 Datasheet(PDF) 4 Page - Wall Industries,Inc.

Part # LANC2415DUW8
Description  Single and Dual Outputs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

LANC2415DUW8 Datasheet(HTML) 4 Page - Wall Industries,Inc.

  LANC2415DUW8 Datasheet HTML 1Page - Wall Industries,Inc. LANC2415DUW8 Datasheet HTML 2Page - Wall Industries,Inc. LANC2415DUW8 Datasheet HTML 3Page - Wall Industries,Inc. LANC2415DUW8 Datasheet HTML 4Page - Wall Industries,Inc. LANC2415DUW8 Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Rev. E
LANCUW8 Series
Single & Dual Outputs
4:1 Input Voltage Range
8 Watt DC/DC Power Converters
Wall Industries, Inc. 37 Industrial Drive Exeter, NH 03833
06/14/2012
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 4 of 5
CHARACTERISTICS
Recommended Filter for EN55022 Class B Compliance
Recommended EN55022 Class B Filter Circuit Layout
The components used in the figure above are as follows:
MODEL
C1
C2
C3
C4
C5
L1
LANC24xxUW8
4.7µF/50V
1812 MLCC
N/A
1000pF/2KV
MLCC
1000pF/2KV
MLCC
N/A
325µH Common
Choke PMT-050
LANC48xxUW8
1.5µF/100V
1812 MLCC
1.5µF/100V
1812 MLCC
1000pF/2KV
MLCC
1000pF/2KV
MLCC
N/A
325µH Common
Choke PMT-050
LANC110xxUW8
1µF/250V
1812 MLCC
N/A
1000pF/2KV
MLCC
1000pF/2KV
MLCC
22µF/200V
325µH Common
Choke PMT-050


Similar Part No. - LANC2415DUW8

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
LANC2415DUW8 WALL-LANC2415DUW8 Datasheet
244Kb / 3P
   Single and Dual Output 8 Watt DC/DC Converter 4:1 Ultra Wide Input Voltage
LANC2415DUW8 WALL-LANC2415DUW8 Datasheet
388Kb / 5P
   8 Watt DC/DC Power Converters
More results

Similar Description - LANC2415DUW8

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
LANCW15 WALL-LANCW15_16 Datasheet
276Kb / 5P
   Single and Dual Outputs
DCHF10W WALL-DCHF10W_16 Datasheet
177Kb / 4P
   Single and Dual Outputs
LANCUW15 WALL-LANCUW15_16 Datasheet
232Kb / 5P
   Single and Dual Outputs
LANCW5 WALL-LANCW5_11 Datasheet
261Kb / 4P
   Single and Dual Outputs
ELANC WALL-ELANC_16 Datasheet
153Kb / 4P
   Single and Dual Outputs
DCMUA WALL-DCMUA_16 Datasheet
225Kb / 5P
   Single and Dual Outputs
DCREDUW20 WALL-DCREDUW20 Datasheet
438Kb / 5P
   Single and Dual Outputs
logo
XP Power Limited
ISP XPPOWER-ISP Datasheet
91Kb / 1P
   Single and Dual Regulated Outputs
logo
Artesyn Technologies
CL25 ARTESYN-CL25 Datasheet
52Kb / 2P
   Single, dual and triple outputs
logo
Wall Industries,Inc.
DCHF30W WALL-DCHF30W Datasheet
188Kb / 4P
   Single, Dual, and Triple Outputs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com