Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCSDW05-48D12SH Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # DCSDW05-48D12SH
Description  Up to 5.04 Watts DC/DC Converter Single and Dual Output
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCSDW05-48D12SH Datasheet(HTML) 2 Page - Wall Industries,Inc.

  DCSDW05-48D12SH Datasheet HTML 1Page - Wall Industries,Inc. DCSDW05-48D12SH Datasheet HTML 2Page - Wall Industries,Inc. DCSDW05-48D12SH Datasheet HTML 3Page - Wall Industries,Inc. DCSDW05-48D12SH Datasheet HTML 4Page - Wall Industries,Inc. DCSDW05-48D12SH Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Rev A
DCSDW05 SERIES
Up to 5.04 Watts
DC/DC Converter
Single and Dual Output
9/21/2016
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 2 of 5
SPECIFICATIONS
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
INPUT SPECIFICATIONS
Input Voltage Range
24Vin(nom)
9
24
36
VDC
48Vin(nom)
18
48
75
Input Surge Voltage
1 Second, Max.
24Vin(nom)
50
VDC
48Vin(nom)
100
Input Reflected Ripple Current(1)
24Vin(nom)
20
mAp-p
48Vin(nom)
15
Input Filter
Capacitor Type
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Voltage Accuracy
-1.0
+1.0
%
Line Regulation
Low Line to High Line at Full Load
-0.2
+0.2
%
Load Regulation
No Load to Full Load
Single
-1.0
+1.0
%
Dual
-1.0
+1.0
10% Load to 90% Load
Single
-0.5
+0.5
Dual
-0.8
+0.8
Output Power
See Table
Output Current
See Table
Cross Regulation
Asymmetrical Load 25%/100% FL; Dual Outputs
-5.0
+5.0
%
Maximum Capacitive Load
See Table
Ripple & Noise (20MHz bandwidth)
75
mVp-p
Transient Response Recovery Time
25% Load Step Change
500
µs
Start-Up Time
Constant Resistive Load
Power Up
5
10
ms
Remote ON/OFF
5
10
REMOTE ON/OFF CONTROL
Ctrl Pin Applied Current via 1k
Ω
DC-DC ON
Open or High Impedance
mA
DC-DC OFF
2.0
3.0
4.0
Remote Off Input Current
2.5
mA
Application Circuit
PROTECTION
Short Circuit Protection
Continuous, Automatic Recovery
ENVIRONMENTAL SPECIFICATIONS
Operating Case Temperature
With Derating
-40
+105
ºC
Storage Temperature
-55
+125
ºC
Relative Humidity
5
95
%RH
Thermal Shock
MIL-STD-810F
Vibration
MIL-STD-810F
Lead-Free Reflow Solder Process
IPC J-STD-020D
Moisture Sensitivity Level (MSL)
IPC J-STD-033B Level 2
MTBF
MIL-HDBK-217F, Full Load
2,281,000
Hours
GENERAL SPECIFICATIONS
Efficiency
See Table
Switching Frequency
100
kHz
Isolation Voltage
1 minute
Standard
1600
VDC
Suffix “S”
3000
Isolation Resistance
500VDC
1
G
Ω
Isolation Capacitance
50
pF
PHYSICAL SPECIFICATIONS
Weight
0.10oz (2.7g)
Dimensions (L x W x H)
DIP Package
0.52in x 0.36in x 0.40in
(13.2mm x 9.1mm x 10.2mm)
SMD Package
0.56in x 0.36in x 0.40in
(14.2mm x 9.1mm x 10.2mm)
Case Material
Non-Conductive Black Plastic
Base Material
Non-Conductive Black Plastic
Potting Material
Silicone (UL94 V-0)


Similar Part No. - DCSDW05-48D12SH

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCSDW01 WALL-DCSDW01 Datasheet
433Kb / 6P
   Up to 1.08 Watts DC/DC Converter Single and Dual Output
DCSDW01-05D05SH WALL-DCSDW01-05D05SH Datasheet
433Kb / 6P
   Up to 1.08 Watts DC/DC Converter Single and Dual Output
DCSDW01-05D12SH WALL-DCSDW01-05D12SH Datasheet
433Kb / 6P
   Up to 1.08 Watts DC/DC Converter Single and Dual Output
DCSDW01-05D15SH WALL-DCSDW01-05D15SH Datasheet
433Kb / 6P
   Up to 1.08 Watts DC/DC Converter Single and Dual Output
DCSDW01-05D24SH WALL-DCSDW01-05D24SH Datasheet
433Kb / 6P
   Up to 1.08 Watts DC/DC Converter Single and Dual Output
More results

Similar Description - DCSDW05-48D12SH

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCSDW01 WALL-DCSDW01 Datasheet
433Kb / 6P
   Up to 1.08 Watts DC/DC Converter Single and Dual Output
LANE WALL-LANE Datasheet
140Kb / 4P
   Up to 2 Watts DC/DC Converter Single and Dual Output
LANF WALL-LANF Datasheet
126Kb / 3P
   Up to 1.8 Watts DC/DC Converter Single and Dual Output
LANC-LN WALL-LANC-LN Datasheet
395Kb / 6P
   Up to 5 Watts DC-DC Converter Single and Dual Output
DCSDW03 WALL-DCSDW03 Datasheet
314Kb / 5P
   Up to 3 Watts DC/DC Converter Single and Dual Output
DCLSR01 WALL-DCLSR01 Datasheet
336Kb / 5P
   Up to 15 Watts DC/DC Converter Single Output
JFCW WALL-JFCW Datasheet
863Kb / 11P
   Up to 15 Watts DC/DC Converter Single Output
DCPDL09 WALL-DCPDL09 Datasheet
555Kb / 6P
   Up to 9 Watts DC DC Converter Single and Dual Outputs
DCPDLW09 WALL-DCPDLW09 Datasheet
538Kb / 6P
   Up to 9 Watts DC DC Converter Single and Dual Outputs
DCSDW02 WALL-DCSDW02 Datasheet
310Kb / 5P
   Up to 2.01 Watts DC/DC Converter Single and Dual Outputs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com