Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LANC24D24W-LN Datasheet(PDF) 6 Page - Wall Industries,Inc.

Part # LANC24D24W-LN
Description  Up to 5 Watts DC-DC Converter Single and Dual Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

LANC24D24W-LN Datasheet(HTML) 6 Page - Wall Industries,Inc.

  LANC24D24W-LN Datasheet HTML 1Page - Wall Industries,Inc. LANC24D24W-LN Datasheet HTML 2Page - Wall Industries,Inc. LANC24D24W-LN Datasheet HTML 3Page - Wall Industries,Inc. LANC24D24W-LN Datasheet HTML 4Page - Wall Industries,Inc. LANC24D24W-LN Datasheet HTML 5Page - Wall Industries,Inc. LANC24D24W-LN Datasheet HTML 6Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Rev B
LANC-LN SERIES
Up to 5 Watts
DC-DC Converter
Single and Dual Output
11/21/2016
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 6 of 6
MODEL NUMBER SETUP
LANC
24
-
S
24
W
-
LN
CS
Series Name
Input Voltage
Output Quantity
Output Voltage
Input Range
24: 9~36VDC
S: Single
3P3: 3.3VDC
4:1
LN: Low Noise
Blank: With Pin3
48: 18~75VDC
05: 5VDC
CS:Without Pin 3
12: 12VDC
15: 15VDC
24: 24VDC
D: Dual
05: ±5VDC
12: ±12VDC
15: ±15VDC
24: ±24VDC
DS:
Dual with Output
Isolation
05: 5/5VDC
12: 12/12VDC
15: 15/15VDC
24: 24/24VDC
COMPANY INFORMATION
Wall Industries, Inc. has created custom and modified units for over 50 years. Our in-house research and development
engineers will provide a solution that exceeds your performance requirements on-time and on budget. Our ISO9001-2008
certification is just one example of our commitment to producing a high quality, well-documented product for our customers.
Our past projects demonstrate our commitment to you, our customer. Wall Industries, Inc. has a reputation for working closely
with its customers to ensure each solution meets or exceeds form, fit and function requirements. We will continue to provide
ongoing support for your project above and beyond the design and production phases. Give us a call today to discuss your
future projects.
Contact Wall Industries for further information:
Phone:
(603)778-2300
Toll Free:
(888)597-9255
Fax:
(603)778-9797
E-mail:
sales@wallindustries.com
Web:
www.wallindustries.com
Address:
37 Industrial Drive
Exeter, NH 03833


Similar Part No. - LANC24D24W-LN

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
LANC2405DUW12 WALL-LANC2405DUW12 Datasheet
243Kb / 3P
   Single and Dual Output 12 Watt DC/DC Converter 4:1 Ultra Wide Input Voltage
LANC2405DUW15 WALL-LANC2405DUW15 Datasheet
177Kb / 5P
   15 Watt DC/DC Power Converters
LANC2405DUW15 WALL-LANC2405DUW15 Datasheet
232Kb / 5P
   Single and Dual Outputs
LANC2405DUW8 WALL-LANC2405DUW8 Datasheet
244Kb / 3P
   Single and Dual Output 8 Watt DC/DC Converter 4:1 Ultra Wide Input Voltage
LANC2405DUW8 WALL-LANC2405DUW8 Datasheet
388Kb / 5P
   8 Watt DC/DC Power Converters
More results

Similar Description - LANC24D24W-LN

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCSDW01 WALL-DCSDW01 Datasheet
433Kb / 6P
   Up to 1.08 Watts DC/DC Converter Single and Dual Output
LANE WALL-LANE Datasheet
140Kb / 4P
   Up to 2 Watts DC/DC Converter Single and Dual Output
LANF WALL-LANF Datasheet
126Kb / 3P
   Up to 1.8 Watts DC/DC Converter Single and Dual Output
DCSDW05 WALL-DCSDW05 Datasheet
306Kb / 5P
   Up to 5.04 Watts DC/DC Converter Single and Dual Output
DCSDW03 WALL-DCSDW03 Datasheet
314Kb / 5P
   Up to 3 Watts DC/DC Converter Single and Dual Output
DCLSR01 WALL-DCLSR01 Datasheet
336Kb / 5P
   Up to 15 Watts DC/DC Converter Single Output
JFCW WALL-JFCW Datasheet
863Kb / 11P
   Up to 15 Watts DC/DC Converter Single Output
DCPDL09 WALL-DCPDL09 Datasheet
555Kb / 6P
   Up to 9 Watts DC DC Converter Single and Dual Outputs
DCPDLW09 WALL-DCPDLW09 Datasheet
538Kb / 6P
   Up to 9 Watts DC DC Converter Single and Dual Outputs
DCSDW02 WALL-DCSDW02 Datasheet
310Kb / 5P
   Up to 2.01 Watts DC/DC Converter Single and Dual Outputs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com