Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LANC4833UW8 Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # LANC4833UW8
Description  Single and Dual Outputs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

LANC4833UW8 Datasheet(HTML) 3 Page - Wall Industries,Inc.

  LANC4833UW8 Datasheet HTML 1Page - Wall Industries,Inc. LANC4833UW8 Datasheet HTML 2Page - Wall Industries,Inc. LANC4833UW8 Datasheet HTML 3Page - Wall Industries,Inc. LANC4833UW8 Datasheet HTML 4Page - Wall Industries,Inc. LANC4833UW8 Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Rev. E
LANCUW8 Series
Single & Dual Outputs
4:1 Input Voltage Range
8 Watt DC/DC Power Converters
Wall Industries, Inc. 37 Industrial Drive Exeter, NH 03833
06/14/2012
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 3 of 5
MODEL SELECTION TABLES
NOTES
1. BELLCORE TR-NWT-000332. Case 1: 50% Stress, Temperature at 40°C.
MIL-HDBK-217F Notice2 @Ta=25°C, Full load (Ground, Benign, controlled environment).
2. Maximum value at nominal input voltage and full load.
3. Typical value at nominal input voltage and no load.
4. Typical value at nominal input voltage and full load.
5. Test by minimum Vin and constant resistive load.
6. The ON/OFF control pin voltage is referenced to -Vin.
7. Operating Ambient Temperature:
Converters can meet the railway T2 and TX temperature requirements.
T2: -40°C to +70°C for all models, TX: -40°C to +85°C with power derating to 55% output power.
8. The LANCUW8 series can meet EN55022 and EN55011 Class A with an external capacitor on the input pins to the converter.
Recommended: 24Vin Models: 1µF/50V 1210 MLCC
48Vin Models: 0.47µF/100V 1812 MLCC
110Vin Models: 1µF/250V*2pcs 1812 MLCC
9. An external input filter capacitor is required if the module has to meet EN61000-4-4, EN61000-4-5.
Recommended: 24Vin & 48Vin Models: Nippon chemi-con KY series, 220µF/100V
110Vin Models: Nippon chemi-con KXJ series, 150µF/200V
10. For surface mount (SMT) type add the suffix “S” to the model number. Ex: LANC2405UW8S.
11. CAUTION: This power module is not internally fused. An input line fuse must always be used.
*Due to advances in technology, specifications subject to change without notice.
SINGLE OUTPUT MODELS
Model Number
Input Voltage
Range
Output
Voltage
Output Current
Input Current
Output
(4)
Ripple & Noise
Output
Power
Efficiency
(4)
Maximum
(5)
Capacitive Load
Min. Load Full Load
No Load
(3)
Full Load
(2)
LANC2433UW8
24 VDC
(9 - 36 VDC)
3.3 VDC
0mA
2400mA
40mA
407mA
50mVp-p
8W
85%
1330
μF
LANC2405UW8
5 VDC
0mA
1600mA
40mA
402mA
50mVp-p
8W
87%
1330μF
LANC2412UW8
12 VDC
0mA
666mA
25mA
407mA
50mVp-p
8W
86%
288μF
LANC2415UW8
15 VDC
0mA
533mA
25mA
407mA
50mVp-p
8W
86%
200μF
LANC4833UW8
48 VDC
(18 - 75 VDC)
3.3 VDC
0mA
2400mA
20mA
204mA
50mVp-p
8W
85%
1330μF
LANC4805UW8
5 VDC
0mA
1600mA
20mA
201mA
50mVp-p
8W
87%
1330μF
LANC4812UW8
12 VDC
0mA
666mA
13mA
201mA
50mVp-p
8W
87%
288μF
LANC4815UW8
15 VDC
0mA
533mA
13mA
198mA
50mVp-p
8W
88%
200μF
LANC11033UW8
110 VDC
(43 - 160 VDC)
3.3 VDC
0mA
2400mA
8mA
82mA
75mVp-p
8W
84%
1330μF
LANC11005UW8
5 VDC
0mA
1600mA
8mA
90mA
75mVp-p
8W
85%
1330μF
LANC11012UW8
12 VDC
0mA
666mA
4mA
88mA
75mVp-p
8W
86%
288μF
LANC11015UW8
15 VDC
0mA
533mA
4mA
88mA
75mVp-p
8W
86%
200μF
DUAL OUTPUT MODELS
Model Number
Input Voltage
Range
Output
Voltage
Output Current
Input Current
Output
(6)
Ripple & Noise
Output
Power
Efficiency
(4)
Maximum
(5)
Capacitive Load
Min. Load Full Load
No Load
(3)
Full Load
(2)
LANC2405DUW8
24 VDC
(9 - 36 VDC)
±5 VDC
0mA
±800mA
20mA
417mA
50mVp-p
8W
84%
±900µF
LANC2412DUW8
±12 VDC
0mA
±333mA
25mA
407mA
50mVp-p
8W
86%
±133µF
LANC2415DUW8
±15 VDC
0mA
±267mA
25mA
407mA
50mVp-p
8W
86%
±90µF
LANC4805DUW8
48 VDC
(18 - 75 VDC)
±5 VDC
0mA
±800mA
10mA
208mA
50mVp-p
8W
84%
±900µF
LANC4812DUW8
±12 VDC
0mA
±333mA
13mA
201mA
50mVp-p
8W
87%
±133µF
LANC4815DUW8
±15 VDC
0mA
±267mA
13mA
201mA
50mVp-p
8W
87%
±90µF
LANC11005DUW8
110 VDC
(43 - 160 VDC)
±5 VDC
0mA
±800mA
5mA
93mA
75mVp-p
8W
82%
±900µF
LANC11012DUW8
±12 VDC
0mA
±333mA
5mA
90mA
75mVp-p
8W
85%
±133µF
LANC11015DUW8
±15 VDC
0mA
±267mA
5mA
90mA
75mVp-p
8W
85%
±90µF


Similar Part No. - LANC4833UW8

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
LANC4833UW8 WALL-LANC4833UW8 Datasheet
244Kb / 3P
   Single and Dual Output 8 Watt DC/DC Converter 4:1 Ultra Wide Input Voltage
LANC4833UW8 WALL-LANC4833UW8 Datasheet
388Kb / 5P
   8 Watt DC/DC Power Converters
More results

Similar Description - LANC4833UW8

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
LANCW15 WALL-LANCW15_16 Datasheet
276Kb / 5P
   Single and Dual Outputs
DCHF10W WALL-DCHF10W_16 Datasheet
177Kb / 4P
   Single and Dual Outputs
LANCUW15 WALL-LANCUW15_16 Datasheet
232Kb / 5P
   Single and Dual Outputs
LANCW5 WALL-LANCW5_11 Datasheet
261Kb / 4P
   Single and Dual Outputs
ELANC WALL-ELANC_16 Datasheet
153Kb / 4P
   Single and Dual Outputs
DCMUA WALL-DCMUA_16 Datasheet
225Kb / 5P
   Single and Dual Outputs
DCREDUW20 WALL-DCREDUW20 Datasheet
438Kb / 5P
   Single and Dual Outputs
logo
XP Power Limited
ISP XPPOWER-ISP Datasheet
91Kb / 1P
   Single and Dual Regulated Outputs
logo
Artesyn Technologies
CL25 ARTESYN-CL25 Datasheet
52Kb / 2P
   Single, dual and triple outputs
logo
Wall Industries,Inc.
DCHF30W WALL-DCHF30W Datasheet
188Kb / 4P
   Single, Dual, and Triple Outputs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com