Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCSDW05-48D05SH Datasheet(PDF) 4 Page - Wall Industries,Inc.

Part # DCSDW05-48D05SH
Description  Up to 5.04 Watts DC/DC Converter Single and Dual Output
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCSDW05-48D05SH Datasheet(HTML) 4 Page - Wall Industries,Inc.

  DCSDW05-48D05SH Datasheet HTML 1Page - Wall Industries,Inc. DCSDW05-48D05SH Datasheet HTML 2Page - Wall Industries,Inc. DCSDW05-48D05SH Datasheet HTML 3Page - Wall Industries,Inc. DCSDW05-48D05SH Datasheet HTML 4Page - Wall Industries,Inc. DCSDW05-48D05SH Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Rev A
DCSDW05 SERIES
Up to 5.04 Watts
DC/DC Converter
Single and Dual Output
9/21/2016
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 4 of 5
MECHANICAL DRAWINGS
DIP Type
PIN CONNECTION
PIN
SINGLE
DUAL
1
+Vin
+Vin
2
-Vin
-Vin
4
Ctrl
Ctrl
5
NC
-Vout
6
-Vout
Common
7
+Vout
+Vout
Notes:
1.
All dimensions in inch (mm)
2.
Tolerance: x.xx±0.02 (x.x±0.5)
x.xxx±0.01 (x.xx±.25)
3.
Pin Pitch Tolerance ±0.01 (0.25)
4.
Pin Dimension Tolerance ±0.004(0.1)
SMD Type
MODEL NUMBER SETUP
DCSDW
05
-
48
S
05
S
H
Series Name
Output Power
Input Voltage
Output Quantity
Ouptut Voltage
Package Type
Isolation Option
24: 9~36VDC
S: Single
33: 3.3VDC
None: DIP Package
None: 1600VDC
48: 18~75VDC
05: 5VDC
S: SMD Package
H: 3000VDC
12: 12VDC
15: 15VDC
24: 24VDC
D: Dual
05: ±5VDC
12: ±12VDC
15: ±15VDC


Similar Part No. - DCSDW05-48D05SH

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCSDW01 WALL-DCSDW01 Datasheet
433Kb / 6P
   Up to 1.08 Watts DC/DC Converter Single and Dual Output
DCSDW01-05D05SH WALL-DCSDW01-05D05SH Datasheet
433Kb / 6P
   Up to 1.08 Watts DC/DC Converter Single and Dual Output
DCSDW01-05D12SH WALL-DCSDW01-05D12SH Datasheet
433Kb / 6P
   Up to 1.08 Watts DC/DC Converter Single and Dual Output
DCSDW01-05D15SH WALL-DCSDW01-05D15SH Datasheet
433Kb / 6P
   Up to 1.08 Watts DC/DC Converter Single and Dual Output
DCSDW01-05D24SH WALL-DCSDW01-05D24SH Datasheet
433Kb / 6P
   Up to 1.08 Watts DC/DC Converter Single and Dual Output
More results

Similar Description - DCSDW05-48D05SH

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCSDW01 WALL-DCSDW01 Datasheet
433Kb / 6P
   Up to 1.08 Watts DC/DC Converter Single and Dual Output
LANE WALL-LANE Datasheet
140Kb / 4P
   Up to 2 Watts DC/DC Converter Single and Dual Output
LANF WALL-LANF Datasheet
126Kb / 3P
   Up to 1.8 Watts DC/DC Converter Single and Dual Output
LANC-LN WALL-LANC-LN Datasheet
395Kb / 6P
   Up to 5 Watts DC-DC Converter Single and Dual Output
DCSDW03 WALL-DCSDW03 Datasheet
314Kb / 5P
   Up to 3 Watts DC/DC Converter Single and Dual Output
DCLSR01 WALL-DCLSR01 Datasheet
336Kb / 5P
   Up to 15 Watts DC/DC Converter Single Output
JFCW WALL-JFCW Datasheet
863Kb / 11P
   Up to 15 Watts DC/DC Converter Single Output
DCPDL09 WALL-DCPDL09 Datasheet
555Kb / 6P
   Up to 9 Watts DC DC Converter Single and Dual Outputs
DCPDLW09 WALL-DCPDLW09 Datasheet
538Kb / 6P
   Up to 9 Watts DC DC Converter Single and Dual Outputs
DCSDW02 WALL-DCSDW02 Datasheet
310Kb / 5P
   Up to 2.01 Watts DC/DC Converter Single and Dual Outputs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com