Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S29GL032A10FFIR23 Datasheet(PDF) 10 Page - SPANSION

Part # S29GL032A10FFIR23
Description  64 MEGABIT 32MEGABIT 3.0 BOLT ONLY PAGE MODE FLASH MEMORY
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL032A10FFIR23 Datasheet(HTML) 10 Page - SPANSION

Back Button S29GL032A10FFIR23 Datasheet HTML 6Page - SPANSION S29GL032A10FFIR23 Datasheet HTML 7Page - SPANSION S29GL032A10FFIR23 Datasheet HTML 8Page - SPANSION S29GL032A10FFIR23 Datasheet HTML 9Page - SPANSION S29GL032A10FFIR23 Datasheet HTML 10Page - SPANSION S29GL032A10FFIR23 Datasheet HTML 11Page - SPANSION S29GL032A10FFIR23 Datasheet HTML 12Page - SPANSION S29GL032A10FFIR23 Datasheet HTML 13Page - SPANSION S29GL032A10FFIR23 Datasheet HTML 14Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 88 page
background image
8
S29GLxxxA MirrorBit™ Flash Family
S29GLxxxA_00_A2 January 28, 2005
Ad van c e
Inf o rmation
Connection Diagrams
Notes:
1. Pin 9 is A21, Pin 13 is ACC, Pin 14 is WP#, Pin 15 is A19, and Pin 47 is VIO on S29GL064A (models R6, R7).
2. Pin 13 is NC on S29GL032A.
Notes:
1. Pin 15 is NC on S29GL032A.
1
16
2
3
4
5
6
7
8
17
18
19
20
21
22
23
24
9
10
11
12
13
14
15
48
33
47
46
45
44
43
42
41
40
39
38
37
36
35
34
25
32
31
30
29
28
27
26
A15
A18
A14
A13
A12
A11
A10
A9
A8
A19
1
A20
WE#
RESET#
A21
1,2
WP#/ACC
1
RY/BY#
1
A1
A17
A7
A6
A5
A4
A3
A2
A16
DQ2
BYTE#
1
VSS
DQ15/A-1
DQ7
DQ14
DQ6
DQ13
DQ9
DQ1
DQ8
DQ0
OE#
VSS
CE#
A0
DQ5
DQ12
DQ4
VCC
DQ11
DQ3
DQ10
48-Pin Standard TSOP
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
NC
NC
A15
A14
A13
A12
A11
A10
A9
A8
A19
A20
WE#
RESET#
A21
1
WP#/ACC
RY/BY#
A18
A17
A7
A6
A5
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
NC
NC
A16
BYTE#
VSS
DQ15/A-1
DQ7
DQ14
DQ6
DQ13
DQ5
DQ12
DQ4
VCC
DQ11
DQ3
DQ10
DQ2
DQ9
DQ1
DQ8
DQ0
23
24
25
26
27
28
A4
A3
A2
A1
NC
NC
34
33
32
31
30
29
OE#
VSS
CE#
A0
NC
VIO
56-Pin Standard TSOP


Similar Part No. - S29GL032A10FFIR23

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29GL032A10FFIR23 SPANSION-S29GL032A10FFIR23 Datasheet
3Mb / 95P
   64 Megabit, 32 Megabit, and 16 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 200 nm MirrorBit Process Technology
More results

Similar Description - S29GL032A10FFIR23

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29GL-N SPANSION-S29GL-N_07 Datasheet
3Mb / 79P
   64 Megabit, 32 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 110 nm MirrorBit Process Technology
S29GL032A SPANSION-S29GL032A_07 Datasheet
3Mb / 95P
   64 Megabit, 32 Megabit, and 16 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 200 nm MirrorBit Process Technology
logo
Eon Silicon Solution In...
EN29GL064 EON-EN29GL064_11 Datasheet
838Kb / 64P
   64 Megabit (8192K x 8-bit / 4096K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29GL064ATB EON-EN29GL064ATB Datasheet
679Kb / 58P
   64 Megabit (8192K x 8-bit / 4096K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29GL064AT EON-EN29GL064AT Datasheet
678Kb / 58P
   64 Megabit (8192K x 8-bit / 4096K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
logo
Advanced Micro Devices
AM29DL640D AMD-AM29DL640D Datasheet
1Mb / 54P
   64 Megabit CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
logo
ATMEL Corporation
AT49BV6416C ATMEL-AT49BV6416C Datasheet
489Kb / 32P
   64-megabit (4M x 16) Page Mode 2.7-volt Flash Memory
AT49BV6416 ATMEL-AT49BV6416 Datasheet
293Kb / 30P
   64-megabit (4M x 16) Page Mode 2.7-volt Flash Memory
logo
SPANSION
S70GL01GN00 SPANSION-S70GL01GN00_07 Datasheet
1Mb / 83P
   1024 Megabit, 3.0 Volt-only Page Mode Flash Memory Featuring 110 nm MirrorBit??Process Technology
S29AL032D SPANSION-S29AL032D Datasheet
1Mb / 69P
   32 Megabit CMOS 3.0 Volt-only Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com