Electronic Components Datasheet Search |
|
LANC515W3 Datasheet(PDF) 3 Page - Wall Industries,Inc. |
|
LANC515W3 Datasheet(HTML) 3 Page - Wall Industries,Inc. |
3 / 6 page Rev. B LANCW3 Series Single and Dual Outputs 2:1 & 3:1 Wide Input Ranges 3 Watt DC/DC Power Converters Wall Industries, Inc. 37 Industrial Drive Exeter, NH 03833 12/17/2012 603-778-2300 www.wallindustries.com Fax 603-778-9797 Page 3 of 6 SPECIFICATIONS: LANCW3 SERIES All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted. We reserve the right to change specifications based on technological advances. SPECIFICATION TEST CONDITIONS Min Typ Max Unit ENVIRONMENTAL SPECIFICATIONS Operating Ambient Temperature Range 20VDC nominal input models With derating -25 +85 °C Others -40 +85 Case Temperature +90 °C Storage Temperature -50 +125 °C Humidity (non-condensing) 95 % RH Cooling “natural convection” is about 20LFM but is not equal to still air Free air convection (20LFM) Lead Temperature 1.5mm from case for 10 seconds 260 °C MTBF (calculated) MIL-HDBK-217F at 25°C, Ground Benign 1,000,000 hours PHYSICAL SPECIFICATIONS Weight 0.44oz (12.4g) Dimensions (L x W x H) 1.25 x 0.80 x 0.40 inches (31.80 x 20.3 x 10.2 mm) Case Material Non-conductive black plastic Flammability UL 94V-0 rated SAFETY & EMI Safety Approvals UL/cUL 60950-1 recognition (CSA certificate). IEC/EN 60950-1 Conducted EMI Compliance to EN 55022, class A and FCC part 15, class A MODEL SELECTION TABLE SINGLE OUTPUT MODELS Model Number Input Voltage Output Voltage Output Current Input Current Reflected Ripple Current (Typ) Output Power Efficiency Maximum Capacitive Load Min (1) Max No Load Max Load LANC505W3 5 VDC (4.5 – 9 VDC) 5 VDC 60mA 600mA 40mA 857mA 100mA 3W 70% 2000µF LANC512W3 12 VDC 25mA 250mA 811mA 3W 74% LANC515W3 15 VDC 20mA 200mA 811mA 3W 74% LANC1205W3 12 VDC (9 – 18 VDC) 5 VDC 60mA 600mA 20mA 329mA 30mA 3W 76% 2000µF LANC1212W3 12 VDC 25mA 250mA 313mA 3W 80% LANC1215W3 15 VDC 20mA 200mA 313mA 3W 80% LANC2405W3 24 VDC (18 – 36 VDC) 5 VDC 60mA 600mA 5mA 162mA 15mA 3W 77% 2000µF LANC2412W3 12 VDC 25mA 250mA 154mA 3W 81% LANC2415W3 15 VDC 20mA 200mA 154mA 3W 81% LANC4805W3 48 VDC (36 – 75 VDC) 5 VDC 60mA 600mA 3mA 81mA 10mA 3W 77% 2000µF LANC4812W3 12 VDC 25mA 250mA 77mA 3W 81% LANC4815W3 15 VDC 20mA 200mA 77mA 3W 81% LANC2005W3 20 VDC (10 – 30 VDC) 5 VDC 60mA 600mA 5mA 188mA 20mA 3W 80% 4000µF LANC2012W3 12 VDC 25mA 250mA 188mA 3W 80% LANC2015W3 15 VDC 20mA 200mA 188mA 3W 80% DUAL OUTPUT MODELS Model Number Input Voltage Output Voltage Output Current Input Current Reflected Ripple Current (Typ) Output Power Efficiency Maximum Capacitive Load Min (1) Max No Load Max Load LANC512DW3 5 VDC (4.5 – 9 VDC) ±12 VDC ±12.5mA ±125mA 40mA 811mA 100mA 3W 74% ±1000µF LANC515DW3 ±15 VDC ±10mA ±100mA 811mA 3W 74% LANC1212DW3 12 VDC (9 – 18 VDC) ±12 VDC ±12.5mA ±125mA 20mA 313mA 30mA 3W 80% ±1000µF LANC1215DW3 ±15 VDC ±10mA ±100mA 313mA 3W 80% LANC2412DW3 24 VDC (18 – 36 VDC) ±12 VDC ±12.5mA ±125mA 5mA 154mA 15mA 3W 81% ±1000µF LANC2415DW3 ±15 VDC ±10mA ±100mA 154mA 3W 81% LANC4812DW3 48 VDC (36 – 75 VDC) ±12 VDC ±12.5mA ±125mA 3mA 77mA 10mA 3W 81% ±1000µF LANC4815DW3 ±15 VDC ±10mA ±100mA 77mA 3W 81% LANC2012DW3 20 VDC (10 – 30 VDC) ±12 VDC ±12.5mA ±125mA 5mA 188mA 20mA 3W 80% ±470µF LANC2015DW3 ±15 VDC ±10mA ±100mA 188mA 3W 80% NOTES 1. These power converters require a minimum output loading to maintain all specified regulations. Operation under no-load conditions will not damage these devices; however, they may not meet all the listed specifications. 2. All DC/DC converters should be externally fused at the front end for protection. *Due to advances in technology, specifications are subject to change without notice. |
Similar Part No. - LANC515W3 |
|
Similar Description - LANC515W3 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |