Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCSDW05 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # DCSDW05
Description  Up to 5.04 Watts DC/DC Converter Single and Dual Output
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCSDW05 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  DCSDW05 Datasheet HTML 1Page - Wall Industries,Inc. DCSDW05 Datasheet HTML 2Page - Wall Industries,Inc. DCSDW05 Datasheet HTML 3Page - Wall Industries,Inc. DCSDW05 Datasheet HTML 4Page - Wall Industries,Inc. DCSDW05 Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Rev A
DCSDW05 SERIES
Up to 5.04 Watts
DC/DC Converter
Single and Dual Output
9/21/2016
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 1 of 5
DIP Through Hole Package
SMD Surface Mount Package
Size: 0.52in x 0.36in x 0.40in (13.2mm x 9.1mm x 10.2mm)
Size: 0.56in x 0.36in x 0.40in (14.2mm x 9.1mm x 10.2mm)
OPTIONS
FEATURES
SMD or DIP Package
Single or Dual Output
1600VDC Isolation or
3000VDC Isolation
4:1 Ultra Wide Input Range
Ultra Small SMD or DIP Package
SMD Package Qualified for Lead-Free Reflow
Solder Process According IPC J-STD-020D
1600VDC Isolation or Optional 3000VDC
No Minimum Load Required
Continuous Short Circuit Protection
CE Marked
RoHS II & REACH Compliant
UL60950-1, EN60950-1, & IEC60950-1 Safety Approvals
APPLICATIONS
DESCRIPTION
Wireless Network
Telecom/Datacom
Industry Control System
Measurement Equipment
Semiconductor Equipment
The DCSDW05 series of DC/DC converters offers up to 5.04 watts of output power in compact SMD or DIP
package. This series consists of both single and dual output models with an ultra-wide 4:1 input range. Each
model in this series requires no minimum load, is CE marked, and has continuous short circuit protection.
This series is RoHS II & REACH compliant and it has UL60950-1, EN6090-1, & IEC60950-1 safety
approvals. Please call factory for order details.
MODEL SELECTION TABLE
Single Output Models
Model Number
Input Voltage Range
Output Voltage Output Current
No Load Input
Current
Maximum
Capacitive Load
Efficiency
Output Power Ripple & Noise
DCSDW05-24S33
24VDC
(9~36VDC)
3.3VDC
1000mA
20mA
4400µF
76%
Up to 5.04W
75mVp-p
DCSDW05-24S05
5VDC
1000mA
30mA
2200µF
80%
DCSDW05-24S12
12VDC
420mA
30mA
1220µF
83%
DCSDW05-24S15
15VDC
333mA
30mA
1000µF
83%
DCSDW05-24S24
24VDC
210mA
30mA
470µF
83%
DCSDW05-48S33
48VDC
(18~75VDC)
3.3VDC
1000mA
10mA
4400µF
76%
Up to 5.04W
75mVp-p
DCSDW05-48S05
5VDC
1000mA
12mA
2200µF
81%
DCSDW05-48S12
12VDC
420mA
15mA
1220µF
83%
DCSDW05-48S15
15VDC
333mA
15mA
1000µF
83%
DCSDW05-48S24
24VDC
210mA
15mA
470µF
83%
MODEL SELECTION TABLE
Dual Output Models
Model Number
Input Voltage Range
Output Voltage Output Current
No Load Input
Current
Maximum
Capacitive Load
Efficiency
Output Power Ripple & Noise
DCSDW05-24D05
24VDC
(9~36VDC)
±5VDC
±500mA
30mA
±1000µF
80%
Up to 5.04W
75mVp-p
DCSDW05-24D12
±12VDC
±210mA
30mA
±680µF
83%
DCSDW05-24D15
±15VDC
±168mA
30mA
±440µF
84%
DCSDW05-48D05
48VDC
(18~75VDC)
±5VDC
±500mA
15mA
±1000µF
80%
Up to 5.04W
75mVp-p
DCSDW05-48D12
±12VDC
±210mA
15mA
±680µF
83%
DCSDW05-48D15
±15VDC
±168mA
15mA
±440µF
84%


Similar Part No. - DCSDW05

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCSDW01 WALL-DCSDW01 Datasheet
433Kb / 6P
   Up to 1.08 Watts DC/DC Converter Single and Dual Output
DCSDW01-05D05SH WALL-DCSDW01-05D05SH Datasheet
433Kb / 6P
   Up to 1.08 Watts DC/DC Converter Single and Dual Output
DCSDW01-05D12SH WALL-DCSDW01-05D12SH Datasheet
433Kb / 6P
   Up to 1.08 Watts DC/DC Converter Single and Dual Output
DCSDW01-05D15SH WALL-DCSDW01-05D15SH Datasheet
433Kb / 6P
   Up to 1.08 Watts DC/DC Converter Single and Dual Output
DCSDW01-05D24SH WALL-DCSDW01-05D24SH Datasheet
433Kb / 6P
   Up to 1.08 Watts DC/DC Converter Single and Dual Output
More results

Similar Description - DCSDW05

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCSDW01 WALL-DCSDW01 Datasheet
433Kb / 6P
   Up to 1.08 Watts DC/DC Converter Single and Dual Output
LANE WALL-LANE Datasheet
140Kb / 4P
   Up to 2 Watts DC/DC Converter Single and Dual Output
LANF WALL-LANF Datasheet
126Kb / 3P
   Up to 1.8 Watts DC/DC Converter Single and Dual Output
LANC-LN WALL-LANC-LN Datasheet
395Kb / 6P
   Up to 5 Watts DC-DC Converter Single and Dual Output
DCSDW03 WALL-DCSDW03 Datasheet
314Kb / 5P
   Up to 3 Watts DC/DC Converter Single and Dual Output
DCLSR01 WALL-DCLSR01 Datasheet
336Kb / 5P
   Up to 15 Watts DC/DC Converter Single Output
JFCW WALL-JFCW Datasheet
863Kb / 11P
   Up to 15 Watts DC/DC Converter Single Output
DCPDL09 WALL-DCPDL09 Datasheet
555Kb / 6P
   Up to 9 Watts DC DC Converter Single and Dual Outputs
DCPDLW09 WALL-DCPDLW09 Datasheet
538Kb / 6P
   Up to 9 Watts DC DC Converter Single and Dual Outputs
DCSDW02 WALL-DCSDW02 Datasheet
310Kb / 5P
   Up to 2.01 Watts DC/DC Converter Single and Dual Outputs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com