Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC463LP5E Datasheet(PDF) 6 Page - Analog Devices

Part # HMC463LP5E
Description  GaAs pHEMT MMIC LOW NOISE AGC AMPLIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC463LP5E Datasheet(HTML) 6 Page - Analog Devices

  HMC463LP5E Datasheet HTML 1Page - Analog Devices HMC463LP5E Datasheet HTML 2Page - Analog Devices HMC463LP5E Datasheet HTML 3Page - Analog Devices HMC463LP5E Datasheet HTML 4Page - Analog Devices HMC463LP5E Datasheet HTML 5Page - Analog Devices HMC463LP5E Datasheet HTML 6Page - Analog Devices HMC463LP5E Datasheet HTML 7Page - Analog Devices HMC463LP5E Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
For price, delivery, and to place orders: Analog Devices, Inc., One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D
7
7 - 6
Pin Number
Function
Description
Interface Schematic
1, 3, 4, 6-14,
16-20, 22-29,
31, 32
N/C
The pins are not connected internally; however, all data
shown herein was measured with these pins connected to
RF/DC ground externally.
2
Vgg2
Optional gate control if AGC is required.
Leave Vgg2 open circuited if AGC is not required.
Typical Vgg2 = -1.5V to 0V
5
RFIN
This pad is AC coupled and matched to 50 Ohms
15
Vgg1
Gate control for amplifier. Adjust to achieve Idd = 60mA.
21
RFOUT
This pad is AC coupled and matched to 50 Ohms
30
Vdd
Power supply voltage for the amplifier.
External bypass capacitors are required
Ground
Paddle
GND
Ground paddle must be connected to RF/DC ground.
Pin Descriptions
HMC463LP5 / 463LP5E
v09.0717
GaAs pHEMT MMIC LOW NOISE
AGC AMPLIFIER, 2 - 20 GHz


Similar Part No. - HMC463LP5E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC463LP5E HITTITE-HMC463LP5E Datasheet
734Kb / 8P
   GaAs pHEMT MMIC LOW NOISE AGC AMPLIFIER, 2 - 20 GHz
More results

Similar Description - HMC463LP5E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC463LH250 AD-HMC463LH250 Datasheet
1Mb / 6P
   GaAs pHEMT MMIC LOW NOISE AGC AMPLIFIER
HMC463 AD-HMC463 Datasheet
725Kb / 8P
   GaAs PHEMT MMIC LOW NOISE AGC AMPLIFIER
logo
Hittite Microwave Corpo...
HMC463LH250 HITTITE-HMC463LH250_10 Datasheet
262Kb / 6P
   GaAs pHEMT MMIC LOW NOISE AGC AMPLIFIER, 2 - 20 GHz
HMC463LP5 HITTITE-HMC463LP5 Datasheet
354Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AGC AMPLIFIER, 2.0 - 20.0 GHz
HMC463 HITTITE-HMC463_10 Datasheet
310Kb / 8P
   GaAs PHEMT MMIC LOW NOISE AGC AMPLIFIER, 2 - 20 GHz
HMC463LP5 HITTITE-HMC463LP5_11 Datasheet
734Kb / 8P
   GaAs pHEMT MMIC LOW NOISE AGC AMPLIFIER, 2 - 20 GHz
HMC463LH250 HITTITE-HMC463LH250 Datasheet
350Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AGC AMPLIFIER, 2 - 20 GHz
logo
Analog Devices
HMC462LP5 AD-HMC462LP5 Datasheet
375Kb / 6P
   GaAs pHEMT MMIC LOW NOISE AMPLIFIER
HMC1049 AD-HMC1049 Datasheet
272Kb / 14P
   GaAs pHEMT MMIC Low Noise Amplifier
HMC342LC4 AD-HMC342LC4 Datasheet
340Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com