Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC461LP3E Datasheet(PDF) 6 Page - Analog Devices

Part # HMC461LP3E
Description  InGaP HBT 1 Watt High IP3 AMPLIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC461LP3E Datasheet(HTML) 6 Page - Analog Devices

  HMC461LP3E Datasheet HTML 1Page - Analog Devices HMC461LP3E Datasheet HTML 2Page - Analog Devices HMC461LP3E Datasheet HTML 3Page - Analog Devices HMC461LP3E Datasheet HTML 4Page - Analog Devices HMC461LP3E Datasheet HTML 5Page - Analog Devices HMC461LP3E Datasheet HTML 6Page - Analog Devices HMC461LP3E Datasheet HTML 7Page - Analog Devices HMC461LP3E Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
11
11 - 255
Pin Descriptions
Pin Number
Function
Description
Interface Schematic
2, 3, 5 - 8,
10, 11, 13 - 16
N/C
This pin may be connected to RF ground.
1, 4
IN1, IN2
RF Input. This pin is AC coupled.
An off chip series matching capacitor is required.
9, 12
OUT1, OUT2
RF output and DC Bias for the output stage.
GND
Package bottom must be connected to RF/DC ground.
Recommended Application Circuit for Balanced Amplifier Configuration
Recommended Component Values
L1, L2
8.2 nH
C1, C2
2.2 μF
C5, C6
5.0 pF
C7, C8
0.9 pF
C3, C4
100 pF
C7, C8
0.8 pF
C9, C10
4.0 pF
R1, R2
130 Ohm
TL1
TL2
Impedance
50 Ohm
50 Ohm
Physical Length
0.09”
0.18”
Electrical Length
9.5°
19°
PCB Material: 10 mil Rogers 4350, Er = 3.48
Specifications and data reflect HMC461LP3 measured with external baluns in a balanced
amplifier configuration optimized for 1.85 - 2.2 GHz per application circuit herein.
Contact HMC Applications for 1.7 - 1.85 GHz performance optimization.
HMC461LP3 / 461LP3E
InGaP HBT 1 Watt High IP3
AMPLIFIER, 1.7 - 2.2 GHz
v02.0705
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D


Similar Part No. - HMC461LP3E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC461LP3E HITTITE-HMC461LP3E Datasheet
332Kb / 8P
   InGaP HBT 1 Watt High IP3 AMPLIFIER, 1.7 - 2.2 GHz
More results

Similar Description - HMC461LP3E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC455LP3 AD-HMC455LP3 Datasheet
372Kb / 6P
   InGaP HBT Watt High IP3 AMPLIFIER
HMC454ST89 AD-HMC454ST89 Datasheet
619Kb / 12P
   InGaP HBT WATT HIGH IP3 AMPLIFIER,
logo
Hittite Microwave Corpo...
HMC461LP3 HITTITE-HMC461LP3_09 Datasheet
332Kb / 8P
   InGaP HBT 1 Watt High IP3 AMPLIFIER, 1.7 - 2.2 GHz
HMC461LP3 HITTITE-HMC461LP3 Datasheet
362Kb / 8P
   InGaP HBT 1 Watt High IP3 AMPLIFIER, 1.7 - 2.2 GHz
HMC461LP3 HITTITE-HMC461LP3_06 Datasheet
434Kb / 8P
   InGaP HBT 1 Watt High IP3 AMPLIFIER, 1.7 - 2.2 GHz
HMC455LP3 HITTITE-HMC455LP3 Datasheet
313Kb / 8P
   InGaP HBT 1/2 Watt High IP3 AMPLIFIER, 1.7 - 2.5 GHz
HMC454ST89 HITTITE-HMC454ST89 Datasheet
400Kb / 14P
   InGaP HBT 1/2 WATT HIGH IP3 AMPLIFIER, 0.4 - 2.5 GHz
logo
Aeroflex Circuit Techno...
MMA707 AEROFLEX-MMA707 Datasheet
851Kb / 8P
   1 Watt InGaP HBT Amplifier
logo
Hittite Microwave Corpo...
HMC455LP3 HITTITE-HMC455LP3_09 Datasheet
262Kb / 6P
   InGaP HBT 쩍 Watt High IP3 AMPLIFIER, 1.7 - 2.5 GHz
HMC454ST89 HITTITE-HMC454ST89_10 Datasheet
415Kb / 12P
   InGaP HBT 쩍 WATT HIGH IP3 AMPLIFIER, 0.4 - 2.5 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com