Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AT49F8011 Datasheet(PDF) 1 Page - ATMEL Corporation

Part No. AT49F8011
Description  8-megabit (512K x 16/ 1M x 8) 5-volt Only Flash Memory
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49F8011 Datasheet(HTML) 1 Page - ATMEL Corporation

  AT49F8011 Datasheet HTML 1Page - ATMEL Corporation AT49F8011 Datasheet HTML 2Page - ATMEL Corporation AT49F8011 Datasheet HTML 3Page - ATMEL Corporation AT49F8011 Datasheet HTML 4Page - ATMEL Corporation AT49F8011 Datasheet HTML 5Page - ATMEL Corporation AT49F8011 Datasheet HTML 6Page - ATMEL Corporation AT49F8011 Datasheet HTML 7Page - ATMEL Corporation AT49F8011 Datasheet HTML 8Page - ATMEL Corporation AT49F8011 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
1264D–FLASH–5/03
Features
4.5V to 5.5V Read/Write
Access Time - 70 ns
Sector Erase Architecture
– Fourteen 32K Word (64K Byte) Sectors with Individual Write Lockout
– Two 16K Word (32K Byte) Sectors with Individual Write Lockout
– Two 8K Word (16K Byte) Sectors with Individual Write Lockout
– Four 4K Word (8K Byte) Sectors with Individual Write Lockout
Fast Word Program Time - 10 µs
Fast Sector Erase Time - 200 ms
Dual Plane Organization, Permitting Concurrent Read while Program/Erase
– Memory Plane A: Four 4K Word, Two 8K Word and Two 16K Word Sectors
– Memory Plane B: Fourteen 32K Word Sectors
Erase Suspend Capability
– Supports Reading/Programming Data from Any Sector by Suspending Erase of
Any Different Sector
Low-power Operation
–40 mA Active
– 10 µA Standby
Data Polling, Toggle Bit, Ready/Busy for End of Program Detection
RESET Input for Device Initialization
Sector Program Unlock Command
TSOP and CBGA Package Options
Top or Bottom Boot Block Configuration Available
Description
The AT49F8011(T) is a 5.0 volt 8-megabit Flash memory organized as 524,288 words
of 16 bits each or 1,048,576 bytes of 8 bits each. The x16 data appears on I/O0 -
I/O15; the x8 data appears on I/O0 - I/O7. The memory is divided into 22 sectors for
erase operations. The device is offered in 48-pin TSOP and 48-ball CBGA packages.
The device has CE, and OE control signals to avoid any bus contention. This device
can be read or reprogrammed using a single 5.0V power supply, making it ideally
suited for in-system programming.
Pin Configurations
Pin Name
Function
A0 - A18
Addresses
CE
Chip Enable
OE
Output Enable
WE
Write Enable
RESET
Reset
RDY/BUSY
READY/BUSY Output
I/O0 - I/O14
Data Inputs/Outputs
I/O15 (A-1)
I/O15 (Data Input/Output, Word Mode)
A-1 (LSB Address Input, Byte Mode)
BYTE
Selects Byte or Word Mode
NC
No Connect
DC
Don’t Connect
8-megabit
(512K x 16/
1M x 8)
5-volt Only
Flash Memory
AT49F8011
AT49F8011T
Not Recommended
for New Designs


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn