Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP5003-04TTG Datasheet(PDF) 1 Page - Littelfuse

Part # SP5003-04TTG
Description  SP5003 Series 4 Channel Common Mode Filter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP5003-04TTG Datasheet(HTML) 1 Page - Littelfuse

  SP5003-04TTG Datasheet HTML 1Page - Littelfuse SP5003-04TTG Datasheet HTML 2Page - Littelfuse SP5003-04TTG Datasheet HTML 3Page - Littelfuse SP5003-04TTG Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2017 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 08/30/17
TVS Diode Arrays (SPA® Diodes)
Low Capacitance ESD Protection - SP5003 Series
Description
Applications
The SP5003 Series is a highly integrated Common Mode
Filter (CMF) providing both ESD protection and EMI
common mode noise filtering for systems using high
speed differential serial interfaces, such as MIPI D-PHY or
HDMI.
The SP5003 Series can protect and filter two differential
line pairs in a small RoHS-compliant TDFN-10 package, with
cost and space savings over discrete solutions.
Features
• Large differential
bandwidth > 4.0 GHz
• High Common Mode
Stop Band Attenuation:
> 16 dB at 900 MHz
• Common Mode Imped
ance: Zc: 32Ω at 100 MHz
• TDFN-10 2.50mm ×
2.00mm × 0.75mm
package with 0.50mm
lead pitch
• ±15kV ESD protection
per channel (IEC 61000-
4-2 Level 4, contact
discharge)
• RoHS-compliant, Lead-
free packaging
• AEC-Q101 qualified
• Moisture Sensitivity Level
(MSL-1)
• HDMI/DVI Display in
Mobile Phones
• MIPI D-PHY (CSI-2, DSI,
etc) in Mobile Phones and
Digital Still Cameras
Pinout
1
2
3
4
5
10
9
8
7
6
GND
In 1+
In 1-
In 2+
In 2-
GND
Out 1+
Out 1-
Out 2+
Out 2-
Note :This drawing is not to scale.
Functional Block Diagram
Pin1
Pin2
Pin4
Pin5
Pin3
Pin8
Pin10
Pin9
Pin7
Pin6
External
(Connector)
Internal
(ASIC)
RoHS Pb GREEN
SP5003Series4ChannelCommonModeFilter


Similar Part No. - SP5003-04TTG

ManufacturerPart #DatasheetDescription
logo
DB Unlimited.
SP500308-1 DBUNLIMITED-SP500308-1 Datasheet
765Kb / 1P
   Released from Engineering
SP500308-2 DBUNLIMITED-SP500308-2 Datasheet
296Kb / 1P
   Released from Engineering
SP500350-1 DBUNLIMITED-SP500350-1 Datasheet
558Kb / 1P
   Released from Engineering
More results

Similar Description - SP5003-04TTG

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPA120 PCA-EPA120 Datasheet
54Kb / 1P
   4 Line Common Mode Filter
EPA120-A120G PCA-EPA120-A120G_15 Datasheet
58Kb / 1P
   4 Line Common Mode Filter
logo
Abracon Corporation
ACMF-31 ABRACON-ACMF-31 Datasheet
1Mb / 3P
   Common Mode Filter
10.05.12
logo
ON Semiconductor
EMI8141 ONSEMI-EMI8141 Datasheet
455Kb / 9P
   Common Mode Filter
June, 2014 ??Rev. 0
logo
Superworld Electronics
W3F670-RD-10 SUPERWORLD-W3F670-RD-10 Datasheet
966Kb / 10P
   Common Mode Filter
W1210F500-RC-10 SUPERWORLD-W1210F500-RC-10 Datasheet
383Kb / 7P
   Common Mode Filter
logo
GUANGDONG MISUN TECHNOL...
CM2012B-900Z FPE-CM2012B-900Z Datasheet
474Kb / 1P
   Common Mode Filter
GN2012F-201Z FPE-GN2012F-201Z Datasheet
481Kb / 1P
   Common Mode Filter
GN2012F-121Z FPE-GN2012F-121Z Datasheet
481Kb / 1P
   Common Mode Filter
GP4532F-600L FPE-GP4532F-600L Datasheet
302Kb / 1P
   Common Mode Filter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com