Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP4021-01FTG-C Datasheet(PDF) 2 Page - Littelfuse

Part # SP4021-01FTG-C
Description  SP4021 Series 2.5pF, 25A Discrete TVS Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP4021-01FTG-C Datasheet(HTML) 2 Page - Littelfuse

  SP4021-01FTG-C Datasheet HTML 1Page - Littelfuse SP4021-01FTG-C Datasheet HTML 2Page - Littelfuse SP4021-01FTG-C Datasheet HTML 3Page - Littelfuse SP4021-01FTG-C Datasheet HTML 4Page - Littelfuse SP4021-01FTG-C Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TVS Diode Arrays (SPA®Diodes)
© 2017 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 05/04/17
Lightning Surge Protection- SP4021 Series
Notes:
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of
the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Absolute Maximum Ratings
Symbol
Parameter
Value
Units
I
PP
Peak Current (t
p=8/20μs)
25
A
P
Pk
Peak Pulse Power (t
p=8/20μs)
600
W
T
OP
Operating Temperature
-40 to 125
°C
T
STOR
Storage Temperature
-55 to 150
°C
Electrical Characteristics (T
OP=25ºC)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Breakdown Voltage
V
BD
I
R=2uA
6.3
V
Reverse Standoff Voltage
V
RWM
I
R≤1μA
5.0
V
Leakage Current
I
LEAK
V
R=5.0V
0.5
μA
Clamp Voltage1
V
C
I
PP=1A, tp=8/20µs, Fwd
9.3
V
I
PP=10A, tp=8/20µs, Fwd
14.0
V
I
PP=24A, tP=8/20μs, Fwd
19.6
V
Dynamic Resistance2
R
DYN
TLP, tP=100ns, I/O to GND
0.35
ESD Withstand Voltage1
V
ESD
IEC 61000-4-2 (Contact Discharge)
±30
kV
IEC 61000-4-2 (Air Discharge)
±30
kV
Diode Capacitance1
C
D
Reverse Bias=0V, f=1MHz
2.5
pF
Note:
1. Parameter is guaranteed by design and/or device characterization.
2. Transmission Line Pulse (TLP) with 100ns width and 200ps rise time.
Thermal Information
Parameter
Rating
Units
Storage Temperature Range
-55 to 150
°C
Maximum Junction Temperature
150
°C
Maximum Lead Temperature (Soldering 20-40s)
260
°C
Non-Repetitive Peak Pulse Power vs. Pulse Time
0.01
0.1
1
10
0.11
10
1001000
Pulse Duration - tp (µs)
Normalized Capacitance vs. Bias Voltage
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Bias Voltage (V)
SP4021-01FTG
SP4021-01FTG-C


Similar Part No. - SP4021-01FTG-C

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP4020 LITTELFUSE-SP4020 Datasheet
720Kb / 4P
   SP4020 Series 2.5pF, 30A Discrete TVS Diode
2020 Littelfuse, Inc.
SP4020-01FTG LITTELFUSE-SP4020-01FTG Datasheet
720Kb / 4P
   SP4020 Series 2.5pF, 30A Discrete TVS Diode
2020 Littelfuse, Inc.
SP4020-01FTG-C LITTELFUSE-SP4020-01FTG-C Datasheet
720Kb / 4P
   SP4020 Series 2.5pF, 30A Discrete TVS Diode
2020 Littelfuse, Inc.
SP4022 LITTELFUSE-SP4022 Datasheet
750Kb / 4P
   SP4022 Series 1.3pF, 15A Discrete TVS Diode
SP4023 LITTELFUSE-SP4023 Datasheet
858Kb / 4P
   SP4023 Series 1.3pF, 12A Discrete TVS Diode
More results

Similar Description - SP4021-01FTG-C

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP4020 LITTELFUSE-SP4020 Datasheet
720Kb / 4P
   SP4020 Series 2.5pF, 30A Discrete TVS Diode
2020 Littelfuse, Inc.
SP11XX LITTELFUSE-SP11XX Datasheet
768Kb / 7P
   SP11xx Series Discrete Unidirectional TVS Diode
2020 Littelfuse, Inc
SP0201U-ULC-01UTG LITTELFUSE-SP0201U-ULC-01UTG Datasheet
1Mb / 5P
   TVS Diode Array Ultra Low Capacitance Discrete TVS Series
Revised: 08/22/19
SP1124T LITTELFUSE-SP1124T Datasheet
2Mb / 5P
   SP1124T Discrete Unidirectional TVS Diode
SD05 LITTELFUSE-SD05 Datasheet
699Kb / 4P
   450W Discrete Unidirectional TVS Diode
SD05C LITTELFUSE-SD05C Datasheet
702Kb / 4P
   450W Discrete Bidirectional TVS Diode
SPXX LITTELFUSE-SPXX Datasheet
1,014Kb / 6P
   100W Discrete Bidirectional TVS Diode
SPHV-C LITTELFUSE-SPHV-C Datasheet
997Kb / 6P
   200W Discrete Bidirectional TVS Diode
SP1103C LITTELFUSE-SP1103C Datasheet
704Kb / 5P
   80A Discrete Bidirectional TVS Diode
2022 Littelfuse, Inc.
SD05-01FTG LITTELFUSE-SD05-01FTG Datasheet
1,004Kb / 7P
   450W Discrete Unidirectional TVS Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com