Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP3530-01ETG Datasheet(PDF) 5 Page - Littelfuse

Part # SP3530-01ETG
Description  SP3530 0.3pF 22kV unidirectional TVS diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP3530-01ETG Datasheet(HTML) 5 Page - Littelfuse

  SP3530-01ETG Datasheet HTML 1Page - Littelfuse SP3530-01ETG Datasheet HTML 2Page - Littelfuse SP3530-01ETG Datasheet HTML 3Page - Littelfuse SP3530-01ETG Datasheet HTML 4Page - Littelfuse SP3530-01ETG Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
©2017 Littelfuse, Inc.
Specifications are subject to change without notice.
TVS Diode Arrays (SPA®Diodes)
Revision: 01/04/18
TVS Diode Arrays (SPA® Diodes)
Enhanced ESD Discrete TVS Series - SP3530
Embossed Carrier Tape & Reel Specification — 0201 DFN
K0
B0
T
W
P1
P0
P2
D0
F
D1
E1
A0
Symbol
Millimeters
A0
0.33 min/0.41 max
B0
0.63 min/0.71 max
D0
ø 1.50 +0.10/ -0
D1
ø 0.20 +/- 0.05
E1
1.75+/-0.10
F
3.50+/-0.05
K0
0.30 min/0.39 max
P0
4.00+/-0.10
P1
2.00+/-0.10
P2
2.00+/-0.05
W
8.00+0.30/-0.10
T
0.13 min/0.25 max
Embossed Carrier Tape & Reel Specification — SOD882
Symbol
Millimeters
A0
0.70+/-0.045
B0
1.10+/-0.045
K0
0.65+/-0.045
F
3.50+/-0.05
P1
2.00+/-0.10
W
8.00 + 0.30 -0.10
W
P1
P0
P2
Φ2: 1.55±0.05
E
F
A0
B0
K0
T
Top
Cover
Tape
REF
Φ: 0.40±0.05
Pin1
Device OrientationinTape
R
W1
W
MN
S
H
K
8mm TAPE AND REEL
W
P1
P0
P2
Φ2: 1.55±0.05
E
F
A0
B0
K0
T
Top
Cover
Tape
REF
Φ: 0.40±0.05
Pin1
Device OrientationinTape
R
W1
W
MN
S
H
K
8mm TAPE AND REEL
Disclaimer Notice - Information furnished is believed to be accurate and reliable. However, users should independently evaluate the suitability of and
test each product selected for their own applications. Littelfuse products are not designed for, and may not be used in, all applications.
Read complete Disclaimer Notice at www.littelfuse.com/disclaimier-electronics.


Similar Part No. - SP3530-01ETG

ManufacturerPart #DatasheetDescription
logo
NEC
SP350 NEC-SP350 Datasheet
1Mb / 2P
   Soft client for Laptops & PCs
logo
SIPAT Co,Ltd
SP35001 SIPAT-SP35001 Datasheet
160Kb / 4P
   350MHz Low-loss SAW Filter 45MHz Bandwidth
SP35001 SIPAT-SP35001 Datasheet
165Kb / 4P
   350MHz Low-loss SAW Filter 45MHz Bandwidth
logo
Sipex Corporation
SP3508 SIPEX-SP3508 Datasheet
313Kb / 33P
   Rugged 3.3V, 20Mbps, 8 Channel Multiprotocol Transceiver with Programmable DCE/DTE and Termination Resistors
logo
Exar Corporation
SP3508 EXAR-SP3508 Datasheet
914Kb / 36P
   Rugged 3.3V, 20Mbps, 8 Channel Multiprotocol Transceiver with Programmable DCE/DTE and Termination Resistors
More results

Similar Description - SP3530-01ETG

ManufacturerPart #DatasheetDescription
logo
Littelfuse
AQ3530-01LTG LITTELFUSE-AQ3530-01LTG Datasheet
956Kb / 5P
   AQ3530-01LTG, 0.3pF 22kV unidirectional TVS diode
2019 Littelfuse, Inc
AQ3530-01FTG LITTELFUSE-AQ3530-01FTG Datasheet
1Mb / 5P
   AQ3530-01FTG, 0.3pF 22kV unidirectional TVS diode
2020 Littelfuse, Inc
SC3530-01LTG LITTELFUSE-SC3530-01LTG Datasheet
624Kb / 5P
   7V, 0.3pF, 22kV, SOD523, Unidirectional TVS, Ultra Low Capacitance ESD protection
2022 Littelfuse, Inc.
logo
Yea Shin Technology Co....
YSDAXX01P YEASHIN-YSDAXX01P Datasheet
894Kb / 3P
   UNIDIRECTIONAL TVS DIODE
logo
Shanghai Leiditech Elec...
SDA08T1 LEIDITECH-SDA08T1 Datasheet
284Kb / 3P
   UNIDIRECTIONAL TVS DIODE
ULC9L5V LEIDITECH-ULC9L5V Datasheet
1Mb / 4P
   UNIDIRECTIONAL TVS DIODE
SDA1501P LEIDITECH-SDA1501P Datasheet
636Kb / 3P
   UNIDIRECTIONAL TVS DIODE
SD08 LEIDITECH-SD08 Datasheet
306Kb / 3P
   Unidirectional TVS Diode
ESD9X5.0ST5G LEIDITECH-ESD9X5.0ST5G Datasheet
326Kb / 3P
   UNIDIRECTIONAL TVS DIODE
Rev : 01.06.2014
logo
Yea Shin Technology Co....
YSESD3Z36T1G YEASHIN-YSESD3Z36T1G Datasheet
1Mb / 3P
   UNIDIRECTIONAL TVS DIODE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com