Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP3145-01WTG Datasheet(PDF) 1 Page - Littelfuse

Part # SP3145-01WTG
Description  SP3145 Series 0.35pF 20kV Unidirectional Discrete TVS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP3145-01WTG Datasheet(HTML) 1 Page - Littelfuse

  SP3145-01WTG Datasheet HTML 1Page - Littelfuse SP3145-01WTG Datasheet HTML 2Page - Littelfuse SP3145-01WTG Datasheet HTML 3Page - Littelfuse SP3145-01WTG Datasheet HTML 4Page - Littelfuse SP3145-01WTG Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
©2016 Littelfuse, Inc.
Specifications are subject to change without notice.
TVS Diode Arrays (SPA®Diodes)
Revision: 12/07/16
Low Capacitance ESD Protection - SP3145 Series
Description
Applications
Features
• ESD, IEC 61000-4-2,
±20kV contact, ±25kV air
• EFT, IEC 61000-4-4, 40A
(5/50ns)
• Lightning, IEC 61000-
4-5 2nd edition, 1A
(tP=8/20μs)
• Low capacitance of
0.35pF (@ VR=0V)
• Low leakage current of
20nA (MAX) at 2.8V
• Industry-first
unidirectional protection,
critical for data line
protection, and any
interface which does not
transit zero volts
• Industry’s smallest single
channel form factor,
nominally 01005
• Halogen free, Lead free
and RoHS compliant
• Mobile Phones
• Smart Phones
• Camcorders
• Portable Medical
• Digital Cameras
• Wearable Technology
• Portable Navigation
Devices
• Tablets
• Point of Sale Terminals
Pinout
Functional Block Diagram
Life Support Note:
Not Intended for Use in Life Support or Life Saving Applications
The products shown herein are not designed for use in life sustaining or life saving
applications unless otherwise expressly indicated.
RoHS Pb GREEN
SP3145 Series 0.35pF 20kV Unidirectional Discrete TVS
12
0201 Flipchip
Note: Drawing not to scale
The SP3145 represents an industry first: unidirectional
ESD protection in a 01005 type package. Unidirectional
protection should be favored over bi directional
performance, particularly on logic and data lines, which
typically do not transit zero volts during standard
operation. Fast-acting, semiconductor based technology
can withstand multiple ESD events, without wear-out or
degradation. Low nominal capacitance makes this product
meaningful for interfaces running at high data rates,
approaching 5 GHz clock speeds.


Similar Part No. - SP3145-01WTG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SP314 ETC-SP314 Datasheet
157Kb / 3P
   NOR GATES
SP314A ETC-SP314A Datasheet
157Kb / 3P
   NOR GATES
More results

Similar Description - SP3145-01WTG

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP3022 LITTELFUSE-SP3022 Datasheet
860Kb / 5P
   SP3022 Series 0.35pF 20kV Bidirectional Discrete TVS
AQ3041 LITTELFUSE-AQ3041 Datasheet
733Kb / 4P
   AQ3041 Series 0.5pF 20kV Unidirectional Discrete TVS
SP3030 LITTELFUSE-SP3030 Datasheet
1Mb / 4P
   SP3030 Series 0.5pF 20kV Unidirectional Discrete TVS
AQ3045 LITTELFUSE-AQ3045 Datasheet
603Kb / 4P
   AQ3045 Series 0.35pF 30kV Bidirectional Discrete TVS
SP3042 LITTELFUSE-SP3042 Datasheet
2Mb / 4P
   SP3042 Series 0.35pF 30kV Bidirectional Discrete TVS
logo
Sangdest Microelectroni...
SD72305 SMC-SD72305 Datasheet
154Kb / 5P
   Unidirectional Discrete TVS
logo
Littelfuse
SP11XX LITTELFUSE-SP11XX Datasheet
768Kb / 7P
   SP11xx Series Discrete Unidirectional TVS Diode
2020 Littelfuse, Inc
SPHV LITTELFUSE-SPHV Datasheet
987Kb / 6P
   200W Discrete Unidirectional TVS Diode
SD05-01FTG LITTELFUSE-SD05-01FTG Datasheet
1,004Kb / 7P
   450W Discrete Unidirectional TVS Diode
SP1003 LITTELFUSE-SP1003_17 Datasheet
1,009Kb / 5P
   30pF 30kV Unidirectional Discrete TVS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com