Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AME8824 Datasheet(PDF) 5 Page - Analog Microelectronics

Part # AME8824
Description  300mA CMOS LDO
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8824 Datasheet(HTML) 5 Page - Analog Microelectronics

  AME8824 Datasheet HTML 1Page - Analog Microelectronics AME8824 Datasheet HTML 2Page - Analog Microelectronics AME8824 Datasheet HTML 3Page - Analog Microelectronics AME8824 Datasheet HTML 4Page - Analog Microelectronics AME8824 Datasheet HTML 5Page - Analog Microelectronics AME8824 Datasheet HTML 6Page - Analog Microelectronics AME8824 Datasheet HTML 7Page - Analog Microelectronics AME8824 Datasheet HTML 8Page - Analog Microelectronics AME8824 Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
AME, Inc.
5
AME8824
300mA CMOS LDO
Parameter
Symbol
Min
Typ
Max
Units
Input Voltage
VIN
Note 1
7
V
Output Voltage
VO
-3
3
%
1.2V<=VO(NOM)<=2.0V
1300
2.0V<VO(NOM)<=2.8V
400
2.8V<VO(NOM)<3.8V
300
Output Current
IO
300
mA
Current Limit
ILIM
300
450
mA
Short Circuit Current
ISC
150
300
mA
Quiescent Current
IQ
30
50
µA
Ground Pin Current
IGND
35
µA
VO < 2.0V
0.15
%
VO >= 2.0V
0.02
0.1
%
Load Regulation
REGLOAD
0.2
1
%
Over Temerature Shutdown
OTS
150
oC
Over Temerature Hysterisis
OTH
30
oC
VO Temperature Coefficient
TC
30
ppm/
oC
f=1kHz
50
f=10kHz
20
f=100kHz
15
ADJ Input Bias Current
IADJ
1
µA
ADJ Reference Voltage
VREF
1.176
1.2
1.224
V
VEH
2.0
Vin
V
VEL
0
0.4
V
IEH
0.1
µA
IEL
0.5
µA
Shutdown Supply Current
ISD
0.5
1
µA
Shutdown Output Voltage
VO,SD
0
0.1
V
Output Under Voltage
VUV
85
%VO(NOM)
Output Over Voltage
VOV
115
%VO(NOM)
PG Leakage Current
ILC
1
µA
PG Voltage Rating
VPG
7
V
PG Voltage Low
VOL
0.4
V
IO=1mA
Dropout Voltage
VDROPOUT
Test Condition
PSRR
dB
IO=300mA
VO=VONOM -2.0%
mV
VO>1.2V
VO>1.2V
VO<0.8V
IO=0mA
IO=1mA to 300mA
Line Regulation
REGLINE
IO=5mA
VIN=VO+1 to VO+2
IO=1mA to 300mA
Output Voltage Noise
eN
f=10Hz to 100kHz
IO=10mA,CBYP=0µF
Power Supply Rejection
IO=100mA
CO=2.2
µF
µVrms
VIN=5V, VO=0V, VEN<VEL
EN Input Threshold
VIN=2.7V to 7V
VIN=2.7V to 7V
EN Input Bias Current
VEN=VIN, VIN=2.7V to 7V
VEN=0V, VIN=2.7V to 7V
ISINK=0.4mA
Co=2.2
µF
30
VPG=7V
VO in regulation
IO=35µA,VEN<VEL
n Electrical Specifications
TA = 25OC, V
IN=5V unless otherwise noted
Note1:V
IN(min) =VOUT+VDROPOUT


Similar Part No. - AME8824

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8824AEEY AME-AME8824AEEY Datasheet
166Kb / 14P
   300mA CMOS LDO
AME8824AEEYL AME-AME8824AEEYL Datasheet
166Kb / 14P
   300mA CMOS LDO
AME8824AEEYY AME-AME8824AEEYY Datasheet
166Kb / 14P
   300mA CMOS LDO
AME8824AEEYZ AME-AME8824AEEYZ Datasheet
166Kb / 14P
   300mA CMOS LDO
AME8824 AME-AME8824_08 Datasheet
166Kb / 14P
   300mA CMOS LDO
More results

Similar Description - AME8824

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8804 AME-AME8804 Datasheet
97Kb / 12P
   300mA CMOS LDO
logo
Unisonic Technologies
L1183B UTC-L1183B Datasheet
191Kb / 7P
   300mA CMOS LDO
logo
E-Tech Electronics LTD
L1183A ETL-L1183A Datasheet
186Kb / 6P
   300mA CMOS LDO
logo
Unisonic Technologies
L1183B UTC-L1183B_12 Datasheet
191Kb / 7P
   300mA CMOS LDO
logo
Analog Microelectronics
AME8804 AME-AME8804_12 Datasheet
171Kb / 18P
   300mA CMOS LDO
AME8824 AME-AME8824_08 Datasheet
166Kb / 14P
   300mA CMOS LDO
logo
List of Unclassifed Man...
CM2835 ETC1-CM2835 Datasheet
328Kb / 9P
   300mA CMOS LDO
logo
Analog Microelectronics
AME8803 AME-AME8803_08 Datasheet
218Kb / 19P
   300mA CMOS LDO
AME8800 AME-AME8800_08 Datasheet
365Kb / 36P
   300mA CMOS LDO
AME8801 AME-AME8801 Datasheet
114Kb / 14P
   300mA CMOS LDO
AME8803 AME-AME8803 Datasheet
117Kb / 13P
   300mA CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com