Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8610BRZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD8610BRZ
Description  Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8610BRZ Datasheet(HTML) 5 Page - Analog Devices

  AD8610BRZ Datasheet HTML 1Page - Analog Devices AD8610BRZ Datasheet HTML 2Page - Analog Devices AD8610BRZ Datasheet HTML 3Page - Analog Devices AD8610BRZ Datasheet HTML 4Page - Analog Devices AD8610BRZ Datasheet HTML 5Page - Analog Devices AD8610BRZ Datasheet HTML 6Page - Analog Devices AD8610BRZ Datasheet HTML 7Page - Analog Devices AD8610BRZ Datasheet HTML 8Page - Analog Devices AD8610BRZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
REV. D
Typical Performance Characteristics–AD8610/AD8620
–5–
INPUT OFFSET VOLTAGE –
V
14
8
6
4
2
10
12
0
250
250
150
50
150
50
VS = 13V
TPC 1. Input Offset Voltage at
±13 V
600
400
–600
200
0
–200
–400
TEMPERATURE – C
–40
25
85
125
VS = 5V
TPC 4. Input Offset Voltage vs.
Temperature at
±5 V (300 Amplifiers)
SUPPLY VOLTAGE –
V
3.0
1.5
0
2.5
1.0
0.5
2.0
013
12
3 456789 10 11 12
TPC 7. Supply Current vs.
Supply Voltage
600
400
600
200
0
200
400
VS = 13V
TEMPERATURE – C
40
25
85
125
TPC 2. Input Offset Voltage vs.
Temperature at
±13 V (300 Amplifiers)
TCVOS – V/ C
14
0
12
10
8
6
4
2
00.2
0.6
1.0
1.4
1.8
2.2
2.6
VS =
5V OR
13V
TPC 5. Input Offset Voltage Drift
VS = 13V
TEMPERATURE – C
2.55
3.05
2.85
2.65
2.95
2.75
40
25
85
125
TPC 8. Supply Current vs.
Temperature at
±13 V
VS = 5V
INPUT OFFSET VOLTAGE –
V
14
8
6
4
2
10
12
0
16
18
250
250
150
50
150
50
TPC 3. Input Offset Voltage at
±5 V
COMMON-MODE VOLTAGE – V
3.6
3.4
2.0
2.8
2.6
2.4
2.2
3.2
3.0
10
5
05
10
VS =
13V
TPC 6. Input Bias Current vs.
Common-Mode Voltage
TEMPERATURE – C
2.30
2.65
2.60
2.40
2.50
2.55
2.45
2.35
VS = 5V
40
25
85
125
TPC 9. Supply Current vs.
Temperature at
±5 V


Similar Part No. - AD8610BRZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8610BRZ AD-AD8610BRZ Datasheet
1,004Kb / 24P
   Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier
Rev. E
AD8610BRZ-REEL AD-AD8610BRZ-REEL Datasheet
1,004Kb / 24P
   Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier
Rev. E
AD8610BRZ-REEL7 AD-AD8610BRZ-REEL7 Datasheet
1,004Kb / 24P
   Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier
Rev. E
More results

Similar Description - AD8610BRZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8610 AD-AD8610_06 Datasheet
1,004Kb / 24P
   Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier
Rev. E
AD8510 AD-AD8510_07 Datasheet
465Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifiers
Rev. H
AD8610 AD-AD8610 Datasheet
41Kb / 4P
   Precision Very Low Noise Low Input Bias Current Wide Bandwidth JFET Operational Amplifiers
REV. Pr0 9/27/01
AD8510 AD-AD8510 Datasheet
497Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifiers
Rev. E
ADA4610-2 AD-ADA4610-2 Datasheet
149Kb / 4P
   Precision, Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifiers
Rev. PrA
AD8671 AD-AD8671_05 Datasheet
465Kb / 16P
   Precision, Very Low Noise, Low Input Bias Current Operational Amplifiers
REV. C
AD8671 AD-AD8671 Datasheet
92Kb / 4P
   Precision Very Low Noise Low Input Bias Current Operational Amplifiers
Rev 0.2 2/21/02
AD8672ARMZ AD-AD8672ARMZ Datasheet
439Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current Operational Amplifiers
Rev. F
AD8510 AD-AD8510_15 Datasheet
435Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current
Rev. I
AD8512ARMZ AD-AD8512ARMZ Datasheet
435Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current
Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com