Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP1326-01LTG Datasheet(PDF) 1 Page - Littelfuse

Part # SP1326-01LTG
Description  SP1326 15pF 30kV Bidirectional Discrete TVS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP1326-01LTG Datasheet(HTML) 1 Page - Littelfuse

  SP1326-01LTG Datasheet HTML 1Page - Littelfuse SP1326-01LTG Datasheet HTML 2Page - Littelfuse SP1326-01LTG Datasheet HTML 3Page - Littelfuse SP1326-01LTG Datasheet HTML 4Page - Littelfuse SP1326-01LTG Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
©2017 Littelfuse, Inc.
Specifications are subject to change without notice.
TVS Diode Arrays (SPA®Diodes)
Revision: 01/08/18
TVS Diode Arrays (SPA® Diodes)
General Purpose ESD Protection - SP1026
Description
Applications
The SP1326 back-to-back diodes are fabricated in a
proprietary silicon avalanche technology. These diodes
provide a high ESD (electrostatic discharge) protection
level for electronic equipment. The SP1326 TVS can safely
absorb repetitive ESD strikes at ±30kV (contact discharge,
IEC 61000-4-2) without performance degradation.
Additionally, each diode can safely dissipate 4A of 8/20µs
surge current (IEC 61000-4-5 2nd edition) with very low
clamping voltages.
Features
• ESD, IEC 61000-4-2,
±30kV contact, ±30kV air
• EFT, IEC 61000-4-4, 40A
(5/50ns)
• Lightning, 4A (8/20µs as
defined in IEC 61000-4-5
2nd edition)
• Low leakage current of
0.02μA (TYP) at 5V
• Space efficient
• Halogen free, Lead free
and RoHS compliant
• Moisture Sensitivity Level
(MSL -1)
• Mobile phones
• Smart phones
• Smart watches
• Tablets
• Portable navigation
components
• Portable medical
components
Life Support Note:
Not Intended for Use in Life Support or Life Saving Applications
The products shown herein are not designed for use in life sustaining or life saving
applications unless otherwise expressly indicated.
RoHS Pb GREEN
Application Example
I/O Controller
Outside
World
P1
Case GND
Keypads
P2
IC
P3
P4
SP1026 (x4)
SP1326 15pF 30kV Bidirectional Discrete TVS
Pinout and Functional Block Diagram
1
2
SP1326
SP1326 (x4)


Similar Part No. - SP1326-01LTG

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP1305 LITTELFUSE-SP1305 Datasheet
952Kb / 5P
   SP1305 30pF, 30kV TVS Diode Array
SP1305-02HTG LITTELFUSE-SP1305-02HTG Datasheet
952Kb / 5P
   SP1305 30pF, 30kV TVS Diode Array
logo
ABC Taiwan Electronics ...
SP13051R0YL ABC-SP13051R0YL Datasheet
536Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SP13051R6YL ABC-SP13051R6YL Datasheet
536Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SP13052R6YL ABC-SP13052R6YL Datasheet
536Kb / 7P
   SHIELDED SMD POWER INDUCTOR
More results

Similar Description - SP1326-01LTG

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP1005 LITTELFUSE-SP1005_17 Datasheet
915Kb / 5P
   30pF 30kV Bidirectional Discrete TVS
SP1009 LITTELFUSE-SP1009 Datasheet
656Kb / 4P
   30pF 30kV Bidirectional Discrete TVS
SP1333 LITTELFUSE-SP1333 Datasheet
644Kb / 5P
   SP1333 8pF 30kV Bidirectional Discrete TVS
2019 Littelfuse, Inc
SP1020-01WTG LITTELFUSE-SP1020-01WTG Datasheet
2Mb / 4P
   SP1020 Series 20pF 30kV Bidirectional Discrete TVS
SP1020 LITTELFUSE-SP1020 Datasheet
869Kb / 4P
   SP1020 Series 20pF 30kV Bidirectional Discrete TVS
SP3042 LITTELFUSE-SP3042 Datasheet
2Mb / 4P
   SP3042 Series 0.35pF 30kV Bidirectional Discrete TVS
AQ1005 LITTELFUSE-AQ1005 Datasheet
631Kb / 4P
   AQ1005 Series 30pF 30kV Bidirectional Discrete TVS
AQ3045 LITTELFUSE-AQ3045 Datasheet
603Kb / 4P
   AQ3045 Series 0.35pF 30kV Bidirectional Discrete TVS
SP1013 LITTELFUSE-SP1013 Datasheet
779Kb / 4P
   SP1013 Series 30pF 30kV Bidirectional Discrete TVS
SP1006 LITTELFUSE-SP1006_17 Datasheet
1Mb / 4P
   25pF 30kV Unidirectional Discrete TVS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com