Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8610BR Datasheet(PDF) 16 Page - Analog Devices

Part # AD8610BR
Description  Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8610BR Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8610BR Datasheet HTML 12Page - Analog Devices AD8610BR Datasheet HTML 13Page - Analog Devices AD8610BR Datasheet HTML 14Page - Analog Devices AD8610BR Datasheet HTML 15Page - Analog Devices AD8610BR Datasheet HTML 16Page - Analog Devices AD8610BR Datasheet HTML 17Page - Analog Devices AD8610BR Datasheet HTML 18Page - Analog Devices AD8610BR Datasheet HTML 19Page - Analog Devices AD8610BR Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
REV. D
–16–
AD8610/AD8620
High Speed, Low Noise Differential Driver
The AD8620 is a perfect candidate as a low noise differential
driver for many popular ADCs. There are also other applications,
such as balanced lines, that require differential drivers. The circuit
of Figure 30 is a unique line driver widely used in industrial applica-
tions. With
±13 V supplies, the line driver can deliver a differential
signal of 23 V p-p into a 1 k
Ω load. The high slew rate and wide
bandwidth of the AD8620 combine to yield a full power bandwidth
of 145 kHz while the low noise front end produces a referred-to-
input noise voltage spectral density of 6 nV/
√Hz. The design is a
transformerless, balanced transmission system where output
common-mode rejection of noise is of paramount importance.
Like the transformer-based design, either output can be shorted
to ground for unbalanced line driver applications without changing
the circuit gain of 1. This allows the design to be easily set to
noninverting, inverting, or differential operation.
3
2
V–
3
2
V–
V+
5
6
1k
R8
V+
R10
50
1/2 OF AD8620
R1
1k
1k
R9
1k
R4
1k
R3
AD8610
1/2 OF AD8620
6
R2
1k
7
U3
U2
R13
1k
R5
1k
R6
10k
R7
1k
R12
1k
R11
50
VO2
VO1
V–
V+
0
1
VO2 – VO1 = VIN
0
Figure 30. Differential Driver


Similar Part No. - AD8610BR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8610BR AD-AD8610BR Datasheet
41Kb / 4P
   Precision Very Low Noise Low Input Bias Current Wide Bandwidth JFET Operational Amplifiers
REV. Pr0 9/27/01
AD8610BR AD-AD8610BR Datasheet
1,004Kb / 24P
   Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier
Rev. E
AD8610BR-REEL AD-AD8610BR-REEL Datasheet
1,004Kb / 24P
   Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier
Rev. E
AD8610BR-REEL7 AD-AD8610BR-REEL7 Datasheet
1,004Kb / 24P
   Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier
Rev. E
AD8610BRZ AD-AD8610BRZ Datasheet
1,004Kb / 24P
   Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier
Rev. E
More results

Similar Description - AD8610BR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8610 AD-AD8610_06 Datasheet
1,004Kb / 24P
   Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier
Rev. E
AD8510 AD-AD8510_07 Datasheet
465Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifiers
Rev. H
AD8610 AD-AD8610 Datasheet
41Kb / 4P
   Precision Very Low Noise Low Input Bias Current Wide Bandwidth JFET Operational Amplifiers
REV. Pr0 9/27/01
AD8510 AD-AD8510 Datasheet
497Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifiers
Rev. E
ADA4610-2 AD-ADA4610-2 Datasheet
149Kb / 4P
   Precision, Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifiers
Rev. PrA
AD8671 AD-AD8671_05 Datasheet
465Kb / 16P
   Precision, Very Low Noise, Low Input Bias Current Operational Amplifiers
REV. C
AD8671 AD-AD8671 Datasheet
92Kb / 4P
   Precision Very Low Noise Low Input Bias Current Operational Amplifiers
Rev 0.2 2/21/02
AD8672ARMZ AD-AD8672ARMZ Datasheet
439Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current Operational Amplifiers
Rev. F
AD8510 AD-AD8510_15 Datasheet
435Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current
Rev. I
AD8512ARMZ AD-AD8512ARMZ Datasheet
435Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current
Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com