Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


FZT956TA Datasheet(PDF) 1 Page - Diodes Incorporated

Part No. FZT956TA
Description  200V PNP MEDIUM POWER TRANSISTOR
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DIODES [Diodes Incorporated]
Homepage  http://www.diodes.com
Logo 

   
 1 page
background image
FZT956
Datasheet Number: DS36119 Rev. 6 - 2
1 of 7
www.diodes.com
April 2017
© Diodes Incorporated
FZT956
200V PNP MEDIUM POWER TRANSISTOR IN SOT223
Features
BVCEO > -200V
IC = -2A High Continuous Collector Current
IC = -5A Peak Pulse Current
Low Saturation Voltage VCE(SAT) < -165mV @ -1A
hFE Specified up to -5A for a High Gain Hold-Up
Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
PPAP Capable (Note 4)
Mechanical Data
Case: SOT223
Case Material: Molded P
lastic. “Green” Molding Compound.
UL Flammability Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish - Matte Tin Plated Leads; Solderable per MIL-
STD-202, Method 208
Weight: 0.112 grams (Approximate)
Ordering Information (Notes 4 & 5)
Product
Compliance
Marking
Reel Size (inches)
Tape Width (mm)
Quantity per Reel
FZT956TA
AEC-Q101
FZT956
7
12
1,000
FZT956QTA
Automotive
FZT956
7
12
1,000
Notes:
1. EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. All applicable RoHS exemptions applied.
2. See https://www.diodes.com/quality/lead-free/
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. Automotive products are AEC-Q101 qualified and are PPAP capable. Automotive, AEC-Q101 and standard products are electrically and thermally
the same, except where specified. For more information, please refer to https://www.diodes.com/quality/.
5. For packaging details, go to our website at https://www.diodes.com/design/support/packaging/diodes-packaging/.
Marking Information
SOT223
SOT223
Top View
Device Symbol
Top View
Pin-Out
Green
C
E
B
FZT 956 = Product Type Marking Code
YWW = Date Code Marking
Y or Y = Last Digit of Year (ex: 7 = 2017)
WW or WW = Week Code (01
–53)
FZT
956
e3




Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl