Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


FZT955_16 Datasheet(PDF) 3 Page - Diodes Incorporated

Part No. FZT955_16
Description  140V PNP MEDIUM POWER TRANSISTOR
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DIODES [Diodes Incorporated]
Homepage  http://www.diodes.com
Logo 

   
 3 page
background image
FZT955
Datasheet Number: DS33190 Rev. 6 - 2
3 of 7
www.diodes.com
November 2016
© Diodes Incorporated
FZT955
Thermal Characteristics and Derating Information
100m
1
10
100
10m
100m
1
10
Single Pulse. T
amb
=25°C
52mmX52mm
single sided 2oz Cu
V
CE(sat)
Limit
100µs
1ms
10ms
100ms
1s
DC
Safe Operating Area
-V
CE
Collector-Emitter Voltage (V)
0
20
40
60
80
100 120 140 160
0.0
0.5
1.0
1.5
2.0
2.5
3.0
2 5 m m X 2 5 m m
sin g le sid ed 1 o z Cu
5 2 m m X 5 2 m m
sin g le sid ed 2 o z Cu
Derating Curve
Temperature (°C)
100µ
1m
10m 100m
1
10
100
1k
0
10
20
30
40
5 2 m m X 5 2 m m
sin g le sid ed 2 o z Cu
Transient Thermal Impedance
D=0.5
D=0.2
D=0.1
Single Pulse
D=0.05
Pulse Width (s)
100µ
1m
10m 100m
1
10
100
1k
1
10
100
Single Pulse. T
amb
=25°C
52mmX52mm
single sided 2oz Cu
Pulse Power Dissipation
Pulse Width (s)




Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl