Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


FZT955_16 Datasheet(PDF) 2 Page - Diodes Incorporated

Part No. FZT955_16
Description  140V PNP MEDIUM POWER TRANSISTOR
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DIODES [Diodes Incorporated]
Homepage  http://www.diodes.com
Logo 

   
 2 page
background image
FZT955
Datasheet Number: DS33190 Rev. 6 - 2
2 of 7
www.diodes.com
November 2016
© Diodes Incorporated
FZT955
Absolute Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
-180
V
Collector-Emitter Voltage
VCEO
-140
V
Emitter-Base Voltage
VEBO
-7
V
Continuous Collector Current
IC
-4
A
Peak Pulse Current
ICM
-10
A
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Power Dissipation
Linear Derating Factor
(Note 5)
PD
3.0
24
W
mW
/°C
(Note 6)
1.6
12.8
Thermal Resistance, Junction to Ambient
(Note 5)
RJA
42
°C/W
(Note 6)
RJA
78
Thermal Resistance Junction to Lead
(Note 7)
RJL
8.84
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
ESD Ratings (Note 8)
Characteristic
Symbol
Value
Unit
JEDEC Class
Electrostatic Discharge - Human Body Model
ESD HBM
4,000
V
3B
Electrostatic Discharge - Machine Model
ESD MM
400
V
C
Notes:
5. For a device mounted with the collector lead on 52mm x 52mm 2oz copper that is on a single-sided 1.6mm FR4 PCB; device is measured under still air
conditions whilst operating in steady-state.
6. Same as Note 5, except the device is mounted on 25mm x 25mm 1oz copper.
7. Thermal resistance from junction to solder-point (at the end of the collector lead).
8. Refer to JEDEC specification JESD22-A114 and JESD22-A115.




Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl