Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


FZT955_16 Datasheet(PDF) 1 Page - Diodes Incorporated

Part No. FZT955_16
Description  140V PNP MEDIUM POWER TRANSISTOR
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DIODES [Diodes Incorporated]
Homepage  http://www.diodes.com
Logo 

   
 1 page
background image
FZT955
Datasheet Number: DS33190 Rev. 6 - 2
1 of 7
www.diodes.com
November 2016
© Diodes Incorporated
FZT955
140V PNP MEDIUM POWER TRANSISTOR IN SOT223
Features
BVCEO > -140V
IC = -4A High Continuous Collector Current
ICM = -10A Peak Pulse Current
Low Saturation Voltage VCE(sat) < -150mV @ -1A
hFE Specified up to -10A for a High Gain Hold-up
Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: SOT223
Case material: Molded P
lastic. “Green” Molding Compound;
UL Flammability Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish - Matte Tin Plated Leads; Solderable per MIL-
STD-202, Method 208
Weight: 0.112 grams (Approximate)
Ordering Information (Notes 4)
Product
Marking
Reel size (inches)
Tape width (mm)
Quantity per reel
FZT955TA
FZT955
7
12
1,000
Notes:
1. EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. All applicable RoHS exemptions applied.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
SOT223
SOT223
Top View
Device Symbol
Top View
Pin-Out
Green
C
E
B
FZT
955
FZT 955 = Product Type Marking Code
YWW = Date Code Marking
Y or Y = Last Digit of Year (ex: 5= 2015)
WW or WW = Week Code (01~53)




Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl