Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FZT949 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # FZT949
Description  30V PNP MEDIUM POWER TRANSISTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FZT949 Datasheet(HTML) 5 Page - Diodes Incorporated

  FZT949 Datasheet HTML 1Page - Diodes Incorporated FZT949 Datasheet HTML 2Page - Diodes Incorporated FZT949 Datasheet HTML 3Page - Diodes Incorporated FZT949 Datasheet HTML 4Page - Diodes Incorporated FZT949 Datasheet HTML 5Page - Diodes Incorporated FZT949 Datasheet HTML 6Page - Diodes Incorporated FZT949 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
FZT949
Datasheet Number: DS38008 Rev. 2 - 2
5 of 7
www.diodes.com
April 2017
© Diodes Incorporated
FZT949
Typical Electrical Characteristics (@TA = +25°C, unless otherwise specified.)


Similar Part No. - FZT949

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FZT949 ZETEX-FZT949 Datasheet
216Kb / 5P
   PNP SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) TRANSISTORS
logo
Guangdong Kexin Industr...
FZT949 KEXIN-FZT949 Datasheet
38Kb / 2P
   PNP Silicon Planar High Current (High Performance) Transistor
logo
Diodes Incorporated
FZT949 DIODES-FZT949 Datasheet
227Kb / 5P
   SOT223 PNP SILICON PLANAR HIGH CURRENT
FZT949 DIODES-FZT949 Datasheet
227Kb / 5P
   SOT223 PNP SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) TRANSISTORS
FZT949QTA DIODES-FZT949QTA Datasheet
606Kb / 7P
   30V PNP MEDIUM POWER TRANSISTOR IN SOT223
More results

Similar Description - FZT949

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FZT9489 DIODES-FZT9489 Datasheet
606Kb / 7P
   30V PNP MEDIUM POWER TRANSISTOR IN SOT223
FZT9489 DIODES-FZT9489_15 Datasheet
606Kb / 7P
   30V PNP MEDIUM POWER TRANSISTOR IN SOT223
FZT549 DIODES-FZT549_15 Datasheet
523Kb / 7P
   30V PNP MEDIUM POWER TRANSISTOR IN SOT223
FZT589 DIODES-FZT589_15 Datasheet
524Kb / 7P
   30V PNP MEDIUM POWER TRANSISTOR IN SOT223
ZXTP2008Z DIODES-ZXTP2008Z_17 Datasheet
495Kb / 7P
   30V PNP LOW SATURATION MEDIUM POWER TRANSISTOR
FMMT589 DIODES-FMMT589_15 Datasheet
692Kb / 7P
   30V PNP MEDIUM POWER HIGH PERFORMANCE TRANSISTOR IN SOT23
ZXTP2008Z DIODES-ZXTP2008Z Datasheet
120Kb / 6P
   30V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
ZXTP2008Z DIODES-ZXTP2008Z_15 Datasheet
120Kb / 6P
   30V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
FMMT589TA DIODES-FMMT589TA Datasheet
692Kb / 7P
   30V PNP MEDIUM POWER HIGH PERFORMANCE TRANSISTOR IN SOT23
logo
Rohm
2SA2086S ROHM-2SA2086S Datasheet
96Kb / 4P
   Medium power transistor (-30V, -1A)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com