Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AIC1620 Datasheet(PDF) 5 Page - Analog Intergrations Corporation

Part # AIC1620
Description  High Efficiency Synchronous Step-Up DC/DC Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1620 Datasheet(HTML) 5 Page - Analog Intergrations Corporation

  AIC1620 Datasheet HTML 1Page - Analog Intergrations Corporation AIC1620 Datasheet HTML 2Page - Analog Intergrations Corporation AIC1620 Datasheet HTML 3Page - Analog Intergrations Corporation AIC1620 Datasheet HTML 4Page - Analog Intergrations Corporation AIC1620 Datasheet HTML 5Page - Analog Intergrations Corporation AIC1620 Datasheet HTML 6Page - Analog Intergrations Corporation AIC1620 Datasheet HTML 7Page - Analog Intergrations Corporation AIC1620 Datasheet HTML 8Page - Analog Intergrations Corporation AIC1620 Datasheet HTML 9Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AIC1620/AIC1621/AIC1622
5
n TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
0.01
0.1
1
10
100
1000
Fig. 3 V
OUT=3.3V CLSEL=GND (0.45A)
Loading (mA)
40
50
60
70
80
90
100
V
IN=2.4V
V
IN=1.2V
0.01
0.1
1
10
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
Fig. 4 Start-up Voltage vs. Load Current
Without Diode
With Diode
Load Current (mA)
1.0
1.5
2.0
2.5
3.0
3.5
4.0
-0.10
-0.08
-0.06
-0.04
-0.02
0.00
0.02
0.04
0.06
0.08
0.10
Fig. 5
Shutdown Current vs. VOUT
V
OUT (V)
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
Fig. 6
Shutdown Threshold vs. Output Voltage
Output Voltage (V)
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
0
100
200
300
400
500
600
700
800
Fig. 7
Maximum Output Current vs. Input Voltage
CLSEL=OUT
CLSEL=GND
Input Voltage (V)
VOUT=3.3V
Fig. 8 Heavy Load Waveform
LX pin waveform
VOUT AC Couple
Inductor Current
V
IN=2.4V
VOUT=3.3V


Similar Part No. - AIC1620

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1628 AIC-AIC1628 Datasheet
259Kb / 7P
   3-Cell, High-Efficiency, Step-Up DC/DC Converter
AIC1628CN AIC-AIC1628CN Datasheet
259Kb / 7P
   3-Cell, High-Efficiency, Step-Up DC/DC Converter
AIC1628CS AIC-AIC1628CS Datasheet
259Kb / 7P
   3-Cell, High-Efficiency, Step-Up DC/DC Converter
More results

Similar Description - AIC1620

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS6620 SSC-SS6620 Datasheet
640Kb / 12P
   High Efficiency Synchronous Step-Up DC/DC Converter
logo
Holtek Semiconductor In...
HT77S10 HOLTEK-HT77S10 Datasheet
537Kb / 16P
   High Efficiency Synchronous Step-Up DC/DC Converter
logo
Analog Intergrations Co...
AIC1610 AIC-AIC1610 Datasheet
651Kb / 16P
   HIGH EFFICIENCY SYNCHRONOUS STEP-UP DC/DC CONVERTER
logo
Silicon Standard Corp.
SS6610G SSC-SS6610G Datasheet
1Mb / 16P
   High-efficiency Synchronous Step-up DC/DC Converter
logo
Holtek Semiconductor In...
HT77S10 HOLTEK-HT77S10_10 Datasheet
537Kb / 16P
   High Efficiency Synchronous Step-Up DC/DC Converter
logo
ELM Electronics
ELM620BA ELM-ELM620BA Datasheet
892Kb / 10P
   high efficiency synchronous PWM step up DC/DC converter
logo
SHENZHEN FUMAN ELECTRON...
FM2306 FUMAN-FM2306 Datasheet
619Kb / 7P
   High efficiency PFM synchronous step-up DC/DC converter
logo
Shenzhen Huazhimei Semi...
HM6313 HMSEMI-HM6313 Datasheet
1Mb / 11P
   High Efficiency Low Voltage Synchronous Step-up DC/DC Converter
logo
Active-Semi, Inc
ACT6305 ACTIVE-SEMI-ACT6305_11 Datasheet
432Kb / 9P
   Low Input High Efficiency Synchronous Step-Up DC/DC Converter
Rev 2, 22-Feb-11
logo
AiT Semiconductor Inc.
A7544 AITSEMI-A7544 Datasheet
783Kb / 14P
   DC-DC CONVERTER BOOST (STEP-UP) HIGH EFFICIENCY 5A SYNCHRONOUS
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com