Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FZT657 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # FZT657
Description  300V NPN MEDIUM POWER HIGH VOLTAGE TRANSISTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FZT657 Datasheet(HTML) 3 Page - Diodes Incorporated

  FZT657 Datasheet HTML 1Page - Diodes Incorporated FZT657 Datasheet HTML 2Page - Diodes Incorporated FZT657 Datasheet HTML 3Page - Diodes Incorporated FZT657 Datasheet HTML 4Page - Diodes Incorporated FZT657 Datasheet HTML 5Page - Diodes Incorporated FZT657 Datasheet HTML 6Page - Diodes Incorporated FZT657 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
FZT657
Document number: DS33152 Rev. 6 - 2
3 of 7
www.diodes.com
April 2018
© Diodes Incorporated
FZT657
Thermal Characteristics and Derating Information
100μ
1m
10m 100m
1
10
100
1k
0
10
20
30
40
50
60
70
0
20
40
60
80
100 120 140 160
0.0
0.5
1.0
1.5
2.0
2.5
3.0
50mm x 50mm
2oz FR-4
25mm x 25mm
2oz FR-4
Derating Curve
Temperature (
o
C)
100μ
1m
10m 100m
1
10
100
1k
0
10
20
30
40
50
T
A
=25
oC
25mm x 25mm
2oz FR-4
Transient Thermal Impedance
D=0.5
D=0.2
D=0.1
Single Pulse
D=0.05
Pulse Width (s)
100μ
1m
10m 100m
1
10
100
1k
1
10
100
25mm x 25mm
2oz FR-4
50mm x 50mm
2oz FR-4
Single Pulse
T
A
=25
oC
Pulse Power Dissipation
Pulse Width (s)
D=0.1
D=0.05
Single Pulse
D=0.2
D=0.5
T
A
=25
oC
50mm x 50mm
2oz FR-4
Transient Thermal Impedance
Pulse Width (s)
µ
µ
µ
Single Pulse Test at TA = 25°C


Similar Part No. - FZT657

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FZT657 ZETEX-FZT657 Datasheet
88Kb / 2P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Guangdong Kexin Industr...
FZT657 KEXIN-FZT657 Datasheet
36Kb / 1P
   NPN Silicon Planar Medium Power Transistor
logo
Diodes Incorporated
FZT657 DIODES-FZT657 Datasheet
100Kb / 2P
   SOT223 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
List of Unclassifed Man...
FZT657 ETC2-FZT657 Datasheet
100Kb / 2P
   SOT223 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
FZT657TA ETC2-FZT657TA Datasheet
100Kb / 2P
   SOT223 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
More results

Similar Description - FZT657

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FZT657 DIODES-FZT657_15 Datasheet
616Kb / 7P
   300V NPN MEDIUM POWER HIGH VOLTAGE TRANSISTOR IN SOT223
FZT857 DIODES-FZT857_17 Datasheet
446Kb / 7P
   300V NPN MEDIUM POWER TRANSISTOR
FZT857 DIODES-FZT857_15 Datasheet
576Kb / 7P
   300V NPN MEDIUM POWER TRANSISTOR IN SOT223
FZT857TA DIODES-FZT857TA Datasheet
322Kb / 7P
   300V NPN MEDIUM POWER TRANSISTOR IN SOT223
logo
Seme LAB
2N4240 SEME-LAB-2N4240 Datasheet
17Kb / 2P
   NPN TRANSISTOR MEDIUM POWER HIGH VOLTAGE
2N3439CSM4 SEME-LAB-2N3439CSM4_01 Datasheet
40Kb / 2P
   HIGH VOLTAGE, MEDIUM POWER, NPN TRANSISTOR
logo
Diodes Incorporated
FMMTA42 DIODES-FMMTA42_15 Datasheet
269Kb / 6P
   300V NPN HIGH VOLTAGE TRANSISTOR IN SOT23
DZTA42 DIODES-DZTA42_15 Datasheet
291Kb / 7P
   300V NPN HIGH VOLTAGE TRANSISTOR IN SOT223
DZTA42Q DIODES-DZTA42Q Datasheet
468Kb / 7P
   300V NPN HIGH VOLTAGE TRANSISTOR IN SOT223
ZXTN08400BFF DIODES-ZXTN08400BFF_16 Datasheet
354Kb / 7P
   400V NPN MEDIUM POWER HIGH VOLTAGE TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com