Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMMTA92QTA Datasheet(PDF) 5 Page - Diodes Incorporated

Part # FMMTA92QTA
Description  300V PNP HIGH VOLTAGE TRANSISTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FMMTA92QTA Datasheet(HTML) 5 Page - Diodes Incorporated

  FMMTA92QTA Datasheet HTML 1Page - Diodes Incorporated FMMTA92QTA Datasheet HTML 2Page - Diodes Incorporated FMMTA92QTA Datasheet HTML 3Page - Diodes Incorporated FMMTA92QTA Datasheet HTML 4Page - Diodes Incorporated FMMTA92QTA Datasheet HTML 5Page - Diodes Incorporated FMMTA92QTA Datasheet HTML 6Page - Diodes Incorporated FMMTA92QTA Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
FMMTA92Q
Document Number: DS39239 Rev. 1 - 2
5 of 7
www.diodes.com
September 2016
© Diodes Incorporated
FMMTA92Q
Typical Electrical Characteristics (@TA = +25°C, unless otherwise specified.)


Similar Part No. - FMMTA92QTA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FMMTA92 ZETEX-FMMTA92 Datasheet
71Kb / 2P
   PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
FMMTA92 ZETEX-FMMTA92 Datasheet
81Kb / 2P
   SOT23 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
Diodes Incorporated
FMMTA92 DIODES-FMMTA92 Datasheet
81Kb / 2P
   SOT23 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
Zetex Semiconductors
FMMTA92 ZETEX-FMMTA92 Datasheet
81Kb / 2P
   SOT23 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
Diodes Incorporated
FMMTA92 DIODES-FMMTA92 Datasheet
423Kb / 7P
   300V PNP HIGH VOLTAGE TRANSISTOR
More results

Similar Description - FMMTA92QTA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MJD350 DIODES-MJD350_18 Datasheet
673Kb / 7P
   300V PNP HIGH VOLTAGE TRANSISTOR
FMMTA92 DIODES-FMMTA92_17 Datasheet
423Kb / 7P
   300V PNP HIGH VOLTAGE TRANSISTOR
FMMT597 DIODES-FMMT597_15 Datasheet
617Kb / 7P
   300V PNP HIGH VOLTAGE TRANSISTOR IN SOT23
FZT757 DIODES-FZT757_15 Datasheet
472Kb / 7P
   300V PNP HIGH VOLTAGE TRANSISTOR IN SOT223
FMMTA42 DIODES-FMMTA42_15 Datasheet
269Kb / 6P
   300V NPN HIGH VOLTAGE TRANSISTOR IN SOT23
FZT657 DIODES-FZT657_18 Datasheet
639Kb / 7P
   300V NPN MEDIUM POWER HIGH VOLTAGE TRANSISTOR
DZTA42Q DIODES-DZTA42Q Datasheet
468Kb / 7P
   300V NPN HIGH VOLTAGE TRANSISTOR IN SOT223
DZTA42 DIODES-DZTA42_15 Datasheet
291Kb / 7P
   300V NPN HIGH VOLTAGE TRANSISTOR IN SOT223
FZT957 DIODES-FZT957_15 Datasheet
788Kb / 7P
   300V PNP MEDIUM POWER TRANSISTOR IN SOT223
logo
NXP Semiconductors
PH5416 PHILIPS-PH5416 Datasheet
50Kb / 8P
   PNP high-voltage transistor
1997 Apr 22
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com