Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMMT491Q Datasheet(PDF) 1 Page - Diodes Incorporated

Part # FMMT491Q
Description  60V NPN MEDIUM POWER TRANSISTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FMMT491Q Datasheet(HTML) 1 Page - Diodes Incorporated

  FMMT491Q_16 Datasheet HTML 1Page - Diodes Incorporated FMMT491Q_16 Datasheet HTML 2Page - Diodes Incorporated FMMT491Q_16 Datasheet HTML 3Page - Diodes Incorporated FMMT491Q_16 Datasheet HTML 4Page - Diodes Incorporated FMMT491Q_16 Datasheet HTML 5Page - Diodes Incorporated FMMT491Q_16 Datasheet HTML 6Page - Diodes Incorporated FMMT491Q_16 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
FMMT491Q
Document number: DS37009 Rev. 2 - 2
1 of 7
www.diodes.com
August 2016
© Diodes Incorporated
FMMT491Q
60V NPN MEDIUM POWER TRANSISTOR IN SOT23
Description
This Bipolar Junction Transistor (BJT) is designed to meet the
stringent requirements of Automotive Applications.
Feature
BVCEO > 60V
IC = 1A Continuous Collector Current
ICM = 2A Peak Pulse Current
RCE(SAT) = 195mΩ for a Low Equivalent On-Resistance
500mW Power Dissipation
hFE Characterized up to 2A for High Current Gain Hold Up
Complementary PNP Type: FMMT591Q
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
PPAP Capable (Note 4)
Mechanical Data
Case: SOT23
Case Material: Molded Plastic
, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish
– Matte Tin Plated Leads, Solderable per
MIL-STD-202, Method 208
Weight 0.008 grams (Approximate)
Ordering Information (Notes 4 & 5)
Part Number
Compliance
Marking
Reel Size (inches)
Tape Width (mm)
Quantity per Reel
FMMT491QTA
Automotive
491
7
8
3,000
FMMT491QTC
Automotive
491
13
8
10,000
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. Automotive products are AEC-Q101 qualified and are PPAP capable. Refer to http://www.diodes.com/quality/product_compliance_definitions/.
5. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
491 = Product Type Marking Code
SOT23
Top View
Pin-Out
Top View
Device Symbol
C
E
B
C
E
B
491


Similar Part No. - FMMT491Q_16

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FMMT491Q DIODES-FMMT491Q_15 Datasheet
303Kb / 7P
   60V NPN MEDIUM POWER TRANSISTOR IN SOT23
More results

Similar Description - FMMT491Q_16

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTN25060BZQ DIODES-ZXTN25060BZQ Datasheet
549Kb / 8P
   60V NPN MEDIUM POWER TRANSISTOR
FZT851 DIODES-FZT851_17 Datasheet
455Kb / 7P
   60V NPN MEDIUM POWER TRANSISTOR
DXT2010P5 DIODES-DXT2010P5_15 Datasheet
204Kb / 7P
   60V NPN MEDIUM POWER TRANSISTOR PowerDI짰5
logo
Zetex Semiconductors
ZXTN25060BFH ZETEX-ZXTN25060BFH Datasheet
392Kb / 6P
   60V, SOT23, NPN medium power transistor
logo
Diodes Incorporated
ZXTN2018F DIODES-ZXTN2018F Datasheet
513Kb / 6P
   60V, SOT23, NPN medium power transistor
ZXTN25060BZ DIODES-ZXTN25060BZ Datasheet
780Kb / 8P
   60V, SOT89, NPN medium power transistor
logo
Zetex Semiconductors
ZXTN25060BZ ZETEX-ZXTN25060BZ Datasheet
767Kb / 8P
   60V, SOT89, NPN medium power transistor
logo
Diodes Incorporated
ZXTN25060BFH DIODES-ZXTN25060BFH Datasheet
399Kb / 6P
   60V, SOT23, NPN medium power transistor
DXT2010P5 DIODES-DXT2010P5 Datasheet
204Kb / 7P
   60V NPN MEDIUM POWER TRANSISTOR PowerDI짰5
DS32011 Rev. 2 - 2
FZT851TA DIODES-FZT851TA Datasheet
351Kb / 7P
   60V NPN MEDIUM POWER TRANSISTOR IN SOT223
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com