Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP1054 Datasheet(PDF) 1 Page - Littelfuse

Part # SP1054
Description  SP1054 25pF 30kV 01005 DFN Plastic Unidirectional Discrete TVS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP1054 Datasheet(HTML) 1 Page - Littelfuse

  SP1054 Datasheet HTML 1Page - Littelfuse SP1054 Datasheet HTML 2Page - Littelfuse SP1054 Datasheet HTML 3Page - Littelfuse SP1054 Datasheet HTML 4Page - Littelfuse SP1054 Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
©2018 Littelfuse, Inc.
Specifications are subject to change without notice.
TVS Diode Arrays (SPA®Diodes)
Revision: 02/07/18
General Purpose ESD Protection - SP1054
Description
Applications
Avalanche breakdown diodes fabricated in a proprietary
silicon avalanche technology protect each I/O pin to provide
a high level of protection for electronic equipment that
may experience destructive electrostatic discharges (ESD).
These robust diodes can safely absorb repetitive ESD
strikes at ±30kV (contact discharge, IEC 61000-4-2) without
performance degradation. Additionally, each diode can
safely withstand 2.5A surge (8/20 waveshape as defined
in IEC 61000-4-5 2nd edition) at a very low clamping voltage.
Features
• ESD, IEC 61000-4-2,
±30kV contact, ±30kV air
• EFT, IEC 61000-4-4, 40A
(5/50ns)
• Lightning, 2.5A (8/20 as
defined in IEC 61000-4-5
2nd edition)
• Low capacitance of 25.5
pF (@ V
R=0V)
• Low leakage current of
0.02μA (TYP) at 5V
• Unidirectional solutions
presents half the
dynamic resistance of
a bidirectional device
protects fasten and better
• Industry’s smallest ESD
footprint available (01005
DFN plastic)
• Moisture Sensitivity
Level(MSL -1)
• Halogen free, lead free
and RoHS compliant
• AEC-Q101 qualified
• Mobile Phones
• Smart Phones
• Camcorders
• Portable Medical
• Digital Cameras
• Wearable Technology
• Portable Navigation
Components
• Tablets
• Point of Sale Terminals
• Identification Modules
Pinout
Functional Block Diagram
Life Support Note:
Not Intended for Use in Life Support or Life Saving Applications
The products shown herein are not designed for use in life sustaining or life saving
applications unless otherwise expressly indicated.
RoHS Pb GREEN
SP1054 25pF 30kV 01005 DFN Plastic Unidirectional Discrete TVS
21
0201 Flipchip
Note: Drawing not to scale
Application Example
Shield
Signal
Ground
I/O port
Controller
(4) SP1053
B1
B2
B3
B4
Shield
Signal
Ground
I/O port
Controller
B1
B2
B3
B4
(4) SP1054


Similar Part No. - SP1054

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP1050 LITTELFUSE-SP1050 Datasheet
684Kb / 5P
   SP1050 Series for Power-over-Ethernet PSE Protection
logo
Gaomi Xinghe Electronic...
SP1050L GXELECTRONICS-SP1050L Datasheet
572Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Littelfuse
SP1053 LITTELFUSE-SP1053 Datasheet
768Kb / 5P
   SP1053 8.5pF 8kV 01005 DFN Plastic Unidirectional Discrete TVS
SP1053-01UTG LITTELFUSE-SP1053-01UTG Datasheet
768Kb / 5P
   SP1053 8.5pF 8kV 01005 DFN Plastic Unidirectional Discrete TVS
SP105301TG LITTELFUSE-SP105301TG Datasheet
768Kb / 5P
   SP1053 8.5pF 8kV 01005 DFN Plastic Unidirectional Discrete TVS
More results

Similar Description - SP1054

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP1006 LITTELFUSE-SP1006_17 Datasheet
1Mb / 4P
   25pF 30kV Unidirectional Discrete TVS
SP1053 LITTELFUSE-SP1053 Datasheet
768Kb / 5P
   SP1053 8.5pF 8kV 01005 DFN Plastic Unidirectional Discrete TVS
SP105301TG LITTELFUSE-SP105301TG Datasheet
768Kb / 5P
   SP1053 8.5pF 8kV 01005 DFN Plastic Unidirectional Discrete TVS
SP1003 LITTELFUSE-SP1003_17 Datasheet
1,009Kb / 5P
   30pF 30kV Unidirectional Discrete TVS
AQ1003 LITTELFUSE-AQ1003 Datasheet
613Kb / 5P
   AQ1003 Series - 30pF 30kV Unidirectional Discrete TVS
AQ1003-01LTG LITTELFUSE-AQ1003-01LTG Datasheet
933Kb / 5P
   AQ1003-01LTG, 30pF 30kV Unidirectional Discrete TVS
2019 Littelfuse, Inc
SP1044 LITTELFUSE-SP1044 Datasheet
2Mb / 4P
   SP1044 Series 30pF 30kV Unidirectional Discrete TVS
SP1003 LITTELFUSE-SP1003_11 Datasheet
243Kb / 4P
   SP1003 Series - 30pF 30kV Unidirectional Discrete TVS
logo
Sangdest Microelectroni...
SD72305 SMC-SD72305 Datasheet
154Kb / 5P
   Unidirectional Discrete TVS
logo
Littelfuse
SP05 LITTELFUSE-SP05_17 Datasheet
1Mb / 9P
   30pF 30kV Unidirectional TVS Array
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com