Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NTE331 Datasheet(PDF) 1 Page - NTE Electronics

Part No. NTE331
Description  Silicon Complementary Transistors Audio Power Amp, Switch
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE331 Datasheet(HTML) 1 Page - NTE Electronics

  NTE331 Datasheet HTML 1Page - NTE Electronics NTE331 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTE331 (NPN) & NTE332 (PNP)
Silicon Complementary Transistors
Audio Power Amp, Switch
Description:
The NTE331 (NPN) and NTE332 (PNP) are silicon epitaxial–base complementary power transistors
in a TO–220 plastic package intended for use in power linear and switching applications.
Absolute Maximum Ratings:
Collector–Base Voltage (IE = 0), VCBO
100V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Collector–Emitter Voltage (IB = 0), VCEO
100V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Emitter–Base Voltage (IC = 0), VEBO
5V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Emitter Current, IE
15A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Collector Current, IC
15A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Base Current, IB
5A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Total Power Dissipation (TC ≤ +25°C), PD
90W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Junction Temperature, TJ
+150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–65
° to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Thermal Resistance Junction–to–Case, RthJC
1.4
°C/W Max
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Electrical Characteristics: (TC = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector Cutoff Current
ICBO
IE = 0, VCB = 100V
500
µA
IE = 0, VCB = 100V, TC = +150°C
5
mA
Collector Cutoff Current
ICEO
IB = 0, VCE = 50V
1
mA
Emitter Cutoff Current
IEBO
IC = 0, VEB = 5V
1
mA
Collector–Emitter Sustaining
Voltage
VCEO(sus) IB = 0, IC = 100mA, Note 1
100
V
Collector–Emitter Saturation
VCE(sat)
IC = 5A, IB = 0.5A, Note 1
1
V
Voltage
IC = 10A, IB = 2.5A, Note 1
3
V


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn