Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AC23V8000 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AC23V8000
Description  1MX8 BIT CMOS MASK ROM
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AC23V8000 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AC23V8000 Datasheet HTML 1Page - List of Unclassifed Manufacturers AC23V8000 Datasheet HTML 2Page - List of Unclassifed Manufacturers AC23V8000 Datasheet HTML 3Page - List of Unclassifed Manufacturers AC23V8000 Datasheet HTML 4Page - List of Unclassifed Manufacturers AC23V8000 Datasheet HTML 5Page - List of Unclassifed Manufacturers AC23V8000 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ARTCHIPs
AC23V8000
1MX8 BIT
CMOS MASK ROM
Description
Key features
• 1,048,576 X 8bit organiszation
• Single 3.3V power supply operation
• Access Time : 70/100/120ns (Max)
• Standby Current : 50
(Max)
• Operating Current : 35
(Max)
• TTL compatible inputs and outputs
• 3-State outputs for wired-OR expansion
• Programmable CE or OE pin
• Fully static operation
• Package
AC23V8000
: Die in waffle pack tray
The AC23V8000 high performance read only memory is organized 1,048,576 x 8 bit (byte mode) and has
an access time of 70/100/120ns. The low power feature allows the battery operation. The large size of
8M bit memory density is ideal for charactergenerator, data or program memory in micro-processor
application. The AC23V8000 is provided as die form in waffle pack tray.
Pin Description
Pin
Function
A0~A19
Address inputs
Q0~Q7
Data Outputs
CEB*
Chip Enable input
OEB*
Output Enable input
VCC
Power supply
VSS
Ground
* User selectable polarity
• CEB : CE/CEB
• OEB : OE/OEB
Pin Configuration
Page 1 of 6
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23 24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
NC
A6
NC
A5
A4
Q6
Q7
CEB
A10
OEB
NC
NC
A11
A9
NC
A8
NC
NC
NC
NC
NC
A3
A2
A1
A0
NC
Bonding Pad
No Bonding Pad


Similar Part No. - AC23V8000

ManufacturerPart #DatasheetDescription
logo
TP-Link Technologies Co...
AC2300 TP-LINK-AC2300 Datasheet
2Mb / 7P
   MU-MIMO Wi-Fi Router
logo
Teledyne Technologies I...
AC2327 TELEDYNE-AC2327 Datasheet
179Kb / 2P
   TO-8 CASCADABLE AMPLIFIER
AC2348 TELEDYNE-AC2348 Datasheet
176Kb / 2P
   TO-8 CASCADABLE AMPLIFIER
AC2356 TELEDYNE-AC2356 Datasheet
130Kb / 1P
   1700 TO 2300 MHz TO-8 CASCADABLE AMPLIFIER
AC2366 TELEDYNE-AC2366 Datasheet
176Kb / 2P
   10 TO 2300 MHz TO-8 CASCADABLE AMPLIFIER
More results

Similar Description - AC23V8000

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM23V8105D SAMSUNG-KM23V8105D Datasheet
91Kb / 5P
   8M-Bit (1Mx8 /512Kx16) CMOS MASK ROM
logo
Sanyo Semicon Device
LC3101 SANYO-LC3101 Datasheet
289Kb / 14P
   128K-BIT CMOS MASK ROM
logo
Holtek Semiconductor In...
HT23C040 HOLTEK-HT23C040 Datasheet
140Kb / 10P
   CMOS 512Kx8-Bit Mask ROM
HT23C512 HOLTEK-HT23C512_1 Datasheet
121Kb / 12P
   CMOS 64Kx8-Bit Mask ROM
logo
List of Unclassifed Man...
HY23V16202 ETC1-HY23V16202 Datasheet
132Kb / 8P
   1MX16/2MX8 BIT CMOS MASK ROM
logo
Holtek Semiconductor In...
HT23C256 HOLTEK-HT23C256 Datasheet
242Kb / 8P
   CMOS 32Kx 8-Bit Mask ROM
HT23C512 HOLTEK-HT23C512 Datasheet
239Kb / 8P
   CMOS 64Kx 8-Bit Mask ROM
logo
List of Unclassifed Man...
SIS23C128A ETC1-SIS23C128A Datasheet
91Kb / 1P
   CMOS MASK ROM
AC23C16200B ETC-AC23C16200B Datasheet
80Kb / 8P
   1MX16/2MX8 BIT CMOS MASK ROM
logo
Holtek Semiconductor In...
HT23C128 HOLTEK-HT23C128 Datasheet
248Kb / 8P
   CMOS 16Kx 8-Bit Mask ROM
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com