Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AAT3242 Datasheet(PDF) 1 Page - Advanced Analogic Technologies

Part No. AAT3242
Description  300mA/150mA Dual CMOS LDO Linear Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ANALOGICTECH [Advanced Analogic Technologies]
Homepage  http://www.analogictech.com
Logo 

AAT3242 Datasheet(HTML) 1 Page - Advanced Analogic Technologies

 
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
AAT3242
300mA/150mA Dual CMOS LDO Linear Regulator
3242.2005.01.1.4
1
PowerLinear
General Description
The AAT3242 is a dual low dropout linear regulator
with Power OK (POK) outputs. Two integrated reg-
ulators provide a high power 300mA output and a
lower power 150mA output, making this device
ideal for use with microprocessors and DSP cores
in portable products. Two POK pins provide open
drain output signals when their respective regulator
output is within regulation. The AAT3242 has inde-
pendent input voltage and enable pins for increased
design flexibility. This device features a very low
quiescent current (140µA typical) and low dropout
voltages (typically 200mV and 400mV at the full
output current level), making it ideal for portable
applications where extended battery life is critical.
The AAT3242 has complete over-current/short-cir-
cuit and over-temperature protection circuits to
guard against extreme operating conditions.
The AAT3242 is available in a space-saving 12-pin
TSOPJW package. This device is capable of oper-
ation over the -40°C to +85°C temperature range.
Features
High/Low Current Outputs, 300mA/150mA
Low Dropout:
LDO A: 400mV at 300mA
LDO B: 200mV at 150mA
High Output Voltage Accuracy: ±1.5%
High PSRR: 65dB at 1KHz
70µA Quiescent Current for Each LDO
Over-Current/Short-Circuit Protection
Over-Temperature Protection
Two POK Outputs
Independent Power and Enable Inputs
Uses Low Equivalent Series Resistance
(ESR) Ceramic Capacitors
12-Pin TSOPJW Package
-40°C to +85°C Temperature Range
Applications
Cellular Phones
Digital Cameras
Handheld Instruments
Microprocessor / DSP Core / I/O Power
Notebook Computers
PDAs and Handheld Computers
Portable Communication Devices
Typical Application
AAT3242
2.2µF
100k
2.2µF
Enable B
Enable A
VIN
OUTPUT A
OUTPUT B
POKA
100k
POKB
POKA
OUTA
OUTB
POKB
GND
ENB
INB
INA
ENA


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn