Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AAT3242 Datasheet(PDF) 3 Page - Advanced Analogic Technologies

Part No. AAT3242
Description  300mA/150mA Dual CMOS LDO Linear Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ANALOGICTECH [Advanced Analogic Technologies]
Homepage  http://www.analogictech.com
Logo 

AAT3242 Datasheet(HTML) 3 Page - Advanced Analogic Technologies

 
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
AAT3242
300mA/150mA Dual CMOS LDO Linear Regulator
3242.2005.01.1.4
3
Absolute Maximum Ratings
1
Notes:
1: Stresses above those listed in Absolute Maximum Ratings may cause permanent damage to the device. Functional operation at condi-
tions other than the operating conditions specified is not implied. Only one Absolute Maximum Rating should be applied at any one time.
2: Based on long-term current density limitation.
Thermal Information
Note 1: Mounted on an FR4 board.
Note 2: Derate 9.1mW/°C above 25°C.
Symbol
Description
Value
Units
θJA
Thermal Resistance 1
110
°C/W
PD
Maximum Power Dissipation (TA = 25°C) 2
909
mW
Symbol
Description
Value
Units
VIN
Input Voltage
6.0
V
VENIN(MAX)
Maximum EN to Input Voltage
0.3
V
IOUT 2
DC Output Current
PD/(VIN-VO)mA
TJ
Operating Junction Temperature Range
-40 to 150
°C
TLEAD
Maximum Soldering Temperature (at leads, 10 sec)
300
°C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn