Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMCG28A-HR Datasheet(PDF) 1 Page - Littelfuse

Part # SMCG28A-HR
Description  The SMCG-HR series is designed specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SMCG28A-HR Datasheet(HTML) 1 Page - Littelfuse

  SMCG28A-HR Datasheet HTML 1Page - Littelfuse SMCG28A-HR Datasheet HTML 2Page - Littelfuse SMCG28A-HR Datasheet HTML 3Page - Littelfuse SMCG28A-HR Datasheet HTML 4Page - Littelfuse SMCG28A-HR Datasheet HTML 5Page - Littelfuse SMCG28A-HR Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Transient Voltage Suppression Diodes
©2015 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 11/09/15
Surface Mount – 1500W > SMCG-HR series
SMCG-HR Series
TVS devices are ideal for the protection of I/O Interfaces,
V
CC bus and other vulnerable circuits used in Telecom,
Computer, Industrial and Consumer electronic applications.
Applications
• High-Reliabilityup-
screened for critical
applicationsrequirehigher
reliabilityperformance
andlowinfantmortality
failures.
• Excellentclamping
capability
• Lowincrementalsurge
resistance
• TypicalI
R less than 1µA
above 12V
• Forsurfacemounted
applications to optimize
board space
• Lbendleadforminggives
bestsolderbilityforHi
reliabilityapplication
•Typicalfailuremodeis
shortfromover-specified
voltageorcurrent
•Whiskertestisconducted
basedonJEDEC
JESD201Aperitstable4a
and4c
•IEC-61000-4-2ESD
15kV(Air),8kV(Contact)
•ESDprotectionofdata
lines in accordance with
IEC61000-4-2(IEC801-2)
•EFTprotectionofdata
lines in accordance with
IEC61000-4-4(IEC801-4)
• Built-instrainrelief
• Fastresponsetime:
typicallylessthan1.0ps
from0VtoBVmin
• 1500Wpeakpulsepower
capabilityat10/1000μs
waveform, repetition rate
(dutycycles):0.01%
V
BR @TJ= VBR@25°Cx(1+αT
x(T
J -25))(αT:Temperature
Coefficient,typicalvalueis
0.1%)
• Glasspassivatedchip
junction
• Hightemperature
solderingguaranteed:
260°C/10secondsat
terminals
•MeetMSLlevel1,per
J-STD-020,LFmaximun
peakof260°C
• Mattetinlead–freeplated
•Halogenfree
RoHScompliantwith
exemption7aand7c-I
•2ndlevelinterconnectis
Pb-freeperIPC/JEDEC
J-STD-609A.01
Features
TheSMCG-HRseriesisdesignedspecificallytoprotect
sensitiveelectronicequipmentfromvoltagetransients
inducedbylightningandothertransientvoltageevents.
Description
Parameter
Symbol
Value
Unit
PeakPulsePowerDissipationat
T
A=25ºC by10/1000µswaveform
(Fig.2)(Note1),(Note2)
P
PPM
1500
W
PowerDissipationoninfiniteheat
sinkatT
A=50
O
C
P
M(AV)
6.5
W
PeakForwardSurgeCurrent,8.3ms
SingleHalfSineWave(Note3)
I
FSM
200
A
MaximumInstantaneousForward
Voltageat100AforUnidirectional
only
V
F
3.5
V
OperatingJunctionandStorage
TemperatureRange
T
J, TSTG
-65to150
°C
TypicalThermalResistanceJunction
toLead
R
uJL
15
°C/W
TypicalThermalResistanceJunction
to Ambient
R
uJA
75
°C/W
Notes:
1.Non-repetitivecurrentpulse,perFig.4andderatedaboveT
A = 25
O
CperFig.3.
2.Mountedoncopperpadareaof0.31x0.31”(8.0x8.0mm)toeachterminal.
3.Measuredon8.3mssinglehalfsinewaveorequivalentsquarewaveforunidirectional
deviceonly,dutycycle=4perminutemaximum.
Maximum Ratings and Thermal Characteristics
(T
A=25
O
C unless otherwise noted)
Agency Approvals
AGENCY
AGENCY FILE NUMBER
E230531
Functional Diagram
Bi-directional
Uni-directional
Cathode
Anode
RoHS
Pb e3


Similar Part No. - SMCG28A-HR

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SMCG28A GE-SMCG28A Datasheet
103Kb / 5P
   SURFACE MOUNT TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
SMCG28A MICROSEMI-SMCG28A Datasheet
144Kb / 3P
   UNIDIRECTIONAL AND BIDIRECTIONAL SURFACE MOUNT
SMCG28A MICROSEMI-SMCG28A Datasheet
584Kb / 4P
   SURFACE MOUNT 1500 Watt Transient Voltage Suppressor
logo
Vishay Siliconix
SMCG28A VISHAY-SMCG28A Datasheet
114Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
logo
Digitron Semiconductors
SMCG28A DIGITRON-SMCG28A Datasheet
520Kb / 4P
   TRANSIENT ABSORPTION ZENER DIODES
More results

Similar Description - SMCG28A-HR

ManufacturerPart #DatasheetDescription
logo
Littelfuse
TP6KE LITTELFUSE-TP6KE Datasheet
947Kb / 5P
   specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events
SMBJ LITTELFUSE-SMBJ Datasheet
987Kb / 6P
   The SMBJ is designed specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events
5.0SMDJ LITTELFUSE-5.0SMDJ Datasheet
1,002Kb / 6P
   The 5.0SMDJ series is designed specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events
SMF33 LITTELFUSE-SMF33 Datasheet
995Kb / 4P
   SMF3.3 is designed specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events
SMA6J LITTELFUSE-SMA6J Datasheet
772Kb / 6P
   The SMA6J series is designed specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events
15KPA LITTELFUSE-15KPA Datasheet
989Kb / 6P
   The 15KPA Series is designed specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events
SAC LITTELFUSE-SAC Datasheet
747Kb / 4P
   The SAC Series is designed specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events
SMCJ LITTELFUSE-SMCJ Datasheet
967Kb / 6P
   The SMCJ series is designed specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events
SMA6L LITTELFUSE-SMA6L Datasheet
1Mb / 6P
   The SMA6L series is designed specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events
SMF LITTELFUSE-SMF Datasheet
928Kb / 6P
   The SMF series is designed specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com