Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMA6L24A Datasheet(PDF) 1 Page - Littelfuse

Part # SMA6L24A
Description  The SMA6L series is designed specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SMA6L24A Datasheet(HTML) 1 Page - Littelfuse

  SMA6L24A Datasheet HTML 1Page - Littelfuse SMA6L24A Datasheet HTML 2Page - Littelfuse SMA6L24A Datasheet HTML 3Page - Littelfuse SMA6L24A Datasheet HTML 4Page - Littelfuse SMA6L24A Datasheet HTML 5Page - Littelfuse SMA6L24A Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Transient Voltage Suppression Diodes
© 2016 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 08/31/16
Surface Mount – 600W > SMA6L series
Description
Features
Maximum Ratings and Thermal Characteristics
(T
A=25
O
C unless otherwise noted)
Parameter
Symbol
Value
Unit
Peak Pulse Power Dissipation at
T
A=25ºC by 10/1000µs Waveform
(Fig.2)(Note 1), (Note 2)
P
PPM
600
W
Power Dissipation on Infinite Heat
Sink at T
L=50
O
C
P
D
3
W
Peak Forward Surge Current, 8.3ms
Single Half Sine Wave (Note 3)
I
FSM
60
A
Maximum Instantaneous Forward
Voltage at 25A for Unidirectional
Only
V
F
3.5
V
Operating Temperature Range
T
J
-65 to 150
°C
Storage Temperature Range
T
STG
-65 to 175
°C
Typical Thermal Resistance Junction
to Lead
R
θJL
35
°C/W
Typical Thermal Resistance Junction
to Ambient
R
θJA
200
°C/W
Notes:
1. Non-repetitive current pulse, per Fig.4 and derated above T
J (initial) =25ºC per Fig. 3.
2. Mounted on 5.0x5.0mm copper pad to each terminal.
3. Measured on 8.3ms single half sine wave or equivalent square wave for unidirectional
device only.
The SMA6L series is designed specifically to protect
sensitive electronic equipment from voltage transients
induced by lightning and other transient voltage events.
SMA low profile package has the same electronical
performance as the SMB package but with lowest height
profiles (1.1mm) in the industry.
Applications
TVS devices are ideal for the protection of I/O Interfaces,
V
CC bus and other vulnerable circuits used in Telecom,
Computer, Industrial and Consumer electronic
applications.
• Same power as standard
SMB devices (600 W)
• SMA low profile package:
less than 1.1 mm
• Footprint compatibility
with standard SMA and
SMB products (easy to
layout)
• Typical failure mode is
short from over-specified
voltage or current
• Whisker test is conducted
based on JEDEC
JESD201A per its table 4a
and 4c
• IEC-61000-4-2 ESD
30kV(Air), 30kV (Contact)
• ESD protection of data
lines in accordance with
IEC 61000-4-2
• EFT protection of data
lines in accordance with
IEC 61000-4-4
• Low inductance, excellent
clamping capability
• Fast response time:
typically less than 1.0ns
from 0 Volts to V
BR min
• Built-in strain relief
• Glass passivated junction
• Typical I
R less than 1μA
when V
BR min>12V
• High temperature
to reflow soldering
guaranteed: 260°C/40sec
• V
BR @ TJ= VBR@25°C
x (1+αT x (T
J - 25))
(αT:Temperature
Coefficient, typical value
is 0.1%)
• Plastic package is
flammability rated
V-0 per Underwriters
Laboratories
• Meet MSL level1, per
J-STD-020, LF maximun
peak of 260°C
• Matte tin lead–free plated
• Halogen free and RoHS
compliant
• Pb-free E3 means 2nd
level interconnect is
Pb-free and the terminal
finish material is tin(Sn)
(IPC/JEDEC J-STD-
609A.01)
SMA6L Series
Functional Diagram
Bi-directional
Uni-directional
Cathode
Anode
Uni-directional
Agency Approvals
AGENCY
AGENCY FILE NUMBER
E230531
RoHS
Pb e3
Datasheet
Additional Infomarion
Resources
Samples


Similar Part No. - SMA6L24A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SMA6L24A LITTELFUSE-SMA6L24A Datasheet
1Mb / 6P
   SMA6L Series
logo
Unisonic Technologies
SMA6L24A UTC-SMA6L24A Datasheet
286Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
More results

Similar Description - SMA6L24A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
TP6KE LITTELFUSE-TP6KE Datasheet
947Kb / 5P
   specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events
SMBJ LITTELFUSE-SMBJ Datasheet
987Kb / 6P
   The SMBJ is designed specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events
5.0SMDJ LITTELFUSE-5.0SMDJ Datasheet
1,002Kb / 6P
   The 5.0SMDJ series is designed specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events
SMF33 LITTELFUSE-SMF33 Datasheet
995Kb / 4P
   SMF3.3 is designed specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events
SMA6J LITTELFUSE-SMA6J Datasheet
772Kb / 6P
   The SMA6J series is designed specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events
15KPA LITTELFUSE-15KPA Datasheet
989Kb / 6P
   The 15KPA Series is designed specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events
SAC LITTELFUSE-SAC Datasheet
747Kb / 4P
   The SAC Series is designed specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events
SMCJ LITTELFUSE-SMCJ Datasheet
967Kb / 6P
   The SMCJ series is designed specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events
SMF LITTELFUSE-SMF Datasheet
928Kb / 6P
   The SMF series is designed specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events
3.0SMC LITTELFUSE-3.0SMC Datasheet
899Kb / 5P
   The 3.0SMC series is designed specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com